Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NS4L107T Datasheet(PDF) 6 Page - NICHIA CORPORATION

Part # NS4L107T
Description  WARM WHITE LED
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NS4L107T Datasheet(HTML) 6 Page - NICHIA CORPORATION

Back Button NS4L107T Datasheet HTML 2Page - NICHIA CORPORATION NS4L107T Datasheet HTML 3Page - NICHIA CORPORATION NS4L107T Datasheet HTML 4Page - NICHIA CORPORATION NS4L107T Datasheet HTML 5Page - NICHIA CORPORATION NS4L107T Datasheet HTML 6Page - NICHIA CORPORATION NS4L107T Datasheet HTML 7Page - NICHIA CORPORATION NS4L107T Datasheet HTML 8Page - NICHIA CORPORATION NS4L107T Datasheet HTML 9Page - NICHIA CORPORATION NS4L107T Datasheet HTML 10Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
-5-
7.CAUTIONS
The LEDs are devices which are materialized by combining Blue LEDs and special phosphors.
Consequently, the color of the LEDs is changed a little by an operating current.
Care should be taken after due consideration when using LEDs.
(1) Moisture Proof Package
· When moisture is absorbed into the SMT package it may vaporize and expand during soldering.
There is a possibility that this can cause exfoliation of the contacts and damage the optical
characteristics of the LEDs.
For this reason, the moisture proof package is used to keep moisture
to a minimum in the package.
· The moisture proof package is made of an aluminum moisture proof bag. A package of
a moisture absorbent material (silica gel) is inserted into the aluminium moisture proof bag.
The silica gel changes its color from blue to pink as it absorbs moisture.
(2) Storage
· Storage Conditions
Before opening the package :
The LEDs should be kept at 30°C or less and 90%RH or less. The LEDs should be used within
a year.
When storing the LEDs, moisture proof packaging with absorbent material (silica gel)
is recommended.
After opening the package :
The LEDs should be kept at 30°C or less and 70%RH or less. The LEDs should be soldered
within 168 hours (7days) after opening the package.
If unused LEDs remain, they should be
stored in the moisture proof packages, such as sealed containers with packages of moisture
absorbent material (silica gel).
It is also recommended to return the LEDs to the original
moisture proof bag and to reseal the moisture proof bag again.
· If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the storage
time, baking treatment should be performed using the following condition.
Baking treatment : more than 24 hours at 65 ± 5°C
· This product has silver plated metal parts that are inside and/or outside the package body.
The silver
plating becomes tarnished when being exposed to an environment which contains corrosive gases.
Any LED with tarnished leads may lead to poor solderability and deterioration of optical characteristics.
Please do not expose the LEDs to corrosive atmosphere during storage.
· After assembly and during use, silver plating can be affected by the corrosive gases emitted by
components and materials in close proximity of the LEDs within an end product, and the gases entering
into the product from the external atmosphere. The above should be taken into consideration when
designing.
· Please avoid rapid transitions in ambient temperature, especially in high humidity environments where
condensation can occur.
Nichia STS-DA1-0204
<Cat.No.080513>


Similar Part No. - NS4L107T

ManufacturerPart #DatasheetDescription
logo
Shenzhen Naxinwei Techn...
NS4110 NSIWAY-NS4110 Datasheet
611Kb / 14P
   Class AB/D dual-mode, 10W mono audio amplifier
V1.0
logo
Shenzhenshi YONGFUKANG ...
NS4110B YONGFUKANG-NS4110B Datasheet
1Mb / 9P
   NS4110B Ultra Low EMI, Differential Input, 20W Mono AB/D Class Audio Power Amplifier
logo
List of Unclassifed Man...
NS4110B ETC-NS4110B Datasheet
1Mb / 11P
   18W Mono Class AB/D Dual Mode Audio Power Amplifier
2017 V1.0
NS4148 ETC1-NS4148 Datasheet
1Mb / 16P
   Low EMI,Filterless,3W Mono Class D Audio Amplifier
logo
Shenzhenshi YONGFUKANG ...
NS4149 YONGFUKANG-NS4149 Datasheet
754Kb / 14P
   Ultra low EMI, no filter, 3W mono digital audio amplifier
More results

Similar Description - NS4L107T

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
NSPL515DS MARL-NSPL515DS Datasheet
500Kb / 15P
   WARM WHITE LED
logo
NICHIA CORPORATION
NSPL515S NICHIA-NSPL515S Datasheet
333Kb / 15P
   WARM WHITE LED
NESL064AT NICHIA-NESL064AT Datasheet
521Kb / 15P
   WARM WHITE LED
NFSL036LT NICHIA-NFSL036LT Datasheet
304Kb / 14P
   WARM WHITE LED
NSPL500DS NICHIA-NSPL500DS Datasheet
486Kb / 13P
   WARM WHITE LED
NSPL510S NICHIA-NSPL510S Datasheet
417Kb / 15P
   WARM WHITE LED
NFSL036CT-H1 NICHIA-NFSL036CT-H1 Datasheet
522Kb / 15P
   WARM WHITE LED
NGPLR70ASS NICHIA-NGPLR70ASS Datasheet
270Kb / 13P
   WARM WHITE LED
NSPL510DS NICHIA-NSPL510DS Datasheet
475Kb / 13P
   WARM WHITE LED
NSPLR70ASS NICHIA-NSPLR70ASS Datasheet
409Kb / 13P
   WARM WHITE LED
logo
Marl International Limi...
NSPL500DS MARL-NSPL500DS Datasheet
494Kb / 14P
   WARM WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com