Electronic Components Datasheet Search |
|
RT9198A-4GPBR Datasheet(PDF) 5 Page - Richtek Technology Corporation |
|
RT9198A-4GPBR Datasheet(HTML) 5 Page - Richtek Technology Corporation |
5 / 18 page RT9198/A 5 DS9198/A-12 May 2008 www.richtek.com Note 1. Stresses listed as the above "Absolute Maximum Ratings" may cause permanent damage to the device. These are for stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may remain possibility to affect device reliability. Note 2. Devices are ESD sensitive. Handling precaution is recommended. Note 3. The device is not guaranteed to function outside its operating conditions. Note 4. θJA is measured in the natural convection at TA = 25°C on a low effective single layers thermal conductivity test board of JEDEC 51-3 thermal measurement standard. The case point of θJC is on the exposed pad for the package. Note 5. The dropout voltage is defined as VIN -VOUT, which is measured when VOUT is VOUT(NORMAL) − 100mV. Parameter Symbol Test Conditions Min Typ Max Units Logic-Low Voltage VIL RT9198, VIN = 3V to 5.5V, Shutdown RT9198A, VIN = 3V to 5.5V, Enable -- -- 0.4 EN Threshold Logic-High Voltage VIH RT9198, VIN = 3V to 5.5V, Enable RT9198A, VIN = 3V to 5.5V, Shutdown 1.2 -- -- V f = 100Hz -- −60 -- Power Supply Rejection Rate f = 10kHz PSRR COUT = 1μF, IOUT = 100mA -- −30 -- dB Thermal Shutdown Temperature TSD -- 165 -- °C Thermal Shutdown Temperature Hysteresis ΔTSD -- 30 -- °C |
Similar Part No. - RT9198A-4GPBR |
|
Similar Description - RT9198A-4GPBR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |