Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

381EL152M180A042 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 381EL152M180A042
Description  105 ?C Ultra-Long Life Snap-In, Aluminum
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

381EL152M180A042 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  381EL152M180A042 Datasheet HTML 1Page - List of Unclassifed Manufacturers 381EL152M180A042 Datasheet HTML 2Page - List of Unclassifed Manufacturers 381EL152M180A042 Datasheet HTML 3Page - List of Unclassifed Manufacturers 381EL152M180A042 Datasheet HTML 4Page - List of Unclassifed Manufacturers 381EL152M180A042 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 381EL 105 ºC Ultra-Long Life Snap-In, Aluminum
Insulated Case Dimensions
Outline Drawing
Part Numbering System
381EL
Type
821
Capacitance
390 = 39 µF
122 = 1200 µF
M
Tolerance
M = ±20%
200
Rated
Voltage
Vdc
K04
2
Case Code
Insulation
2=PVC
Typical Performance Curves
Case
Code
DIAMETER
D
LENGTH
L
Typical
Weight
Case
Code
DIAMETER
D
LENGTH
L
Typical
Weight
mm
inches
mm
inches
(grams)
mm
inches
mm
inches
(grams)
H01
22
0.87
25
0.98
16
K01
30
1.18
25
0.98
30
H02
22
0.87
30
1.18
19
K02
30
1.18
30
1.18
35
H03
22
0.87
35
1.38
22
K03
30
1.18
35
1.38
40
H04
22
0.87
40
1.57
24
K04
30
1.18
40
1.57
44
H45
22
0.87
45
1.77
28
K45
30
1.18
45
1.77
49
H05
22
0.87
50
1.97
31
K05
30
1.18
50
1.97
53
J01
25
0.98
25
0.98
20
A01
35
1.38
25
0.98
42
J02
25
0.98
30
1.18
24
A02
35
1.38
30
1.18
48
J03
25
0.98
35
1.38
27
A03
35
1.38
35
1.38
54
J04
25
0.98
40
1.57
31
A04
35
1.38
40
1.57
60
J45
25
0.98
45
1.77
35
A45
35
1.38
45
1.77
67
J05
25
0.98
50
1.97
38
A05
35
1.38
50
1.97
74


Similar Part No. - 381EL152M180A042

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
381EL152M180A042 CDE-381EL152M180A042 Datasheet
372Kb / 5P
   Ultra-Long Life Snap-In, Aluminum
More results

Similar Description - 381EL152M180A042

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
381EL CDE-381EL Datasheet
372Kb / 5P
   Ultra-Long Life Snap-In, Aluminum
logo
Vishay Siliconix
158PUL-SI VISHAY-158PUL-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 18-Aug-08
159PUL-SI VISHAY-159PUL-SI_12 Datasheet
109Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 09-Mar-12
159PUL-SI VISHAY-159PUL-SI Datasheet
102Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 14-Oct-08
090PULSI VISHAY-090PULSI_15 Datasheet
100Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
158PUL-SI VISHAY-158PUL-SI_11 Datasheet
115Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 17-Aug-11
090PUL-SI VISHAY-090PUL-SI Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
158PULSI VISHAY-158PULSI_15 Datasheet
108Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
logo
United Chemi-Con, Inc.
ELXG500VSN CHEMI-CON-ELXG500VSN Datasheet
457Kb / 3P
   Long life snap-ins, 105?
ELXS421VSN CHEMI-CON-ELXS421VSN Datasheet
426Kb / 3P
   Long life snap-ins, 105?
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com