Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NS6L083AT-H1 Datasheet(PDF) 10 Page - NICHIA CORPORATION

Part # NS6L083AT-H1
Description  TYPE WARM WHITE LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NS6L083AT-H1 Datasheet(HTML) 10 Page - NICHIA CORPORATION

Back Button NS6L083AT-H1 Datasheet HTML 6Page - NICHIA CORPORATION NS6L083AT-H1 Datasheet HTML 7Page - NICHIA CORPORATION NS6L083AT-H1 Datasheet HTML 8Page - NICHIA CORPORATION NS6L083AT-H1 Datasheet HTML 9Page - NICHIA CORPORATION NS6L083AT-H1 Datasheet HTML 10Page - NICHIA CORPORATION NS6L083AT-H1 Datasheet HTML 11Page - NICHIA CORPORATION NS6L083AT-H1 Datasheet HTML 12Page - NICHIA CORPORATION NS6L083AT-H1 Datasheet HTML 13Page - NICHIA CORPORATION NS6L083AT-H1 Datasheet HTML 14Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Thermal resistance
Rja=35°C/W
Thermal resistance
Rja=65°C/W
Typical measuring PWB
1000
100
10
300
600
500
400
0
100
350
160
270
020
60 80 100
40
-40 -20
0
20
60 80 100
40
-40 -20
5.0
4.5
4.0
3.5
3.0
2.5
2.5
3.0
3.5
4.0
5.0
4.5
Forward Current IFP (mA)
Ambient Temperature vs.
Allowable Forward Current
Ambient Temperature Ta (°C)
Ambient Temperature vs.
Relative Luminous Flux
Ambient Temperature Ta (°C)
Ambient Temperature vs.
Forward Voltage
Ambient Temperature Ta (°C)
Duty Ratio (%)
Forward Current vs.
Relative Luminous Flux
Forward Voltage VF (V)
Forward Voltage vs.
Forward Current
Duty Ratio vs.
Allowable Forward Current
1
5
10
20
100
50
2.0
1.0
0.5
0.2
2.5
2.0
0.5
0
1.5
1.0
1000
600
350
200
100
80
100
40
020
60
Ta=25°C
Ta=25°C
IFP=300mA
IFP=300mA
Ta=25°C
0 100
400
700
300
200
500 600
Model
NS6L083A-H1
NICHIA CORPORATION Title
No.
070703768151
CHARACTERISTICS


Similar Part No. - NS6L083AT-H1

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NS6L083AT NICHIA-NS6L083AT Datasheet
380Kb / 14P
   WARM WHITE LED
More results

Similar Description - NS6L083AT-H1

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NJSL036LT NICHIA-NJSL036LT Datasheet
592Kb / 17P
   TYPE WARM WHITE LED
NS6L083T NICHIA-NS6L083T Datasheet
523Kb / 14P
   TYPE WARM WHITE LED
NJSL107T NICHIA-NJSL107T Datasheet
620Kb / 18P
   TYPE WARM WHITE LED
logo
Marl International Limi...
NSPL515DS MARL-NSPL515DS Datasheet
500Kb / 15P
   WARM WHITE LED
logo
NICHIA CORPORATION
NSPL515S NICHIA-NSPL515S Datasheet
333Kb / 15P
   WARM WHITE LED
NESL064AT NICHIA-NESL064AT Datasheet
521Kb / 15P
   WARM WHITE LED
NFSL036LT NICHIA-NFSL036LT Datasheet
304Kb / 14P
   WARM WHITE LED
NSPL500DS NICHIA-NSPL500DS Datasheet
486Kb / 13P
   WARM WHITE LED
NSPL510S NICHIA-NSPL510S Datasheet
417Kb / 15P
   WARM WHITE LED
NFSL036CT-H1 NICHIA-NFSL036CT-H1 Datasheet
522Kb / 15P
   WARM WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com