Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

380LX153M025J042 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 380LX153M025J042
Description  85 ?C High-Capacitance Snap-In
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

380LX153M025J042 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  380LX153M025J042 Datasheet HTML 1Page - List of Unclassifed Manufacturers 380LX153M025J042 Datasheet HTML 2Page - List of Unclassifed Manufacturers 380LX153M025J042 Datasheet HTML 3Page - List of Unclassifed Manufacturers 380LX153M025J042 Datasheet HTML 4Page - List of Unclassifed Manufacturers 380LX153M025J042 Datasheet HTML 5Page - List of Unclassifed Manufacturers 380LX153M025J042 Datasheet HTML 6Page - List of Unclassifed Manufacturers 380LX153M025J042 Datasheet HTML 7Page - List of Unclassifed Manufacturers 380LX153M025J042 Datasheet HTML 8Page - List of Unclassifed Manufacturers 380LX153M025J042 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Types 380L, 382L, 380LX & 382LX, 85 ºC High-Capacitance Snap-In
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Types 380L, 382L, 380LX & 382LX, 85 ºC High-Capacitance Snap-In
Types 380L, 382L, 380LX & 382LX, 85 ºC High-Capacitance Snap-In
Insulated Case Dimensions
Part Numbering System
382LX
272
M
200
N05
2
V
380LX (2 pins)
333 = 33000 µF
Vdc
blank = 4 pins
Type
Capacitance
Tolerance
Rated
Case Code Insulation 382L & LX
380L (2 pins)
272 = 2700 µF
M = ±20%
Voltage
2 = PVC
# of pins
Typical Performance Curves
Case
Code
DIAMETER
"D"
LENGTH
"L"
Typical
Weight
Case
Code
DIAMETER
"D"
LENGTH
"L"
Typical
Weight
mm inches mm inches (grams)
mm inches mm inches (grams)
H20
22
0.87
20
0.79
14
A20
35
1.38
20
0.79
35
H01
22
0.87
25
0.98
16
A01
35
1.38
25
0.98
42
H02
22
0.87
30
1.18
19
A02
35
1.38
30
1.18
48
H03
22
0.87
35
1.38
22
A03
35
1.38
35
1.38
54
H04
22
0.87
40
1.57
24
A04
35
1.38
40
1.57
62
H45
22
0.87
45
1.77
28
A45
35
1.38
45
1.77
67
H05
22
0.87
50
1.97
31
A05
35
1.38
50
1.97
74
J20
25
0.98
20
0.79
16
A06
35
1.38
63
2.48
88
J01
25
0.98
25
0.98
20
A07
35
1.38
70
2.76
98
J02
25
0.98
30
1.18
24
A08
35
1.38
80
3.15
112
J03
25
0.98
35
1.38
27
A10
35
1.38
105
4.13
144
J04
25
0.98
40
1.57
31
N04
40
1.57
40
1.57
82
J45
25
0.98
45
1.77
35
N05
40
1.57
50
1.97
105
J05
25
0.98
50
1.97
38
N06
40
1.57
63
2.48
130
K20
30
1.18
20
0.79
25
N08
40
1.57
80
3.15
185
K01
30
1.18
25
0.98
30
N10
40
1.57
105
4.13
265
K02
30
1.18
30
1.18
35
B05
50
1.97
50
1.97
136
K03
30
1.18
35
1.38
40
B06
50
1.97
63
2.48
168
K04
30
1.18
40
1.57
44
B08
50
1.97
80
3.15
239
K45
30
1.18
45
1.77
48
B09
50
1.97
92
3.62
241
K05
30
1.18
50
1.97
53
B10
50
1.97
105
4.13
325
(35 or 40 mm dia)
V = 5 pins
(40 or 50 mm dia)
382L (4 or 5 pins)
382LX (4 or 5 pins)


Similar Part No. - 380LX153M025J042

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
380LX153M025J042 CDE-380LX153M025J042 Datasheet
464Kb / 12P
   High-Capacitance Snap-In
logo
List of Unclassifed Man...
380LX153M025J042 ETC2-380LX153M025J042 Datasheet
242Kb / 14P
   Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
More results

Similar Description - 380LX153M025J042

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
380LX473M016K052 ETC2-380LX473M016K052 Datasheet
242Kb / 14P
   Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
logo
Vishay Siliconix
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
380L CDE-380L Datasheet
464Kb / 12P
   High-Capacitance Snap-In
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
LPX391M160A1P3 CDE-LPX391M160A1P3 Datasheet
158Kb / 3P
   85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com