Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

380LX183M025K032 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 380LX183M025K032
Description  85 ?C High-Capacitance Snap-In
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

380LX183M025K032 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 380LX183M025K032 Datasheet HTML 4Page - List of Unclassifed Manufacturers 380LX183M025K032 Datasheet HTML 5Page - List of Unclassifed Manufacturers 380LX183M025K032 Datasheet HTML 6Page - List of Unclassifed Manufacturers 380LX183M025K032 Datasheet HTML 7Page - List of Unclassifed Manufacturers 380LX183M025K032 Datasheet HTML 8Page - List of Unclassifed Manufacturers 380LX183M025K032 Datasheet HTML 9Page - List of Unclassifed Manufacturers 380LX183M025K032 Datasheet HTML 10Page - List of Unclassifed Manufacturers 380LX183M025K032 Datasheet HTML 11Page - List of Unclassifed Manufacturers 380LX183M025K032 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Types 380L, 382L, 380LX & 382LX, 85 ºC High-Capacitance Snap-In
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Types 380L, 382L, 380LX & 382LX, 85 ºC High-Capacitance Snap-In
Types 380L, 382L, 380LX & 382LX, 85 ºC High-Capacitance Snap-In
Max. ESR
Ripple Amps
Nom.
Max. ESR
Ripple Amps
Nom.
Cap.
Catalog
Ω@ 25 °C
Max. @ 85 °C
D x L
Cap.
Catalog
Ω@ 25 °C
Max. @ 85 °C
D x L
(µF)
Part Number
120 Hz20 kHz
120 Hz20 kHz
(mm)
(µF)
Part Number
120 Hz20 kHz
120 Hz20 kHz
(mm)
400 Vdc (450 Vdc Surge)
450 Vdc (500 Vdc Surge)
390 380LX391M400A032
0.470
0.160
2.10
3.00
35 x 35
33 380LX330M450H202
6.029
2.400
0.20
0.30
22 x 20
470 380LX471M400A042
0.388
0.136
2.39
3.35
35 x 40
33 380LX330M450H012
6.029
2.400
0.40
0.57
22 x 25
560 380LX561M400A452
0.326
0.114
2.69
3.77
35 x 45
47 380LX470M450H012
4.230
1.690
0.59
0.83
22 x 25
560 382LX561M400N042
0.326
0.114
2.70
3.80
40 x 40
47 380LX470M450J202
4.230
1.690
0.30
0.40
25 x 20
680 380LX681M400A052
0.270
0.095
3.00
4.20
35 x 50
56 380LX560M450H012
3.000
1.190
0.70
1.00
22 x 25
680 382LX681M400N052
0.270
0.095
3.40
4.70
40 x 50
68 380LX680M450H022
2.926
1.170
0.80
1.10
22 x 30
820 380LX821M400A062
0.222
0.078
3.55
4.97
35 x 63
68 380LX680M450K202
2.926
1.170
0.40
0.50
30 x 20
820 382LX821M400N052
0.222
0.078
3.40
4.70
40 x 50
82 380LX820M450H022
2.000
0.810
0.80
1.20
22 x 30
1000 380L102M400A082
0.179
0.099
3.60
4.80
35 x 80
82 380LX820M450J012
2.000
0.810
0.80
1.20
25 x 25
1000 382LX102M400N062
0.199
0.127
4.20
5.80
40 x 63
100 380LX101M450H032
1.660
0.660
0.90
1.30
22 x 35
1000 382LX102M400B052V
0.199
0.080
4.76
5.47
50 x 50
100 380LX101M450J022
1.660
0.660
0.90
1.30
25 x 30
1200 380LX122M400A082
0.152
0.053
4.52
6.33
35 x 80
100 380LX101M450K012
1.989
1.015
0.90
1.30
30 x 25
1200 382LX122M400N062
0.152
0.053
4.52
6.33
40 x 63
100 380LX101M450A202
1.989
1.015
0.50
0.70
35 x 20
1200 382LX122M400B062V
0.166
0.066
5.47
7.66
50 x 63
120 380LX121M450H042
1.380
0.550
1.00
1.50
22 x 40
1500 380LX152M400A102
0.122
0.043
5.44
7.62
35 x 105
120 380LX121M450J022
1.380
0.550
1.00
1.50
25 x 30
1500 382LX152M400N082
0.122
0.043
5.50
7.70
40 x 80
120 380LX121M450K012
1.380
0.550
1.00
1.50
30 x 25
1500 382LX152M400B082V
0.133
0.053
6.47
9.06
50 x 80
150 380LX151M450H052
1.100
0.440
1.20
1.70
22 x 50
1800 382LX182M400N102
0.101
0.035
6.53
9.14
40 x 105
150 380LX151M450J042
1.100
0.440
1.20
1.70
25 x 40
1800 382LX182M400B092V
0.111
0.044
7.35
10.29
50 x 92
150 380LX151M450K022
1.100
0.440
1.20
1.70
30 x 30
2200 382LX222M400B102V
0.090
0.036
8.43
11.80
50 x 105
180 380LX181M450J042
0.921
0.368
1.35
1.89
25 x 40
420 Vdc (470 Vdc Surge)
180 380LX181M450K022
0.921
0.368
1.35
1.89
30 x 30
82 380LX820M420H022
2.430
0.850
0.80
1.15
22 x 30
180 380LX181M450A012
0.921
0.368
1.40
1.90
35 x 25
100 380LX101M420H022
2.000
0.700
0.90
1.30
22 x 30
220 380LX221M450J452
0.754
0.301
1.55
2.17
25 x 45
100 380LX101M420J012
2.000
0.700
0.90
1.30
25 x 25
220 380LX221M450K032
0.754
0.301
1.55
2.17
30 x 35
120 380LX121M420H032
1.660
0.590
1.00
1.40
22 x 35
220 380LX221M450A022
0.904
0.461
1.60
2.20
35 x 30
120 380LX121M420J022
1.660
0.590
1.00
1.40
25 x 30
270 380LX271M450K452
0.680
0.270
1.80
2.50
30 x 45
150 380LX151M420H042
1.330
0.450
1.15
1.60
22 x 40
270 380LX271M450A022
0.680
0.270
1.80
2.50
35 x 30
150 380LX151M420J022
1.330
0.450
1.15
1.60
25 x 30
330 380LX331M450K052
0.550
0.250
2.00
2.80
30 x 50
150 380LX151M420K012
1.330
0.450
1.15
1.60
30 x 25
330 380LX331M450A032
0.553
0.221
2.01
2.81
35 x 35
180 380LX181M420J012
1.100
0.390
1.45
2.00
22 x 45
390 380LX391M450A452
0.510
0.260
2.20
3.10
35 x 45
180 380LX181M420J032
1.100
0.390
1.45
2.00
25 x 35
470 380LX471M450A452
0.423
0.233
2.53
3.54
35 x 45
180 380LX181M420K022
1.100
0.390
1.45
2.00
30 x 30
470 382LX471M450N042
0.423
0.233
2.53
3.54
40 x 40
220 380LX221M420J452
0.900
0.320
1.50
2.10
25 x 45
560 380LX561M450A052
0.355
0.171
2.50
3.50
35 x 50
220 380LX221M420K022
0.900
0.320
1.50
2.10
30 x 30
560 380LX561M450A062
0.355
0.195
2.90
4.10
35 x 63
220 380LX221M420A012
0.900
0.320
1.50
2.10
35 x 25
680 380L681M450A072
0.226
0.120
3.20
4.20
35 x 70
270 380LX271M420J052
0.740
0.260
1.70
2.30
25 x 50
680 382LX681M450N052
0.290
0.160
3.15
4.40
40 x 50
270 380LX271M420K032
0.740
0.260
1.70
2.30
30 x 35
680 382L681M450N062
0.201
0.109
3.40
4.50
40 x 63
270 380LX271M420A022
0.740
0.260
1.70
1.93
35 x 30
820 382LX821M450N062
0.243
0.133
3.70
5.20
40 x 63
330 380LX331M420K452
0.600
0.210
1.90
2.68
30 x 45
820 380LX821M450A082
0.243
0.133
3.80
5.30
35 x 80
330 380LX331M420A032
0.600
0.210
1.90
2.68
35 x 35
820 382LX821M450B052V
0.263
0.145
4.31
4.96
50 x 50
390 380LX391M420K052
0.500
0.180
2.10
3.00
30 x 50
1000 382LX102M450N082
0.216
0.119
4.20
5.90
40 x 80
390 380LX391M420A042
0.500
0.180
2.10
3.00
35 x 40
1000 382LX102M450B062V
0.216
0.119
4.96
6.94
50 x 63
470 380LX471M420A452
0.420
0.150
2.40
3.35
35 x 45
1200 380LX122M450A102
0.166
0.091
4.80
6.72
35 x 105
560 380LX561M420A052
0.355
0.125
2.70
3.80
35 x 50
1200 382LX122M450N082
0.166
0.091
4.85
6.80
40 x 80


Similar Part No. - 380LX183M025K032

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
380LX183M025K032 CDE-380LX183M025K032 Datasheet
464Kb / 12P
   High-Capacitance Snap-In
logo
List of Unclassifed Man...
380LX183M025K032 ETC2-380LX183M025K032 Datasheet
242Kb / 14P
   Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
logo
Cornell Dubilier Electr...
380LX183M025K032 CDE-380LX183M025K032 Datasheet
575Kb / 12P
   Latest available ratings, worldwide
380LX183M025K032 CDE-380LX183M025K032 Datasheet
1Mb / 12P
   2, 4 and 5 pin styles available
More results

Similar Description - 380LX183M025K032

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
380LX473M016K052 ETC2-380LX473M016K052 Datasheet
242Kb / 14P
   Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
logo
Vishay Siliconix
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
380L CDE-380L Datasheet
464Kb / 12P
   High-Capacitance Snap-In
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
LPX391M160A1P3 CDE-LPX391M160A1P3 Datasheet
158Kb / 3P
   85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com