Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSHU550A Datasheet(PDF) 6 Page - NICHIA CORPORATION

Part # NSHU550A
Description  UV LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSHU550A Datasheet(HTML) 6 Page - NICHIA CORPORATION

Back Button NSHU550A Datasheet HTML 2Page - NICHIA CORPORATION NSHU550A Datasheet HTML 3Page - NICHIA CORPORATION NSHU550A Datasheet HTML 4Page - NICHIA CORPORATION NSHU550A Datasheet HTML 5Page - NICHIA CORPORATION NSHU550A Datasheet HTML 6Page - NICHIA CORPORATION NSHU550A Datasheet HTML 7Page - NICHIA CORPORATION NSHU550A Datasheet HTML 8Page - NICHIA CORPORATION NSHU550A Datasheet HTML 9Page - NICHIA CORPORATION NSHU550A Datasheet HTML 10Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
-5-
Nichia
STSE-CH2056C
<Cat.No.
040206>
(5) Soldering Conditions
· Solder the LED no closer than 3mm from the base of the lead.
· Recommended soldering conditions
Dip Soldering
Soldering
Pre-Heat
Pre-Heat Time
Solder Bath
Temperature
Dipping Time
Dipping Position
120°C Max.
60 seconds Max.
260°C Max.
10 seconds Max.
No lower than 3 mm from the
base of the lead.
Temperature
Soldering Time
Position
350°C Max.
3 seconds Max.
No closer than 3 mm from the
base of the lead.
· Do not apply any stress to the lead particularly when heated.
· The LEDs must not be repositioned after soldering.
· After soldering the LEDs, the lead should be protected from mechanical shock or vibration until
the LEDs return to room temperature.
· Direct soldering onto a PC board should be avoided.
Mechanical stress to the glass may be caused
from warping of the PC board or from the clinching and cutting of the leads.
When it is
absolutely necessary, the LEDs may be mounted in this fashion but the User will assume responsibility
for any problems.
Direct soldering should only be done after testing has confirmed that no damage,
such as wire bond failure or glass deterioration, will occur.
Nichia’s LEDs should not be soldered
directly to double sided PC boards because the heat will deteriorate the glass.
· When it is necessary to clamp the LEDs to prevent soldering failure, it is important to minimize
the mechanical stress on the LEDs.
· Cut the LED leads at room temperature.
Cutting the leads at high temperatures may
cause failure of the LEDs.
(6) Heat Generation
· Thermal design of the end product is of paramount importance.
Please consider the heat generation
of the LED when making the system design.
The coefficient of temperature increase per input
electric power is affected by the thermal resistance of the circuit board and density of LED placement
on the board, as well as other components. It is necessary to avoid intense heat generation and operate
within the maximum ratings given in this specification.
· The operating current should be decided after considering the ambient maximum temperature of LEDs.
(7) Cleaning
· It is recommended that isopropyl alcohol be used as a solvent for cleaning the LEDs.
When using
other solvents, it should be confirmed beforehand whether the solvents will dissolve the resin or not.
Freon solvents should not be used to clean the LEDs because of worldwide regulations.
· Do not clean the LEDs by the ultrasonic.
When it is absolutely necessary, the influence of ultrasonic
cleaning on the LEDs depends on factors such as ultrasonic power and the assembled condition.
Before cleaning, a pre-test should be done to confirm whether any damage to the LEDs will occur.


Similar Part No. - NSHU550A

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSHU550B NICHIA-NSHU550B Datasheet
218Kb / 14P
   UV LED
logo
List of Unclassifed Man...
NSHU550E ETC2-NSHU550E Datasheet
71Kb / 1P
   UV LED
More results

Similar Description - NSHU550A

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
XSL-365-TF ROITHNER-XSL-365-TF Datasheet
297Kb / 5P
   UV LED
VL410-5-15 ROITHNER-VL410-5-15 Datasheet
217Kb / 4P
   UV LED
logo
NICHIA CORPORATION
NCSU035C NICHIA-NCSU035C Datasheet
295Kb / 19P
   UV LED
NSHU550B NICHIA-NSHU550B Datasheet
218Kb / 14P
   UV LED
logo
Roithner LaserTechnik G...
XSL-365-SD ROITHNER-XSL-365-SD Datasheet
395Kb / 5P
   UV LED
XSL-375-TB-5 ROITHNER-XSL-375-TB-5 Datasheet
287Kb / 5P
   UV LED
LED375 ROITHNER-LED375 Datasheet
907Kb / 8P
   UV LED
logo
NICHIA CORPORATION
NSSU100CT NICHIA-NSSU100CT_18 Datasheet
280Kb / 18P
   UV LED
NSSU123T NICHIA-NSSU123T_18 Datasheet
288Kb / 18P
   UV LED
NCSU275T-U375 NICHIA-NCSU275T-U375 Datasheet
299Kb / 18P
   UV LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com