Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

325881U035GE1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 325881U035GE1
Description  –55 ?C to 125 ?C Long-Life, Switching Power Grade Radial High Temperature and Ultra-Low ESR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

325881U035GE1 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  325881U035GE1 Datasheet HTML 1Page - List of Unclassifed Manufacturers 325881U035GE1 Datasheet HTML 2Page - List of Unclassifed Manufacturers 325881U035GE1 Datasheet HTML 3Page - List of Unclassifed Manufacturers 325881U035GE1 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 325/326, –55 ºC to 125 ºC Long-Life, Switching Power Grade Radial
Typical Performance Curves
325
393
U
6R3
JS
1
E


Similar Part No. - 325881U035GE1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
325881U035GE1 CDE-325881U035GE1 Datasheet
331Kb / 4P
   Long-Life, Switching Power Grade Radial High Temperature and Ultra-Low ESR
325881U035GE1 CDE-325881U035GE1 Datasheet
1Mb / 5P
   High Temperature and Ultra-Low ESR
More results

Similar Description - 325881U035GE1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
325 CDE-325 Datasheet
331Kb / 4P
   Long-Life, Switching Power Grade Radial High Temperature and Ultra-Low ESR
logo
List of Unclassifed Man...
330153U6R3GT2 ETC2-330153U6R3GT2 Datasheet
365Kb / 5P
   -55 ?C to 105 ?C Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
logo
Cornell Dubilier Electr...
330 CDE-330 Datasheet
365Kb / 5P
   Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
300 CDE-300 Datasheet
487Kb / 11P
   Long-Life, Switching Power Grade Radial
MLS193M5R0EK0C CDE-MLS193M5R0EK0C Datasheet
467Kb / 4P
   125 ?C Stainless Flatpack,Ultra-Long Life, Aluminum
logo
RFE international
RUK RFE-RUK Datasheet
989Kb / 5P
   Aluminum Electrolytic Capacitors RUK Series: Radial, Long Life, 125°C
07-OCT-2023
logo
List of Unclassifed Man...
400C262M100AK8 ETC2-400C262M100AK8 Datasheet
343Kb / 6P
   95 ?C, Long-Life, C Radial Leaded, Aluminum Electrolytic
logo
Cornell Dubilier Electr...
400C CDE-400C Datasheet
343Kb / 6P
   Long-Life, C Radial Leaded, Aluminum Electrolytic
MLP193M7R5EK0A CDE-MLP193M7R5EK0A Datasheet
454Kb / 5P
   85 ?C Flatpack, Ultra-Long Life, Aluminum
ATB CDE-ATB Datasheet
341Kb / 2P
   105°C Long Life, Low Impedance
Sep-21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com