Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSPAR70BSS Datasheet(PDF) 5 Page - NICHIA CORPORATION

Part # NSPAR70BSS
Description  AMBER LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPAR70BSS Datasheet(HTML) 5 Page - NICHIA CORPORATION

  NSPAR70BSS Datasheet HTML 1Page - NICHIA CORPORATION NSPAR70BSS Datasheet HTML 2Page - NICHIA CORPORATION NSPAR70BSS Datasheet HTML 3Page - NICHIA CORPORATION NSPAR70BSS Datasheet HTML 4Page - NICHIA CORPORATION NSPAR70BSS Datasheet HTML 5Page - NICHIA CORPORATION NSPAR70BSS Datasheet HTML 6Page - NICHIA CORPORATION NSPAR70BSS Datasheet HTML 7Page - NICHIA CORPORATION NSPAR70BSS Datasheet HTML 8Page - NICHIA CORPORATION NSPAR70BSS Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
-4-
Nichia
STSE-CA7130A
<Cat.No.070713>
7.CAUTIONS
The LEDs are devices which are materialized by combining Blue LEDs and special phosphors.
Consequently, the color of the LEDs is changed a little by an operating current.
Care should be taken after due consideration when using LEDs.
(1) Storage
· Storage Conditions
Before opening the package :
The LEDs should be kept at 30°C or less and 90%RH or less. The LEDs should be used within a
year.
When storing the LEDs, moisture proof packaging with absorbent material (silica gel)
is recommended.
After opening the package :
The LEDs should be kept at 30°C or less and 70%RH or less.
The LEDs should be soldered
within 168 hours (7days) after opening the package.
If unused LEDs remain, they should be
stored in moisture proof packages, such as sealed containers with packages of moisture absorbent
material (silica gel).
It is also recommended to return the LEDs to the original moisture proof bag
and to reseal the moisture proof bag again.
· If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the storage
time, baking treatment should be performed using the following conditions.
Baking treatment : more than 24 hours at 85°C
· Nichia LED leadframes are silver plated copper alloy.
The silver surface may be affected by
environments which contain corrosive substances. Please avoid conditions which may cause the LED
to corrode, tarnish or discolor. This corrosion or discoloration may cause difficulty during soldering
operations. It is recommended that the LEDs be used as soon as possible.
· Please avoid rapid transitions in ambient temperature, especially, in high humidity environments where
condensation can occur.
(2) Circuit Design
· The LEDs should not be constantly subjected to reverse voltage.
(3) Heat Generation
· Thermal design of the end product is of paramount importance.
Please consider the heat generation
of the LED when making the system design.
The coefficient of temperature increase per input
electric power is affected by the thermal resistance of the circuit board and density of LED placement
on the board, as well as other components.
It is necessary to avoid intense heat generation and operate
within the maximum ratings given in this specification.
· Please determine the operating current with consideration of the ambient temperature local to the LED
and refer to the plot of Ambient temperature vs. Allowable Forward Current on CHARACTERISTICS
in this specifications.
Please also take measures to remove heat from the area near the LED to improve
the operational characteristics of the LED.
· The equation 1 indicates correlation between Tj and Ta, and the equation 2 indicates correlation
between Tj and Ts.
Tj=Ta + Rja W
1
Tj=Ts + Rjs W
2
Tj = Dice Temperature : °C,
Ta = Ambient Temperature : °C,
Ts = Solder Temperature (Cathode Side) : °C,
Rja = Heat resistance from Dice to Ambient temperature : °C /W,
Rjs = Heat resistance from Dice to Ts measuring point : °C /W,
W = Inputting Power (IF
VF) : W


Similar Part No. - NSPAR70BSS

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPAR70ASS NICHIA-NSPAR70ASS Datasheet
250Kb / 13P
   AMBER LED
More results

Similar Description - NSPAR70BSS

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NGPAR70ASS NICHIA-NGPAR70ASS Datasheet
268Kb / 13P
   AMBER LED
logo
Lucky Light Electronic
LL-503AD2E-A1 LUCKY-LIGHT-LL-503AD2E-A1 Datasheet
137Kb / 7P
   Amber LED
LL-503AD2E-A1 LUCKY-LIGHT-LL-503AD2E-A1_15 Datasheet
137Kb / 7P
   Amber LED
LL-463ADS LUCKY-LIGHT-LL-463ADS_15 Datasheet
136Kb / 7P
   Amber LED
logo
NICHIA CORPORATION
NFSA123DT NICHIA-NFSA123DT Datasheet
275Kb / 18P
   AMBER LED
NCSA119BT-V1 NICHIA-NCSA119BT-V1 Datasheet
275Kb / 18P
    AMBER LED
NCSAE17AT NICHIA-NCSAE17AT Datasheet
297Kb / 19P
   AMBER LED
NCSA170DT NICHIA-NCSA170DT Datasheet
290Kb / 19P
   AMBER LED
NESA064T NICHIA-NESA064T_18 Datasheet
277Kb / 18P
   AMBER LED
logo
Lucky Light Electronic
LL-553AD1D-A1 LUCKY-LIGHT-LL-553AD1D-A1_15 Datasheet
132Kb / 7P
   Amber LED
logo
NICHIA CORPORATION
NFSA072T NICHIA-NFSA072T Datasheet
325Kb / 14P
   AMBER LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com