Electronic Components Datasheet Search |
|
MEXY2A152K Datasheet(PDF) 1 Page - Cornell Dubilier Electronics |
|
MEXY2A152K Datasheet(HTML) 1 Page - Cornell Dubilier Electronics |
1 / 2 page Type MEXY Class X2 and Y2/X2, Polyester Film Capacitors C≤0.33 µF: 15000 MΩ min. (20 ºC 100 Vdc 60 s) C>0.33 µF: 5000 MΩ x µF min. (20 ºC 500 Vdc 60 s) 2000 MΩ min. (20 ºC 100 Vdc 60 s) Metallized Box Style, Vac Rated Interference Suppression and Across-the-line Vac Applications The Type MEXY metallized polyester class X2 and Y2/X2 film capacitors are ideal for across-the-line and line-to-ground interference suppression circuit applications. This product features the self-healing capabilities associated with metallized polyester, compact design and flame retardant construction meets UL 94V0. Specifications Dielectric Strength: Between terminals: 575 Vac, 1768 Vdc 60 s Between terminals: 1500 Vac, 2121 Vdc 60 s (0.001 to 0.0068 µF) Between terminals to enclosure: 2050 Vac 60 s Agency Approvals S RoHS Compliant Voltage Range: 275 Vac/250 Vac, 60 Hz Capacitance Range: 0.001 µF - 2.2 µF Capacitance Tolerance: ±10% Std. ±20% Optl. Operating Temperature Range: –40 °C to 100 °C Dissipation Factor: 1.0% max. (20 ºC, 1kHz) Insulation Resistance: Pulse Capability Body Length (L) Rated AC Voltage 15 mm 17.5 mm 25.5 mm 30.5 mm dV/dt - volts per microsecond, maximum 275/250 118 62 33 29 Agency Specification # Agency/CDE File # Application Voltage Capacitance Range UL 1414 E171988 Across-the-line Capacitors 250 Vac .001 to 1.0 µF UL Antenna-coupling and Line-bypass Capacitors 250 Vac .001 to 1.0 µF UL 1283 (4th Ed) E223166 Electromagnetic Interference (EMI) Filters 250 Vac 1.2 to 2.2 µF CSA C22.2 No. 1-94 218093 Across-the-line Capacitors 250 Vac .001 to 1.0 µF CSA Antenna-isolation and Line-by-pass Capacitors CSA C22.2 No.8-M1986 218095 Electromagnetic Interference (EMI) Filters 250 Vac 1.2 to 2.2 µF VDE IEC60384-14, 1993 40004840 Class Y2/X2 275 Vac 0.001 to 0.0068 µF EN132400 Class X2 275 Vac 0.0082 to 2.2 µF CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com |
Similar Part No. - MEXY2A152K |
|
Similar Description - MEXY2A152K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |