Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

382LX563M025N052 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 382LX563M025N052
Description  85 ?C High-Capacitance Snap-In
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

382LX563M025N052 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  382LX563M025N052 Datasheet HTML 1Page - List of Unclassifed Manufacturers 382LX563M025N052 Datasheet HTML 2Page - List of Unclassifed Manufacturers 382LX563M025N052 Datasheet HTML 3Page - List of Unclassifed Manufacturers 382LX563M025N052 Datasheet HTML 4Page - List of Unclassifed Manufacturers 382LX563M025N052 Datasheet HTML 5Page - List of Unclassifed Manufacturers 382LX563M025N052 Datasheet HTML 6Page - List of Unclassifed Manufacturers 382LX563M025N052 Datasheet HTML 7Page - List of Unclassifed Manufacturers 382LX563M025N052 Datasheet HTML 8Page - List of Unclassifed Manufacturers 382LX563M025N052 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Types 380L, 382L, 380LX & 382LX, 85 ºC High-Capacitance Snap-In
Types 380L, 382L, 380LX & 382LX, 85 ºC High-Capacitance Snap-In
V Terminal Standoff Pin Dimensions
Outline Drawings
Two Pins
380L/LX (22 through 40mm diameter)
Four Pins
382L/LX (35 and 40mm diameter)
Five Pins
382L/382LX (40 and 50mm diameter)
Notes:
* Use dummy terminals for mechanical support only. Make no electrical connection because they resistively connect through the
electrolyte to the negative terminal.
** Safety Vent may be on the bottom or on the side of the can.
Connection
Terminal
40 mm Dia.
50 mm Dia.
A
dummy
negative (–)
B
dummy
dummy
C
positive (+)
positive (+)
D
dummy
positive (+)
negative (–)
negative (–)


Similar Part No. - 382LX563M025N052

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
382LX563M025N052 CDE-382LX563M025N052 Datasheet
464Kb / 12P
   High-Capacitance Snap-In
logo
List of Unclassifed Man...
382LX563M025N052 ETC2-382LX563M025N052 Datasheet
242Kb / 14P
   Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
logo
Cornell Dubilier Electr...
382LX563M025N052 CDE-382LX563M025N052 Datasheet
575Kb / 12P
   Latest available ratings, worldwide
382LX563M025N052 CDE-382LX563M025N052 Datasheet
1Mb / 12P
   2, 4 and 5 pin styles available
More results

Similar Description - 382LX563M025N052

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
380LX473M016K052 ETC2-380LX473M016K052 Datasheet
242Kb / 14P
   Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
logo
Vishay Siliconix
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
380L CDE-380L Datasheet
464Kb / 12P
   High-Capacitance Snap-In
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
LPX391M160A1P3 CDE-LPX391M160A1P3 Datasheet
158Kb / 3P
   85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com