Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9198A-15GJ3 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9198A-15GJ3
Description  300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9198A-15GJ3 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9198A-15GJ3 Datasheet HTML 1Page - Richtek Technology Corporation RT9198A-15GJ3 Datasheet HTML 2Page - Richtek Technology Corporation RT9198A-15GJ3 Datasheet HTML 3Page - Richtek Technology Corporation RT9198A-15GJ3 Datasheet HTML 4Page - Richtek Technology Corporation RT9198A-15GJ3 Datasheet HTML 5Page - Richtek Technology Corporation RT9198A-15GJ3 Datasheet HTML 6Page - Richtek Technology Corporation RT9198A-15GJ3 Datasheet HTML 7Page - Richtek Technology Corporation RT9198A-15GJ3 Datasheet HTML 8Page - Richtek Technology Corporation RT9198A-15GJ3 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
RT9198/A
4
DS9198/A-12 May 2008
www.richtek.com
Absolute Maximum Ratings (Note 1)
Supply Input Voltage ------------------------------------------------------------------------------------------------------ 6V
Power Dissipation, PD @ TA = 25
°C
TSOT-23-3/TSOT-23-5/SOT-23-3/SOT-23-5 ------------------------------------------------------------------------- 400mW
SC-70-5, SC-82 ------------------------------------------------------------------------------------------------------------ 300mW
MSOP-8 --------------------------------------------------------------------------------------------------------------------- 625mW
WDFN-6L 2x2 -------------------------------------------------------------------------------------------------------------- 606mW
Package Thermal Resistance (Note 4)
TSOT-23-3/TSOT-23-5/SOT-23-3/SOT-23-5,
θJA -------------------------------------------------------------------- 250°C/W
SC-70-5, SC-82,
θJA ------------------------------------------------------------------------------------------------------ 333°C/W
MSOP-8,
θJA---------------------------------------------------------------------------------------------------------------- 160°C/W
WDFN-6L 2x2,
θJA --------------------------------------------------------------------------------------------------------- 165°C/W
WDFN-6L 2x2,
θJC -------------------------------------------------------------------------------------------------------- 20°C/W
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------------ 200V
Electrical Characteristics
(VIN = VOUT + 1V, CIN = COUT = 1
μF, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Output Voltage Accuracy
ΔVOUT
IOUT = 1mA
−2
--
+2
%
Current Limit
ILIM
RLOAD = 1Ω
360
400
--
mA
Quiescent Current
IQ
RT9198, VEN ≧ 1.2V, IOUT = 0mA
RT9198A, VEN ≦ 0.4V, IOUT = 0mA
--
90
130
μA
IOUT = 200mA
--
170
200
Dropout Voltage (Note 5)
VDROP
IOUT = 300mA
--
220
330
mV
Line Regulation
ΔVLINE
VIN = (VOUT + 1V) to 5.5V,
IOUT = 1mA
--
--
0.3
%
Load Regulation
ΔVLOAD 1mA < IOUT < 300mA
--
--
0.6
%
Shutdown Current
ISHDN
RT9198, VEN = GND, Shutdown
RT9198A, VEN = VIN, Shutdown
--
0.01
1
μA
EN Input Bias Current
IIBEN
VEN = GND or VIN
--
0
100
nA
Recommended Operating Conditions
(Note 3)
Supply Input Voltage ------------------------------------------------------------------------------------------------------ 2.5V to 5.5V
EN Input Voltage ----------------------------------------------------------------------------------------------------------- 0V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C
To be continued


Similar Part No. - RT9198A-15GJ3

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9198A-15GB RICHTEK-RT9198A-15GB Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198A-15GBR RICHTEK-RT9198A-15GBR Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198A-15GQW RICHTEK-RT9198A-15GQW Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198A-15GU5 RICHTEK-RT9198A-15GU5 Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198A-15GU5R RICHTEK-RT9198A-15GU5R Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
More results

Similar Description - RT9198A-15GJ3

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9198 RICHTEK-RT9198 Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Power IC Ltd.
PL0301 PICSEMI-PL0301 Datasheet
406Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193_08 Datasheet
191Kb / 14P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
ACE Technology Co., LTD...
ACE5055LA ACE-ACE5055LA Datasheet
202Kb / 3P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com