Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

383LX184M016B082V Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 383LX184M016B082V
Description  105 ?C High-Ripple Snap-In
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

383LX184M016B082V Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  383LX184M016B082V Datasheet HTML 1Page - List of Unclassifed Manufacturers 383LX184M016B082V Datasheet HTML 2Page - List of Unclassifed Manufacturers 383LX184M016B082V Datasheet HTML 3Page - List of Unclassifed Manufacturers 383LX184M016B082V Datasheet HTML 4Page - List of Unclassifed Manufacturers 383LX184M016B082V Datasheet HTML 5Page - List of Unclassifed Manufacturers 383LX184M016B082V Datasheet HTML 6Page - List of Unclassifed Manufacturers 383LX184M016B082V Datasheet HTML 7Page - List of Unclassifed Manufacturers 383LX184M016B082V Datasheet HTML 8Page - List of Unclassifed Manufacturers 383LX184M016B082V Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Types 381L, 383L, 381LX & 383LX 105 ºC High-Ripple Snap-In
Outline Drawings
Terminal
Connection
40 mm Dia.
50 mm Dia.
A
dummy
negative (–)
B
dummy
dummy
C
positive (+)
positive (+)
D
dummy
positive (+)
negative (–)
negative (–)
Notes:
* Use dummy terminals for mechanical support only. Make no electrical connection because they resistively connect through the
electrolyte to the negative terminal.
** Safety Vent may be on the bottom or on the side of the can.
Two Pins
381L/LX (22 through 40 mm diameter)
Four Pins
383L/LX (35 and 40mm diameter)
Five Pins
383L/LX (40 and 50mm diameter)
V Terminal Standoff Pin Dimensions


Similar Part No. - 383LX184M016B082V

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
383LX184M016B082V CDE-383LX184M016B082V Datasheet
409Kb / 10P
   High-Ripple Snap-In
logo
List of Unclassifed Man...
383LX184M016B082V ETC2-383LX184M016B082V Datasheet
660Kb / 11P
   Top performance in power supplies and motor drives
logo
Cornell Dubilier Electr...
383LX184M016B082V CDE-383LX184M016B082V Datasheet
979Kb / 11P
   Top performance in power supplies and motor drives
383LX184M016B082V CDE-383LX184M016B082V Datasheet
1Mb / 11P
   High Ripple, Long Life, 2, 4 and 5 pin styles available
More results

Similar Description - 383LX184M016B082V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
381LQ ETC-381LQ Datasheet
556Kb / 7P
   105 C Compact, High-Ripple Snap-in
381LR ETC2-381LR Datasheet
214Kb / 3P
   105 째C Ultra-High-Ripple Snap-in
logo
Cornell Dubilier Electr...
381L CDE-381L Datasheet
409Kb / 10P
   High-Ripple Snap-In
logo
Vishay Siliconix
81D VISHAY-81D Datasheet
348Kb / 5P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 25-Aug-08
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 26-Aug-08
logo
Cornell Dubilier Electr...
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYH VISHAY-EYH Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
EYH VISHAY-EYH_13 Datasheet
108Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-In
Revision: 24-May-13
logo
Cornell Dubilier Electr...
381LR CDE-381LR Datasheet
214Kb / 3P
   Ultra-High-Ripple Snap-in More Ripple Current Capability
logo
List of Unclassifed Man...
381EL271M160H012E ETC2-381EL271M160H012E Datasheet
372Kb / 5P
   105 ?C Ultra-Long Life Snap-In, Aluminum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com