Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

350JL252U030C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 350JL252U030C
Description  105 ?C, Low Inductance, Radial, Aluminum Electrolytic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

350JL252U030C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  350JL252U030C Datasheet HTML 1Page - List of Unclassifed Manufacturers 350JL252U030C Datasheet HTML 2Page - List of Unclassifed Manufacturers 350JL252U030C Datasheet HTML 3Page - List of Unclassifed Manufacturers 350JL252U030C Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 350 105 ºC, Low Inductance, Radial, Aluminum Electrolytic
Case Dimensions
Part Numbering System
350
JP
1152
U
6R3
C
Type
Case Code
Capacitance
Tolerance
Voltage
Insulation
350
See table
900 = 90 µF
U = –10 +75%
6R3 = 6.3 Vdc O = Bare can
161 = 160 µF
T = –10 +50%
063 = 63 Vdc
B = Plastic insulation with epoxy
882 = 8800 µF
100 = 100 Vdc C = Plastic insulation, no epoxy
1152 = 11500 µF
Case
Inches
Code
Nominal
Insulated
S1
S2
T
D x L
D x L
±0.015
±0.015
GE
3/4 x 1 1/8
0.775 x 1.157
0.2
0.10
0.3
GJ
3/4 x 1 5/8
0.775 x 1.657
0.2
0.10
0.3
GL
3/4 x 2 1/8
0.775 x 2.157
0.2
0.10
0.3
GP
3/4 x 2 5/8
0.775 x 2.657
0.2
0.10
0.3
HE
7/8 x 1 1/8
0.900 x 1.157
0.3
0.15
0.4
HJ
7/8 x 1 5/8
0.900 x 1.657
0.3
0.15
0.4
HL
7/8 x 2 1/8
0.900 x 2.157
0.3
0.15
0.4
HP
7/8 x 2 5/8
0.900 x 2.657
0.3
0.15
0.4
JJ
1 x 1 5/8
1.025 x 1.657
0.3
0.15
0.4
Typical Performance Curves
Type 350 Impedance vs. Frequency
Frequency (Hz)
100
10k
100k
1000
1M
10M
0.001
0.01
0.1
1.0
10
3,400 µF 6.3 Vdc
6,100 µF 6.3 Vdc
11,500 µF 6.3 Vdc
Type 350 Operating Life in Kilohours vs. Ripple Current
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1
1
Rated Ripple-Current Multiple
105 ºC
95 ºC
85 ºC
75 ºC
65 ºC
55 ºC
45 ºC
1.1 1.2 1.3 1.4 1.5
10
100
1000


Similar Part No. - 350JL252U030C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
350JL252U030C CDE-350JL252U030C Datasheet
182Kb / 4P
   Low Inductance, Radial, Aluminum Electrolytic High Frequency, Solid Aluminum Top
350JL252U030C CDE-350JL252U030C Datasheet
207Kb / 5P
   High Frequency, Solid Aluminum Top
More results

Similar Description - 350JL252U030C

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474KXM100M ILLINOISCAPACITOR-474KXM100M_13 Datasheet
477Kb / 3P
   105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
SEK101M6R3ST CDE-SEK101M6R3ST Datasheet
446Kb / 6P
   105 ?C Radial Leaded Aluminum Electrolytic Capacitors
logo
RFE international
RA220M1CBK050110 RFE-RA220M1CBK050110_V01 Datasheet
987Kb / 4P
   Aluminum Electrolytic Capacitors RA Series: Radial, Very Low Leakage, 105°C
31-AUG-2023
RGA RFE-RGA Datasheet
1Mb / 6P
   Aluminum Electrolytic Capacitors RGA Series: Radial High Temperature, 105°C
06-OCT-2023
RNG RFE-RNG Datasheet
814Kb / 1P
   Aluminum Electrolytic Capactiors RNG Series: Radial Bi-Polar, 105°C
01.06.2022
RGL RFE-RGL Datasheet
991Kb / 5P
   Aluminum Electrolytic Capacitors RGL Series: Radial, Slim Type, 105°C
06-OCT-2023
logo
Cornell Dubilier Electr...
AFC226M06B12T CDE-AFC226M06B12T Datasheet
476Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 ?C
350 CDE-350 Datasheet
182Kb / 4P
   Low Inductance, Radial, Aluminum Electrolytic High Frequency, Solid Aluminum Top
logo
Vishay Siliconix
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com