Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSSG100BT Datasheet(PDF) 6 Page - NICHIA CORPORATION

Part # NSSG100BT
Description  SPECIFICATIONS FOR NICHIA CHIP TYPE GREEN LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSG100BT Datasheet(HTML) 6 Page - NICHIA CORPORATION

Back Button NSSG100BT Datasheet HTML 2Page - NICHIA CORPORATION NSSG100BT Datasheet HTML 3Page - NICHIA CORPORATION NSSG100BT Datasheet HTML 4Page - NICHIA CORPORATION NSSG100BT Datasheet HTML 5Page - NICHIA CORPORATION NSSG100BT Datasheet HTML 6Page - NICHIA CORPORATION NSSG100BT Datasheet HTML 7Page - NICHIA CORPORATION NSSG100BT Datasheet HTML 8Page - NICHIA CORPORATION NSSG100BT Datasheet HTML 9Page - NICHIA CORPORATION NSSG100BT Datasheet HTML 10Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
-5-
120sec.Max.
Pre-heating
260°C Max.
10sec. Max.
60sec.Max.
Above 220°C
1 ~ 5°C / sec.
1 ~ 5°C / sec.
180 ~ 200°C
<
1 : Lead Solder>
<
2 : Lead-free Solder>
Pre-heating
240°C Max.
10sec. Max.
60sec.Max.
Above 200
°C
2.5 ~ 5°C / sec.
2.5 ~ 5°C / sec.
120 ~ 150°C
120sec.Max.
Nichia STSE-CC5039A
<Cat.No.050411>
(4) Soldering Conditions
· The LEDs can be soldered in place using the reflow soldering method.
Nichia cannot make a
guarantee on the LEDs after they have been assembled using the dip soldering method.
· Recommended soldering conditions
Reflow Soldering
Hand Soldering
Lead Solder
Lead-free Solder
Pre-heat
Pre-heat time
Peak
temperature
Soldering time
Condition
120
~ 150°C
120 sec. Max.
240°C Max.
10 sec. Max.
refer to
Temperature - profile
1.
180
~ 200°C
120 sec. Max.
260°C Max.
10 sec. Max.
refer to
Temperature - profile
2.
(N2 reflow is recommended.)
Temperature
Soldering time
350°C Max.
3 sec. Max.
(one time only)
After reflow soldering rapid cooling should be avoided.
[Temperature-profile (Surface of circuit board)]
Use the conditions shown to the under figure.
[Recommended soldering pad design]
Use the following conditions shown in the figure.
· Occasionally there is a brightness decrease caused by the influence of heat or ambient atmosphere
during air reflow.
It is recommended that the User use the nitrogen reflow method.
· The encapsulated material of the LEDs is silicone. Therefore the LEDs have a soft surface on the
top of package.
The pressure to the top surface will be influence to the reliability of the LEDs.
Precautions should be taken to avoid the strong pressure on the encapsulated part.
So when using
the chip mounter, the picking up nozzle that does not affect the silicone resin should be used.
· Repairing should not be done after the LEDs have been soldered.
When repairing is unavoidable,
a double-head soldering iron should be used.
It should be confirmed beforehand whether the
characteristics of the LEDs will or will not be damaged by repairing.
· Reflow soldering should not be done more than two times.
· When soldering, do not put stress on the LEDs during heating.
· After soldering, do not warp the circuit board.
(5) Cleaning
· It is recommended that isopropyl alcohol be used as a solvent for cleaning the LEDs.
When using
other solvents, it should be confirmed beforehand whether the solvents will dissolve the package and the
resin or not.
Freon solvents should not be used to clean the LEDs because of worldwide regulations.
· Do not clean the LEDs by the ultrasonic.
When it is absolutely necessary, the influence of ultrasonic
cleaning on the LEDs depends on factors such as ultrasonic power and the assembled condition.
Before cleaning, a pre-test should be done to confirm whether any damage to the LEDs will occur.
2.2
1.5
4.4
(Unit : mm)


Similar Part No. - NSSG100BT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSG146AT NICHIA-NSSG146AT Datasheet
470Kb / 17P
   GREEN LED
More results

Similar Description - NSSG100BT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSG426CT NICHIA-NSSG426CT Datasheet
499Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE GREEN LED
NSSU100D NICHIA-NSSU100D Datasheet
665Kb / 14P
   SPECIFICATIONS FOR NICHIA CHIP TYPE UV LED
NSSB100BT NICHIA-NSSB100BT Datasheet
369Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE BLUE LED
NSSB426CT NICHIA-NSSB426CT Datasheet
440Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE BLUE LED
NSSW109T NICHIA-NSSW109T Datasheet
309Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
NSCW100 NICHIA-NSCW100 Datasheet
367Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
logo
List of Unclassifed Man...
NSSW440TVR ETC2-NSSW440TVR Datasheet
348Kb / 11P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
NSCB100AT ETC2-NSCB100AT Datasheet
485Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE BLUE LED
NFSW036BT ETC1-NFSW036BT Datasheet
709Kb / 14P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
logo
NICHIA CORPORATION
NSSB064T NICHIA-NSSB064T Datasheet
584Kb / 14P
   SPECIFICATIONS FOR NICHIA CHIP TYPE BLUE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com