Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1282 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1282
Description  High-Resolution Analog-to-Digital Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1282 Datasheet(HTML) 5 Page - Texas Instruments

  ADS1282 Datasheet HTML 1Page - Texas Instruments ADS1282 Datasheet HTML 2Page - Texas Instruments ADS1282 Datasheet HTML 3Page - Texas Instruments ADS1282 Datasheet HTML 4Page - Texas Instruments ADS1282 Datasheet HTML 5Page - Texas Instruments ADS1282 Datasheet HTML 6Page - Texas Instruments ADS1282 Datasheet HTML 7Page - Texas Instruments ADS1282 Datasheet HTML 8Page - Texas Instruments ADS1282 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
TIMING DIAGRAM
SCLK
DIN
DOUT
t
SCLK
t
SPWH
t
SCDL
t
DIST
t
DIHD
t
SPWL
t
SCDL
t
DOHD
t
DOPD
TIMING REQUIREMENTS
ADS1282
www.ti.com ................................................................................................................................................. SBAS418D – SEPTEMBER 2007 – REVISED JULY 2008
ELECTRICAL CHARACTERISTICS (continued)
Limit specifications at –40°C to +85°C. Typical specifications at +25°C, AVDD = +2.5V, AVSS = –2.5V, fCLK = 4.096MHz, VREFP = +2.5V,
VREFN = –2.5V, DVDD = +3.3V, CAPN – CAPP = 10nF, PGA = 1, High-Resolution Mode, and fDATA = 1000SPS, unless otherwise noted.
ADS1282
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
AVSS
–2.6
0
V
AVDD
AVSS + 4.75
AVSS + 5.25
V
DVDD
1.65
3.6
V
High-resolution mode
4.5
6.5
|mA|
Low-power mode
3
4.2
|mA|
AVDD, AVSS current
Standby mode
1
15
|
µA|
Power-down mode
1
15
|
µA|
All modes
0.6
0.8
mA
Modulator mode
0.1
mA
DVDD current
Standby mode
25
50
µA
Power-down mode(12)
1
15
µA
High-reolution mode
25
35
mW
Low-power mode
17
25
mW
Power dissipation
Standby mode
90
250
µW
Power-down mode
10
125
µW
(12) CLK input stopped.
At TA = –40°C to +85°C and DVDD = 1.65V to 3.6V, unless otherwise noted.
PARAMETER
DESCRIPTION
MIN
MAX
UNITS
tSCLK
SCLK period
2
16
1/fCLK
tSPWH, L
SCLK pulse width, high and low(1)
0.8
10
1/fCLK
tDIST
DIN valid to SCLK rising edge: setup time
50
ns
tDIHD
Valid DIN to SCLK rising edge: hold time
50
ns
tDOPD
SCLK falling edge to valid new DOUT: propagation delay(2)
100
ns
tDOHD
SCLK falling edge to DOUT invalid: hold time
0
ns
Final SCLK rising edge of command to first SCLK rising edge for register read/write
tSCDL
24
1/fCLK
data. (Also between consecutive commands.)
(1)
Holding SCLK low for 64 DRDY falling edges resets the serial interface.
(2)
Load on DOUT = 20pF || 100k
Ω.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS1282


Similar Part No. - ADS1282

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282 TI1-ADS1282 Datasheet
1Mb / 43P
[Old version datasheet]   LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
[Old version datasheet]   HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
ADS1282-HT TI1-ADS1282-HT_16 Datasheet
1Mb / 59P
[Old version datasheet]   High-Temperature High-Resolution Delta Sigma ADC
More results

Similar Description - ADS1282

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1284 TI1-ADS1284 Datasheet
98Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Analog Devices
DAC14QM AD-DAC14QM_15 Datasheet
2Mb / 6P
   HIGH RESOLUTION DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS1282 TI-ADS1282_1 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281 TI1-ADS1281_14 Datasheet
910Kb / 51P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
[Old version datasheet]   HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
ADS1281 TI-ADS1281 Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1283 TI1-ADS1283 Datasheet
108Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC729 BURR-BROWN-DAC729 Datasheet
272Kb / 12P
   Ultra-High Resolution 18-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC56U TI1-DAC56U Datasheet
124Kb / 6P
[Old version datasheet]   Monolithic 16-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com