Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2358RGZ Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS2358RGZ
Description  TPS2358 Dual-Slot ATCA AdvancedMC??Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2358RGZ Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2358RGZ Datasheet HTML 5Page - Texas Instruments TPS2358RGZ Datasheet HTML 6Page - Texas Instruments TPS2358RGZ Datasheet HTML 7Page - Texas Instruments TPS2358RGZ Datasheet HTML 8Page - Texas Instruments TPS2358RGZ Datasheet HTML 9Page - Texas Instruments TPS2358RGZ Datasheet HTML 10Page - Texas Instruments TPS2358RGZ Datasheet HTML 11Page - Texas Instruments TPS2358RGZ Datasheet HTML 12Page - Texas Instruments TPS2358RGZ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
DEVICE INFORMATION
DETAILED PIN DESCRIPTION
TPS2358
www.ti.com ................................................................................................................................................... SLUS820D – FEBRUARY 2008 – REVISED JUNE 2008
AGND Ground pin for the analog circuitry inside the TPS2358.
BLKx Gate drive pin for the 12x channel BLK FET. This pin sources 30
µA to turn the FET on. An internal clamp
prevents this pin from rising more than 14.5 V above OUT12x. Setting the ORENx pin high holds the BLKx pin
low.
CTx A capacitor from CTx to GND sets the time the channel can remain in current limit before it shuts down and
declares a fault. Current limit causes this pin to source 10
µA into the external capacitor (CT). When VCTx
reaches 1.35 V, the TPS2358 shuts the channel off by pulling the PASSx pin low and declares an over-current
fault by pulling the FLTx pin low.
EN12x Active low enable input. Pulling this pin high (or allowing it to float high) turns off channel 12x by pulling
both BLKx and PASSx low. An internal 200-k
Ω resistor pulls this pin up to VINT when disconnected.
EN3x Active low enable input. Pulling this pin high (or allowing it to float high) turns off channel 3x by pulling the
gate of the internal pass FET to GND. An internal 200-k
Ω resistor pulls this pin up to VINT when disconnected.
FLTx Active low open-drain output indicating that channel x has remained in current limit long enough to time out
the fault timer and shut the channel down.
IN12x Supply pin for channel 12x internal circuitry.
IN3x Supply pin for channel 3x internal pass FET.
ORENx Active low input. Pulling this pin low allows the 12x channel ORing function to operate normally. Pulling
this pin high (or allowing it to float high) disables the ORing function by pulling the BLKx pin low. An internal
200-k
Ω resistor pulls this pin up to VINT when disconnected.
OUT12x Senses the output voltage of the channel 12x path.
OUT3x Output of the channel 3x internal pass FET.
PASSx Gate drive pin for the 12x channel pass FET. This pin sources 30
µA to turn the FET on. An internal
clamp prevents this pin from rising more than 14.5 V above IN12x.
PGx Active low open-drain output indicating that channel x output voltage has dropped below the PG threshold,
which nominally equals 2.85 V for the 3x channels and 10.5 V for the 12x channels.
SENMx Senses the voltage on the low side of the channel 12x current sense resistor.
SENPx Senses the voltage on the high side of the channel 12x current sense resistor.
SETx A resistor connected from this pin to SENPx sets the current limit level in conjunction with the current
sense resistor and the resistor connected to the SUM12x pin, as described in 12-V thresholds – setting current
limit and fast over current trip section.
SUMx A resistor connected from this pin to ground forms part of the channel x current limit. As the current
delivered to the load increases, so does the voltage on this pin. When the voltage on this pin reaches a threshold
of 675 mV, the current limit amplifier acts to prevent the current from further increasing.
VDD3x Supply pin for channel3x internal circuitry.
VINT This pin connects to the internal 2.35-V rail. A 0.1-
µF capacitor must be connected from this pin to ground.
Do not connect other external circuitry to this pin.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS2358


Similar Part No. - TPS2358RGZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2358 TI-TPS2358 Datasheet
931Kb / 34P
[Old version datasheet]   TPS2358 Dual-Slot ATCA AdvancedMC??Controller
More results

Similar Description - TPS2358RGZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2358 TI-TPS2358 Datasheet
931Kb / 34P
[Old version datasheet]   TPS2358 Dual-Slot ATCA AdvancedMC??Controller
TPS2359 TI1-TPS2359_15 Datasheet
1Mb / 55P
[Old version datasheet]   Full-Featured, Dual-Slot AdvancedMC Controller
TPS2359 TI-TPS2359 Datasheet
1Mb / 51P
[Old version datasheet]   TPS2359 Full Featured Dual-Slot AdvancedMC??Controller
logo
Emerson Network Power
IPM300 EMERSON-NETWORKPOWER-IPM300 Datasheet
434Kb / 3P
   Dual 48 V ATCA Input Power Module
logo
Yamaichi Electronics Co...
CN074-085-0003 YAMAICHI-CN074-085-0003 Datasheet
1Mb / 8P
   AdvancedMC Connector for AdvancedTCA
logo
Advantech Co., Ltd.
ATCA-7310 ADVANTECH-ATCA-7310 Datasheet
1Mb / 1P
   Dual CN6880 ATCA Node Blade with 40GbE Switch
logo
Lineage Power Corporati...
PIM300FZ LINEAGEPOWER-PIM300FZ Datasheet
635Kb / 20P
   ATCA Board Power Input Modules
logo
Global Mixed-mode Techn...
G574 GMT-G574 Datasheet
330Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Intersil Corporation
ISL6112 INTERSIL-ISL6112 Datasheet
671Kb / 31P
   Dual Slot PCI-Express Power Controller
logo
Maxim Integrated Produc...
MAX780 MAXIM-MAX780 Datasheet
134Kb / 12P
   Dual-Slot PCMCIA Analog Power Controller
Rev. 1; 8/93
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com