Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40132 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40132
Description  TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40132 Datasheet(HTML) 4 Page - Texas Instruments

  TPS40132 Datasheet HTML 1Page - Texas Instruments TPS40132 Datasheet HTML 2Page - Texas Instruments TPS40132 Datasheet HTML 3Page - Texas Instruments TPS40132 Datasheet HTML 4Page - Texas Instruments TPS40132 Datasheet HTML 5Page - Texas Instruments TPS40132 Datasheet HTML 6Page - Texas Instruments TPS40132 Datasheet HTML 7Page - Texas Instruments TPS40132 Datasheet HTML 8Page - Texas Instruments TPS40132 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS40132
SLUS776A – DECEMBER 2007 – REVISED FEBRUARY 2008
TA = -40°C to 85°C, VIN = 5.0 V, VDD = 12.0 V, RRT = 64.9 kΩ, TJ = TA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN5 INPUT SUPPLY
VIN
Operating voltage range, VIN5
4.5
5.0
5.8
V
IIN
Shutdown current, VIN5
EN/SYNC = GND
5
µA
Operating current
Outputs switching, No load
1.0
2.0
mA
BP5 INPUT SUPPLY
Operating voltage range
4.5
5.0
5.5
V
IBP5
Operating current
Outputs switching, no external FETs
3
5
mA
Turn-on BP5 rising
3.90
4.25
4.45
V
Turn-off hysteresis(1)
150
mV
VDD
INPUT SUPPLY
4.5
28
V
BP8VBP8
Output Voltage
Internal load < 1 mA, No external load
7.5
V
OSCILLATOR/SYNCHRONIZATION
RT = 64.9 kΩ
355
400
455
Phase frequency accuracy
RT = 64.9 kΩ, 0°C ≤ TA ≤ 85°C
360
400
440
kHz
Phase frequency set range(1)
100
1200
Synchronization frequency range(1)
800
9600
High level input voltage
VBP5-0.5
Synchronization input threshold(1)
V
Low level input voltage
0.5
EN/SYNC
Bandgap enable threshold
Pulse width > 50 ns
0.8
1.0
1.5
V
PWM switching enable(1)
3.2
VBP5
PWM
Maximum duty cycle per channel(1)
87.5%
Minimum duty cycle per channel(1)
0
VREF
Voltage reference
ILOAD = 100 µA, 0°C ≤ TA ≤ 85°C
600
mV
ERROR AMPLIFIER
Voltage feedback, trimmed
VFB
0
°C ≤ T
A ≤ 85°C
596
600
604
mV
(including differential amplifier)
CMRR
Input common mode range(1)
0.0
0.67
2.0
mV
Input bias current
VFB = 0.6 V
55
200
nA
Input offset voltage
0
V
ISRC
Output source current
VCOMP = 1.1 V, VFB = 0.5 V
1
2
mA
ISINK
Output sink current
VCOMP = 1.1 V, VFB =VBP5
1
2
VOH
High-level output voltage
ICOMP = -1 mA
2.5
2.9
V
VOL
low-level output voltage
ICOMP = 1 mA
0.5
0.8
GBW
Gain bandwidth(1)
3
5
MHz
AVOL
Open loop gain(1)
60
90
dB
(1)
Ensured by design. Not production tested.
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s) :TPS40132


Similar Part No. - TPS40132

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40132 TI-TPS40132_15 Datasheet
1Mb / 42P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
More results

Similar Description - TPS40132

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40131 TI-TPS40131_15 Datasheet
1Mb / 41P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40130DBTR TI1-TPS40130DBTR Datasheet
1Mb / 39P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40131 TI-TPS40131 Datasheet
1Mb / 46P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40132 TI-TPS40132_15 Datasheet
1Mb / 42P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40130 TI-TPS40130 Datasheet
748Kb / 10P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
logo
Anpec Electronics Corop...
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6315 INTERSIL-ISL6315 Datasheet
519Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com