Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS780270200DDCR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS780270200DDCR
Description  150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS780270200DDCR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS780270200DDCR Datasheet HTML 4Page - Texas Instruments TPS780270200DDCR Datasheet HTML 5Page - Texas Instruments TPS780270200DDCR Datasheet HTML 6Page - Texas Instruments TPS780270200DDCR Datasheet HTML 7Page - Texas Instruments TPS780270200DDCR Datasheet HTML 8Page - Texas Instruments TPS780270200DDCR Datasheet HTML 9Page - Texas Instruments TPS780270200DDCR Datasheet HTML 10Page - Texas Instruments TPS780270200DDCR Datasheet HTML 11Page - Texas Instruments TPS780270200DDCR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
V
(V)
IN
1000
900
800
700
600
500
400
300
200
100
0
T =+125 C
°
J
T =+85 C
°
J
T
J =
40
-
°C
T =+25 C
°
J
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
V
(V)
IN
1000
900
800
700
600
500
400
300
200
100
0
T
°
J =+125 C
T
°
J =+85 C
T
J =
40
-
°C
T
°
J =+25 C
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
V
(V)
IN
6
5
4
3
2
1
0
T =+125 C
°
J
T =+85 C
°
J
T
40
-
°
J =
C
T =+25 C
°
J
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
V
(V)
IN
9
8
7
6
5
4
3
2
1
0
T =+125 C
°
J
T =+85 C
°
J
T
J = -40°C
T =+25 C
°
J
0
25
50
75
100
125
150
I
(mA)
OUT
10
8
6
4
2
0
T =+125 C
°
J
T =+85 C
°
J
T = 40
-
°
J
C
T =+25 C
°
J
0
25
50
75
100
125
150
I
(mA)
OUT
10
8
6
4
2
0
T =+125 C
°
J
T =+85 C
°
J
T
J =
40
-
°C
T =+25 C
°
J
TPS780 Series
SBVS083C – JANUARY 2007 – REVISED MAY 2008 ....................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
Over the operating temperature range of TJ = –40°C to +125°C, VIN = VOUT(TYP) + 0.5V or 2.2V, whichever is greater;
IOUT = 100µA, VEN = VVSET = VIN, COUT = 1µF, and CIN = 1µF, unless otherwise noted.
GROUND PIN CURRENT vs INPUT VOLTAGE
GROUND PIN CURRENT vs INPUT VOLTAGE
IOUT = 0mA, VVSET = 0.4V, VOUT = 3.3V
IOUT = 1mA, VVSET = 0.4V, VOUT = 3.3V
TPS780330220
TPS780330220
Figure 19.
Figure 20.
GROUND PIN CURRENT vs INPUT VOLTAGE
GROUND PIN CURRENT vs INPUT VOLTAGE
IOUT = 50mA, VVSET = 0.4V, VOUT = 3.3V
IOUT = 150mA, VVSET = 0.4V, VOUT = 3.3V
TPS780330220
TPS780330220
Figure 21.
Figure 22.
GROUND PIN CURRENT vs OUTPUT CURRENT
GROUND PIN CURRENT vs OUTPUT CURRENT
VVSET = 1.2V, VIN = 5.5V, VOUT = 2.2V
VVSET = 0.4V, VIN = 5.5V, VOUT = 3.3V
TPS780330220
TPS780330220
Figure 23.
Figure 24.
8
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated


Similar Part No. - TPS780270200DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS780270200DDCR TI-TPS780270200DDCR Datasheet
885Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780270200DDCR TI-TPS780270200DDCR Datasheet
859Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780270200DDCR TI1-TPS780270200DDCR Datasheet
1Mb / 37P
[Old version datasheet]   150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable, Dual-Level Output Voltage
TPS780270200DDCRG4 TI-TPS780270200DDCRG4 Datasheet
885Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780270200DDCRG4 TI-TPS780270200DDCRG4 Datasheet
859Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
More results

Similar Description - TPS780270200DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS780 TI-TPS780_10 Datasheet
859Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780 Datasheet
896Kb / 24P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780_09 Datasheet
885Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS78101 TI1-TPS78101 Datasheet
921Kb / 26P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS781 TI1-TPS781_16 Datasheet
1Mb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS781 TI-TPS781_15 Datasheet
1Mb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI1-TPS780_16 Datasheet
1Mb / 37P
[Old version datasheet]   150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS780xx 150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable,Dual-Level Output Voltage
TPS728XX TI1-TPS728XX_18 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI-TPS728XX_09 Datasheet
1Mb / 23P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com