Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS23753PWG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23753PWG4
Description  IEEE 802.3-2005 PoE INTERFACE AND ISOLATED CONVERTER CONTROLLER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS23753PWG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS23753PWG4 Datasheet HTML 1Page - Texas Instruments TPS23753PWG4 Datasheet HTML 2Page - Texas Instruments TPS23753PWG4 Datasheet HTML 3Page - Texas Instruments TPS23753PWG4 Datasheet HTML 4Page - Texas Instruments TPS23753PWG4 Datasheet HTML 5Page - Texas Instruments TPS23753PWG4 Datasheet HTML 6Page - Texas Instruments TPS23753PWG4 Datasheet HTML 7Page - Texas Instruments TPS23753PWG4 Datasheet HTML 8Page - Texas Instruments TPS23753PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPS23753
www.ti.com.............................................................................................................................................................. SLVS853A – JUNE 2008 – REVISED JUNE 2008
Voltage with respect to VSS (unless otherwise noted)
MIN
NOM
MAX
UNIT
Input voltage range, VDD, VDD1, RTN
0
57
V
Input voltage range, VDD, VDD1 to RTN
0
57
V
VI
Input voltage range, VC to RTN
0
18
V
Input voltage range, APD, CTL to RTN
0
VB
V
Input voltage range, CS to RTN
0
2
V
RTN current (TJ ≤ 125°C)
350
mA
VB sourcing current
0
2.5
5
mA
VB capacitance
0.08
0.1
2.2
µF
RBLNK
0
350
k
Synchronization pulse width input (when used)
25
150
ns
TJ
Operating junction temperature range
–40
125
°C
Unless otherwise noted: CS = APD = CTL = RTN, GATE open, RFRS = 60.4 kΩ, RBLNK = 249 kΩ, CVB = CVC = 0.1 µF, RDEN =
24.9 k
Ω, RCLS open, VVDD-VSS = 48 V, VVDD1-RTN = 48 V, 8.5 V ≤ VVC-RTN ≤ 18 V, –40°C ≤ TJ ≤ 125°C
Controller Section Only
[VSS = RTN and VDD = VDD1] or [VSS = RTN = VDD], all voltages referred to RTN. Typical specifications are at 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VC
UVLO1
VC rising
8.65
9
9.3
Undervoltage lockout
V
UVLOH
Hysteresis(1)
3.3
3.5
3.7
Operating current
VC = 12 V, CTL = VB
0.40
0.58
0.85
mA
VDD1 = 10.2 V, VC(0) = 0 V
50
85
175
tST
Startup time, CVC = 22 µF
ms
VDD1 = 35 V, VC(0) = 0 V
30
48
85
VDD1 = 10.2 V, VVC = 8.6 V
0.44
1.06
1.80
Startup current source - IVC
mA
VDD1 = 48 V, VVC = 0 V
2.5
4.3
6.0
VB
Voltage
6.5 V
≤ VC ≤ 18 V, 0 ≤ IVB ≤ 5 mA
4.75
5.10
5.25
V
FRS
CTL= VB, Measure GATE
Switching frequency
223
248
273
kHz
RFRS = 60.4 kΩ
DMAX
Duty cycle
CTL= VB, Measure GATE
76
78.5
81
%
VSYNC
Synchronization
Input threshold
2.0
2.2
2.4
V
CTL
VZDC
0% duty cycle threshold
VCTL ↓ until GATE stops
1.3
1.5
1.7
V
Softstart period
Interval from switching start to VCSMAX
400
800
µs
Input resistance
70
100
145
k
BLNK
In addition to t1
Blanking delay
BLNK = RTN
35
52
75
ns
RBLNK = 49.9 kΩ
41
52
63
CS
VCSMAX
Maximum threshold voltage
VCTL = VB, VCS ↑ until GATE duty cycle drops
0.50
0.55
0.60
V
t1
Turn off delay
VCS = 0.65 V
25
41
60
ns
VSLOPE
Internal slope compensation voltage
Peak voltage at maximum duty cycle, referred to CS
90
118
142
mV
ISL_EX
Peak slope compensation current
VCTL = VB, ICS at maximum duty cycle (ac component)
30
42
54
µA
Bias current (sourcing)
Gate high, dc component of CS current
2
3
4.2
µA
(1)
The hysteresis tolerance tracks the rising threshold for a given device.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS23753


Similar Part No. - TPS23753PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23753A TI1-TPS23753A Datasheet
858Kb / 30P
[Old version datasheet]   IEEE 802.3 PoE INTERFACE AND CONVERTER CONTROLLER WITH ENHANCED ESD IMMUNITY
TPS23753APW TI1-TPS23753APW Datasheet
858Kb / 30P
[Old version datasheet]   IEEE 802.3 PoE INTERFACE AND CONVERTER CONTROLLER WITH ENHANCED ESD IMMUNITY
TPS23753APWR TI1-TPS23753APWR Datasheet
858Kb / 30P
[Old version datasheet]   IEEE 802.3 PoE INTERFACE AND CONVERTER CONTROLLER WITH ENHANCED ESD IMMUNITY
More results

Similar Description - TPS23753PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23753A TI1-TPS23753A Datasheet
858Kb / 30P
[Old version datasheet]   IEEE 802.3 PoE INTERFACE AND CONVERTER CONTROLLER WITH ENHANCED ESD IMMUNITY
logo
Skyworks Solutions Inc.
SI3402-B SKYWORKS-SI3402-B Datasheet
1Mb / 22P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Rev. 1.1
SI3402-C SKYWORKS-SI3402-C Datasheet
1Mb / 21P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Revision 0.4 to Revision 1.0
logo
ON Semiconductor
NCP1095 ONSEMI-NCP1095 Datasheet
396Kb / 17P
   PoE-PD Interface Controller, IEEE 802.3bt
June, 2019 ??Rev. 0
NCP1096 ONSEMI-NCP1096 Datasheet
444Kb / 17P
   PoE-PD Interface Controller, IEEE 802.3bt
July, 2020 ??Rev. 2
logo
Analog Devices
LTC9101-2A AD-LTC9101-2A Datasheet
2Mb / 34P
   12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
Rev. 0
logo
Silicon Laboratories
SI3402-C SILABS-SI3402-C Datasheet
596Kb / 21P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
logo
List of Unclassifed Man...
SI3402 ETC2-SI3402 Datasheet
261Kb / 22P
   FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE
logo
ON Semiconductor
NCP1090DBRG ONSEMI-NCP1090DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1093 ONSEMI-NCP1093 Datasheet
195Kb / 12P
   Integrated IEEE 802.3at PoE-PD Interface Controller
March, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com