Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60252RTE Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS60252RTE
Description  HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60252RTE Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS60252RTE Datasheet HTML 3Page - Texas Instruments TPS60252RTE Datasheet HTML 4Page - Texas Instruments TPS60252RTE Datasheet HTML 5Page - Texas Instruments TPS60252RTE Datasheet HTML 6Page - Texas Instruments TPS60252RTE Datasheet HTML 7Page - Texas Instruments TPS60252RTE Datasheet HTML 8Page - Texas Instruments TPS60252RTE Datasheet HTML 9Page - Texas Instruments TPS60252RTE Datasheet HTML 10Page - Texas Instruments TPS60252RTE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
-40
-20
0
20
40
60
80
2.8
3
3.2
3.4
3.6
3.8
I
LED
=230mA
V =3V
I
T
-Free-AirTemperature-°C
A
-40
-20
0
20
40
60
80
2.6
2.8
3
3.2
3.4
3.6
3.8
T
-Free-AirTemperature-°C
A
I
LED
=100mA
V =3V
I
0.16
0.15
0.14
0.13
0.12
0.11
0.10
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
3
4
5
6
V -InputVoltage-V
I
25mA
15mA
2mA
10
8
6
4
2
0
3
4
5
6
V -InputVoltage-V
I
T
=85°C
A
T
=25°C
A
T
=-40°C
A
TPS60250
TPS60252
www.ti.com............................................................................................................................................................ SLVS769C – APRIL 2007 – REVISED APRIL 2008
SWITCH RESISTANCE
SWITCH RESISTANCE
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
(
×1.5 Mode Charge Pump Open-Loop)
(
×1.5 Mode Charge Pump Open-Loop)
Figure 7.
Figure 8.
INPUT CURRENT
SHUTDOWN CURRENT
vs
vs
SUPPLY VOLTAGE
INPUT VOLTAGE
(4 Main LED)
Figure 9.
Figure 10.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS60250 TPS60252


Similar Part No. - TPS60252RTE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60252RTER TI1-TPS60252RTER Datasheet
893Kb / 26P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60252RTET TI1-TPS60252RTET Datasheet
893Kb / 26P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
More results

Similar Description - TPS60252RTE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60250 TI-TPS60250 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60251 TI-TPS60251 Datasheet
644Kb / 28P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI1-TPS60250_14 Datasheet
893Kb / 26P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60255 TI1-TPS60255 Datasheet
720Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs DRIVER WITH 1 WIRE INTERFACE
logo
Analog Devices
ADP8861 AD-ADP8861 Datasheet
702Kb / 40P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
ADP8860 AD-ADP8860 Datasheet
997Kb / 52P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
logo
ON Semiconductor
NCP5603 ONSEMI-NCP5603 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
481Kb / 16P
   High Efficiency 2X Charge Pump
AAT3119 ANALOGICTECH-AAT3119_07 Datasheet
529Kb / 18P
   High Efficiency 2X Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com