Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7883 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7883
Description  12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7883 Datasheet(HTML) 3 Page - Texas Instruments

  ADS7883 Datasheet HTML 1Page - Texas Instruments ADS7883 Datasheet HTML 2Page - Texas Instruments ADS7883 Datasheet HTML 3Page - Texas Instruments ADS7883 Datasheet HTML 4Page - Texas Instruments ADS7883 Datasheet HTML 5Page - Texas Instruments ADS7883 Datasheet HTML 6Page - Texas Instruments ADS7883 Datasheet HTML 7Page - Texas Instruments ADS7883 Datasheet HTML 8Page - Texas Instruments ADS7883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ELECTRICAL SPECIFICATIONS
ADS7883
www.ti.com ....................................................................................................................................................................................................... SLAS594 – JULY 2008
VDD = 2.7 V to 5.5 V, TA = –40°C to 125°C, fsample = 2 MSPS for VDD = 2.7 V to 4.5 V, fsample = 3 MSPS for VDD = 4.5 V to 5.5
V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input voltage span(1)
0
VDD
V
Absolute input voltage range
+IN
–0.2
VDD+0.2
V
CI
Input capacitance(2)
27
pF
IIlkg
Input leakage current
TA = 125°C
40
nA
SYSTEM PERFORMANCE
Resolution
12
Bits
ADS7883SB
12
No missing codes
Bits
ADS7883S
11
ADS7883SB
–1
±0.6
1
INL
Integral nonlinearity
LSB(3)
ADS7883S
–2
±0.75
2
ADS7883SB
–1
±0.5
1
DNL
Differential nonlinearity
LSB
ADS7883S
–2
±0.75
2
EO
Offset error(4)(5)(6)
–3
±0.2
3
LSB
EG
Gain error(5)
–3.5
±0.3
3.5
LSB
SAMPLING DYNAMICS
32-MHz SCLK, VDD = 3 V
398
422
Conversion time
ns
48-MHz SCLK, VDD = 5 V
265
281
32-MHz SCLK, VDD = 3 V
78
Acquisition time
ns
48-MHz SCLK, VDD = 5 V
52
32-MHz SCLK, VDD = 2.7 V to 4.5 V
2
Maximum throughput rate
MHz
48-MHz SCLK, VDD = 4.5 V to 5.5 V
3
Aperture delay
10
ns
DYNAMIC CHARACTERISTICS
THD
Total harmonic distortion(7)
fI = 100 kHz
–84
dB
fI = 100 kHz, ADS7883SB
69
72
SINAD
Signal-to-noise and distortion
dB
fI = 100 kHz, ADS7883S
68
70
SFDR
Spurious free dynamic range
fI = 100 kHz
86
dB
Full power bandwidth
At –3 dB
30
MHz
DIGITAL INPUT/OUTPUT
Logic family — CMOS
VDD = 2.7 V to 3.6 V
1.5
5.5
VIH
High-level input voltage
V
VDD = 3.6 V to 5.5 V
2.2
5.5
VDD = 2.7 V to 3.6 V
0.4
VIL
Low-level input voltage
V
VDD = 3.6 V to 5.5 V
0.8
VOH
High-level output voltage
At Isource = 200 µA
VDD–0.2
V
VOL
Low-level output voltage
At Isink = 200 µA
0.4
POWER SUPPLY REQUIREMENTS
+VDD
Supply voltage
2.7
3.3
5.5
V
(1)
Ideal input span; does not include gain or offset error
(2)
Refer to Figure 24 for details on sampling circuit
(3)
LSB means least significant bit
(4)
Measured relative to an ideal full-scale input
(5)
Offset error and gain error ensured by characterization
(6)
First transition of 000H to 001H at (Vref/2
10)
(7)
Calculated on the first nine harmonics of the input frequency
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS7883


Similar Part No. - ADS7883

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7883 BURR-BROWN-ADS7883 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS7883SBDBVR TI1-ADS7883SBDBVR Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883SBDBVT TI1-ADS7883SBDBVT Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883SDBVR TI1-ADS7883SDBVR Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883SDBVT TI1-ADS7883SDBVT Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7883

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI1-ADS8319_15 Datasheet
1Mb / 36P
[Old version datasheet]   Serial Interface, Micropower, Miniature SAR Analog-to-Digital Converter
ADS7881 TI-ADS7881 Datasheet
337Kb / 26P
[Old version datasheet]   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7881 BURR-BROWN-ADS7881_13 Datasheet
831Kb / 31P
   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7886 TI-ADS7886 Datasheet
1Mb / 17P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7886 TI1-ADS7886_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M Datasheet
536Kb / 17P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com