Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2550DRVTG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS2550DRVTG4
Description  ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2550DRVTG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS2550DRVTG4 Datasheet HTML 1Page - Texas Instruments TPS2550DRVTG4 Datasheet HTML 2Page - Texas Instruments TPS2550DRVTG4 Datasheet HTML 3Page - Texas Instruments TPS2550DRVTG4 Datasheet HTML 4Page - Texas Instruments TPS2550DRVTG4 Datasheet HTML 5Page - Texas Instruments TPS2550DRVTG4 Datasheet HTML 6Page - Texas Instruments TPS2550DRVTG4 Datasheet HTML 7Page - Texas Instruments TPS2550DRVTG4 Datasheet HTML 8Page - Texas Instruments TPS2550DRVTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPS2550
TPS2551
www.ti.com .................................................................................................................................................... SLVS736A – FEBRUARY 2008 – REVISED JULY 2008
MIN
MAX
UNIT
VIN
Input voltage, IN
2.5
6.5
V
VEN
TPS2550
0
6.5
Enable voltage
V
V/EN
TPS2551
0
6.5
IOUT
Continuous output current, OUT
0
1.1
A
RILIM
Current-limit set resistor from ILIM to GND
14.3
80.6
k
I/FAULT
FAULT sink current
0
10
mA
DRV
–40
105
Operating virtual junction
TJ
°C
temperature
DBV
–40
125
over recommended operating junction temperature range, 2.5 V
≤ VIN ≤ 6.5 V, RILIM = 14.3 kΩ, V/EN = 0 V, or VEN = 5.0 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
POWER SWITCH
DBV package, TJ = 25 °C
85
95
DBV package, –40 °C
≤TJ ≤125 °C
135
rDS(on)
Static drain-source on-state resistance
m
DRV package, TJ = 25 °C
100
115
DRV package, –40 °C
≤TJ ≤105 °C
145
VIN = 6.5 V
1.0
1.5
tr
Rise time, output
VIN = 2.5 V
0.65
1.0
CL = 1 µF, RL = 100 Ω,
ms
(see Figure 2)
VIN = 6.5 V
0.2
0.5
tf
Fall time, output
VIN = 2.5 V
0.2
0.5
ENABLE INPUT EN OR EN
VIH
High-level input voltage
1.1
V
VIL
Low-level input voltage
0.66
IEN
Input current
VEN = 0 V or 6.5 V, V/EN = 0 V or 6.5 V
–0.5
0.5
µA
ton
Turnon time
3
ms
CL = 1 µF, RL = 100 Ω, (see Figure 2)
toff
Turnoff time
3
ms
CURRENT LIMIT
RILIM = 80.6 kΩ
110
215
300
IOS
Short-circuit current, OUT connected to GND
RILIM = 38.3 kΩ
300
500
650
RILIM = 15 kΩ
1050
1400
1650
mA
RILIM = 80.6 kΩ
290
315
340
IOC
Current-limit threshold (Maximum DC output current IOUT delivered to load)
RILIM = 38.3 kΩ
620
665
705
RILIM = 15 kΩ
1550
1650
1750
tIOS
Response time to short circuit
VIN = 5.0 V (see Figure 3)
2
µs
REVERSE-VOLTAGE PROTECTION
Reverse-voltage comparator trip point
95
135
190
mV
(VOUT – VIN)
Time from reverse-voltage condition to
VIN = 5.0 V
3
5
7
ms
MOSFET turn off
SUPPLY CURRENT
VIN = 6.5 V, No load on OUT, VEN = 6.5 V or VEN = 0 V, 14.3 kΩ
IIN_off
Supply current, low-level output
0.1
1
µA
≤ RILIM ≤ 80.6 kΩ
RILIM = 15 kΩ
150
µA
VIN = 6.5 V, No load on OUT, VEN = 0 V or
IIN_on
Supply current, high-level output
VEN = 6.5 V
RILIM = 80.6 kΩ
130
µA
IREV
Reverse leakage current
VOUT = 6.5 V, VIN = 0 V
TJ = 25 °C
0.01
1
µA
(1)
Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS2550 TPS2551


Similar Part No. - TPS2550DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2550DRVT TI-TPS2550DRVT Datasheet
1Mb / 28P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2550DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2550 TI-TPS2550 Datasheet
1Mb / 28P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
logo
Texas Instruments
TPS2552 TI-TPS2552_10 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552D TI1-TPS2552D Datasheet
743Kb / 31P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2554 TI1-TPS2554 Datasheet
1Mb / 23P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com