Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62270 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62270
Description  2.25 MHz 400-mA Step Down Converter With Selectable VOUT
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62270 Datasheet(HTML) 4 Page - Texas Instruments

  TPS62270 Datasheet HTML 1Page - Texas Instruments TPS62270 Datasheet HTML 2Page - Texas Instruments TPS62270 Datasheet HTML 3Page - Texas Instruments TPS62270 Datasheet HTML 4Page - Texas Instruments TPS62270 Datasheet HTML 5Page - Texas Instruments TPS62270 Datasheet HTML 6Page - Texas Instruments TPS62270 Datasheet HTML 7Page - Texas Instruments TPS62270 Datasheet HTML 8Page - Texas Instruments TPS62270 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
PIN ASSIGNMENTS
SW
VSEL
FB
EN
GND
VIN
1
2
3
4
5
6
TopviewDRVpackage
Zero-Pole
AMP.
Integrator
Error Amp.
PFMComparator
PWM
Comp.
VREF
Control
Stage
GateDriver
Anti
Shoot-Through
Current
LimitComparator
Current
LimitComparator
VREF+1%
FB
FB
VIN
GND
2.25MHz
Oscillator
SW1
EN
VIN
Softstart
VOUT RAMP
CONTROL
Thermal
Shutdown
Reference
0.6VVREF
Undervoltage
Lockout1.8V
Limit
HighSide
Limit
LowSide
Sawtooth
Generator
FB
RI1
RI..N
VSEL
GND
InternalVoltage
SettingNetwork
TPS62270
TPS62273
SLVS799B – NOVEMBER 2007 – REVISED JUNE 2008................................................................................................................................................... www.ti.com
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NO.
NAME
(SON)
VIN
5
PWR
VIN power supply pin.
GND
6
PWR
GND supply pin
EN
4
I
This is the enable pin of the device. Pulling this pin to low forces the device into shutdown mode. Pulling this
pin to high enables the device. This pin must be terminated.
SW
1
OUT
This is the switch pin and is connected to the internal MOSFET switches. Connect the inductor to this
terminal
FB
3
I
Feedback Pin for the internal regulation loop. Connect the external resistor divider to this pin. In case of fixed
output voltage option, connect this pin directly to the output capacitor
VSEL
2
I
Voltage Select input. Please refer to table ordering information for available output voltage selections.
FUNCTIONAL BLOCK DIAGRAM
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS62270 TPS62273


Similar Part No. - TPS62270

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62270 TI-TPS62270 Datasheet
917Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270 Datasheet
1,003Kb / 24P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270DRV TI-TPS62270DRV Datasheet
917Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270DRV TI-TPS62270DRV Datasheet
1,003Kb / 24P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270DRVR TI-TPS62270DRVR Datasheet
917Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
More results

Similar Description - TPS62270

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62270 TI-TPS62270_09 Datasheet
1,003Kb / 24P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_15 Datasheet
750Kb / 25P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270 Datasheet
917Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
TPS62406-Q1 TI1-TPS62406-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 2.25-MHz Fixed VOUT Dual Step-Down Converter
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com