Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60250RTET Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60250RTET
Description  HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60250RTET Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS60250RTET Datasheet HTML 6Page - Texas Instruments TPS60250RTET Datasheet HTML 7Page - Texas Instruments TPS60250RTET Datasheet HTML 8Page - Texas Instruments TPS60250RTET Datasheet HTML 9Page - Texas Instruments TPS60250RTET Datasheet HTML 10Page - Texas Instruments TPS60250RTET Datasheet HTML 11Page - Texas Instruments TPS60250RTET Datasheet HTML 12Page - Texas Instruments TPS60250RTET Datasheet HTML 13Page - Texas Instruments TPS60250RTET Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
x1 Operating
Area
x1.5 Operating
Area
V
I
V
I
V
O
VA
VF
VDX
CP WLEDDriver
VB
VC
VHYS
TPS60250
TPS60252
SLVS769C – APRIL 2007 – REVISED APRIL 2008............................................................................................................................................................ www.ti.com
Figure 13. Input Voltage Hysteresis Between
×1 and ×1.5 Mode
As shown in Figure 13, there is input hysteresis voltage between 1
× and 1.5× mode to ensure stable operation
during mode transition. For the 1 cell Li-Ion battery input voltage range, the TPS6025/2 operate in 1
× mode when
a fully charged battery is installed. Once the battery voltage drops below the VB level, which is the mode
transition voltage from 1
× to 1.5×, the WLED driver operates in 1.5× mode. Once in 1.5× mode, the battery
voltage must rise to the VC level in order to transition from 1.5× to 1×. This hysteresis ensures stable operation
when there is some input voltage fluctuation at the 1
×/1.5× mode transition.
The transition voltage, VB, depends on VDX (the mode transition threshold voltage), VF (WLED forward voltage
drop) and VA (the drop out voltage of the charge pump stage) and is calculated as follows:
VB = VA + VF + VDX
VA = ROUT1X × ILEDTOTAL
Where ROUT1X is the 1× mode output impedance of the IC. See the Electrical Characteristics table for output
impedance specifications.
The TPS60250/2 switch up to 1.5
× mode when the input voltage is below V
B and remain in 1.5× mode as long as
the input is lower than VC. 1.5× Mode is exited when the input voltage rises above VC. VC is calculated as:
VC = VF + 550 mV
The input voltage mode transition hysteresis voltage (VHYS) between 1× and 1.5× is calculated using the following
equation.
VHYS = VC – VB = 550 mV – VDX – VA, where VDX = 100mV
Note that VA is the key factor in determining VHYS and is dependant on the 1× mode charge pump output
impedance and WLED current.
10
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS60250 TPS60252


Similar Part No. - TPS60250RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60250RTET TI-TPS60250RTET Datasheet
527Kb / 24P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250RTET TI1-TPS60250RTET Datasheet
893Kb / 26P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
More results

Similar Description - TPS60250RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60250 TI-TPS60250 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60251 TI-TPS60251 Datasheet
644Kb / 28P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI1-TPS60250_14 Datasheet
893Kb / 26P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60255 TI1-TPS60255 Datasheet
720Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs DRIVER WITH 1 WIRE INTERFACE
logo
Analog Devices
ADP8861 AD-ADP8861 Datasheet
702Kb / 40P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
ADP8860 AD-ADP8860 Datasheet
997Kb / 52P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
logo
ON Semiconductor
NCP5603 ONSEMI-NCP5603 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
481Kb / 16P
   High Efficiency 2X Charge Pump
AAT3119 ANALOGICTECH-AAT3119_07 Datasheet
529Kb / 18P
   High Efficiency 2X Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com