Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61085DGKRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS61085DGKRG4
Description  650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61085DGKRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61085DGKRG4 Datasheet HTML 3Page - Texas Instruments TPS61085DGKRG4 Datasheet HTML 4Page - Texas Instruments TPS61085DGKRG4 Datasheet HTML 5Page - Texas Instruments TPS61085DGKRG4 Datasheet HTML 6Page - Texas Instruments TPS61085DGKRG4 Datasheet HTML 7Page - Texas Instruments TPS61085DGKRG4 Datasheet HTML 8Page - Texas Instruments TPS61085DGKRG4 Datasheet HTML 9Page - Texas Instruments TPS61085DGKRG4 Datasheet HTML 10Page - Texas Instruments TPS61085DGKRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
0
200
400
600
800
1000
1200
1400
1600
0
0.1
0.2
0.3
0.4
0.5
0.6
I
-Loadcurrent-mA
O
FREQ=V
L =3.3 H
IN
m
FREQ=GND
L =6.8 H
m
V
=3.3V
V
=12V
IN
S
0
200
400
600
800
1000
1200
1400
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
V
-SupplyVoltage-V
CC
FREQ=V
L =3.3 H
IN
m
FREQ=GND
L =6.8 H
m
V =12V/200mA
S
TPS61085
www.ti.com ...................................................................................................................................................................................................... SLVS859 – JUNE 2008
FREQUENCY
FREQUENCY
vs
vs
LOAD CURRENT
SUPPLY VOLTAGE
Figure 9.
Figure 10.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS61085


Similar Part No. - TPS61085DGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61085DGKRG4 TI1-TPS61085DGKRG4 Datasheet
1Mb / 30P
[Old version datasheet]   650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
More results

Similar Description - TPS61085DGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085 TI1-TPS61085_17 Datasheet
1Mb / 30P
[Old version datasheet]   650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61085 650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085A-Q1 TI1-TPS61085A-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz and 1.2-MHz, 18.5-V step-up DC/DC converter
TPS61087DRCR TI1-TPS61087DRCR Datasheet
1Mb / 30P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
TPS61087-Q1 TI1-TPS61087-Q1 Datasheet
808Kb / 26P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com