Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8519I Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS8519I
Description  16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8519I Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS8519I Datasheet HTML 2Page - Texas Instruments ADS8519I Datasheet HTML 3Page - Texas Instruments ADS8519I Datasheet HTML 4Page - Texas Instruments ADS8519I Datasheet HTML 5Page - Texas Instruments ADS8519I Datasheet HTML 6Page - Texas Instruments ADS8519I Datasheet HTML 7Page - Texas Instruments ADS8519I Datasheet HTML 8Page - Texas Instruments ADS8519I Datasheet HTML 9Page - Texas Instruments ADS8519I Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
www.ti.com
ADS8519
SLAS462A – JUNE 2007 – REVISED MARCH 2008
Pin Assignments
PIN
NAME
NO.
I/O
DESCRIPTION
AGND1
2
Analog ground. Used internally as ground reference point. Minimal current flow.
AGND2
9
Analog ground
Busy output. Falls when a conversion is started, and remains low until the conversion is completed and
BUSY
25
O
the data are latched into the output shift register.
CS
24
Chip select. Internally ORed with R/C.
CAP
6
Reference buffer capacitor, 2.2
µF tantalum capacitor to ground.
Serial data output. Data are synchronized to DATACLK, with the format determined by the level of
SB/BTC. In the external clock mode, after 16 bits of data, the ADS8519 outputs the level input on TAG
DATA
17
O
as long as CS is low and R/C is high (see Figure 8 and Figure 9). If EXT/INT is low, data are valid on
both the rising and falling edges of DATACLK, and between conversions DATA stays at the level of the
TAG input when the conversion was started.
Either an input or an output, depending on the EXT/INT level. Output data are synchronized to this
DATACLK
16
I/O
clock. If EXT/INT is low, DATACLK transmits 16 pulses after each conversion, and then remains low
between conversions.
DGND
14
Digital ground
Selects external or internal clock for transmitting data. If high, data are output synchronized to the
EXT/INT
13
clock input on DATACLK. If low, a convert command initiates the transmission of the data from the
previous conversion, along with 16 clock pulses output on DATACLK.
5, 8, 10, 11,
NC
18, 20, 22,
Not connected
23
Power down input. If high, conversions are inhibited and power consumption is significantly reduced.
PWRD
26
I
Results from the previous conversion are maintained in the output shift register.
Read/convert input. With CS low, a falling edge on R/C puts the internal sample-and-hold into the hold
state and starts a conversion. When EXT/INT is low, this also initiates the transmission of the data
R/C
21
I
results from the previous conversion. If EXT/INT is high, a rising edge on R/C with CS low, or a falling
edge on CS with R/C high, initiates the transmission of data from the previous conversion.
Reference input/output. Outputs internal 4.096V reference. Can also be driven by external system
REF
7
I/O
reference. In both cases, bypass to ground with a 2.2
µF tantalum capacitor.
R1IN
1
I
Analog input. See Table 3 for input range connections.
R2IN
3
I
Analog input. See Table 3 for input range connections.
R3IN
4
I
Analog input. See Table 3 for input range connections.
Select straight binary or binary two's complement data output format. If high, data are output in a
SB/BTC
12
O
straight binary format. If low, data are output in a binary two's complement format.
Sync output. This pin is used to supply a data synchronization pulse when the EXT level is high and at
SYNC
15
O
least one external clock pulse has occurred when not in the read mode. See the External DATACLK
section for the external clock mode description.
Tag input for use in the external clock mode. If EXT is high, digital data input from TAG is output on
TAG
19
I
DATA with a delay that depends on the external clock mode. See Figure 8 and Figure 9.
Analog supply input. Nominally +5V. Connect directly to pin 20, and decouple to ground with 0.1
µF
VANA
27
I
ceramic and 10
µF tantalum capacitors.
VDIG
28
I
Digital supply input. Connect directly to pin 19.
6
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS8519


Similar Part No. - ADS8519I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8519I TI-ADS8519I Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8519IB TI-ADS8519IB Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8519IBDB TI-ADS8519IBDB Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8519IBDB TI1-ADS8519IBDB Datasheet
652Kb / 29P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519IBDBG4 TI1-ADS8519IBDBG4 Datasheet
652Kb / 29P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8519I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8519 TI1-ADS8519_14 Datasheet
652Kb / 29P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7809 BURR-BROWN-ADS7809 Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7815 BURR-BROWN-ADS7815 Datasheet
140Kb / 8P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7809U-1K TI1-ADS7809U-1K Datasheet
867Kb / 19P
[Old version datasheet]   16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com