Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62270DRVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62270DRVR
Description  2.25 MHz 400-mA Step Down Converter With Selectable VOUT
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62270DRVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62270DRVR Datasheet HTML 4Page - Texas Instruments TPS62270DRVR Datasheet HTML 5Page - Texas Instruments TPS62270DRVR Datasheet HTML 6Page - Texas Instruments TPS62270DRVR Datasheet HTML 7Page - Texas Instruments TPS62270DRVR Datasheet HTML 8Page - Texas Instruments TPS62270DRVR Datasheet HTML 9Page - Texas Instruments TPS62270DRVR Datasheet HTML 10Page - Texas Instruments TPS62270DRVR Datasheet HTML 11Page - Texas Instruments TPS62270DRVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Timebase-5 s/Div
m
SW2V/Div
V
50mV/Div
OUT
I
200mA/Div
L
V
=3.6V,
V
=1.15V,
I
=10mA
IN
OUT
OUT
Timebase-1 s/Div
m
SW2V/Div
V
50mV/Div
OUT
I
200mA/Div
L
V
=3.6V,
V
=1.15V,
I
=150mA
IN
OUT
OUT
50mA
5mA
Timebase-50 s/Div
m
V
50mV/Div
OUT
I
200mA/Div
L
V
=3.6V,
V
=0.9V,
I
=5mA to50mA
IN
OUT
OUT
I
50mA/Div
OUT
200mA
VoltagePositioning
50mA
Timebase-20 s/Div
m
V
50mV/Div
OUT
I
200mA/Div
L
V
=3.6V,
V
=0.9V,
I
=150mA to200mA
IN
OUT
OUT
I
200mA/Div
OUT
TPS62270
TPS62273
SLVS799B – NOVEMBER 2007 – REVISED JUNE 2008................................................................................................................................................... www.ti.com
PWM MODE OPERATION
PFM MODE OPERATION
Figure 9.
Figure 10.
LOAD TRANSIENT RESPONSE PFM MODE
LOAD TRANSIENT RESPONSE PFM/PWM MODE
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS62270 TPS62273


Similar Part No. - TPS62270DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62270DRVR TI-TPS62270DRVR Datasheet
917Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270DRVR TI-TPS62270DRVR Datasheet
1,003Kb / 24P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270DRVRG4 TI-TPS62270DRVRG4 Datasheet
917Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270DRVRG4 TI-TPS62270DRVRG4 Datasheet
1,003Kb / 24P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
More results

Similar Description - TPS62270DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62270 TI-TPS62270_09 Datasheet
1,003Kb / 24P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_15 Datasheet
750Kb / 25P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270 Datasheet
917Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
TPS62406-Q1 TI1-TPS62406-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 2.25-MHz Fixed VOUT Dual Step-Down Converter
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com