Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ77PL900DLR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ77PL900DLR
Description  Five to Ten Series Cell Lithium-Ion or Lithium-Polymer Battery Protector and Analog Front End
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ77PL900DLR Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ77PL900DLR Datasheet HTML 6Page - Texas Instruments BQ77PL900DLR Datasheet HTML 7Page - Texas Instruments BQ77PL900DLR Datasheet HTML 8Page - Texas Instruments BQ77PL900DLR Datasheet HTML 9Page - Texas Instruments BQ77PL900DLR Datasheet HTML 10Page - Texas Instruments BQ77PL900DLR Datasheet HTML 11Page - Texas Instruments BQ77PL900DLR Datasheet HTML 12Page - Texas Instruments BQ77PL900DLR Datasheet HTML 13Page - Texas Instruments BQ77PL900DLR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
bq77PL900
SLUS844 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
over operating free-air temperature range (unless otherwise noted)
(1) (2)
VALUE
UNIT
VMAX
Supply voltage range
BAT, PACK
–0.3 to 60
V
VIN
Input voltage range
VC1~ VC10
–0.3 to 60
V
VC11
0.3 to 5
V
VCn to VCn+1, n = 1 to 10
–0.3 to 8
V
PMS
–0.3 to 60
V
SRP, SRN
–0.5 to 1
V
SDATA, SCLK, EEPROM, VLOG, ZEDE, CNF0, CNF1, CNF2, TIN
–0.3 to 7
V
VO
Output voltage range
CHG
PACK – 20 to 60
V
DSG
BAT – 20 to 60
V
TOUT, VOUT, IOUT, XRST, XALERT, SDATA, SCLK
–0.3 to 7
V
CP1, CP2, CP3, CP4, CPOUT, GPOD
–0.3 to 60
V
ICB
Current for cell balancing
10
mA
TSTG
Storage temperature range
–65 to 150
°C
TSOLDER
Lead temperature (soldering, 10 s)
300
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground of this device except VCn – VC(n+1), where n=1 to 10 cell voltage.
TA ≤ 25°C
DERATING FACTOR
TA = 85°C
TA = 100°C
PACKAGE
ABOVE TA ≥ 70°C
POWER RATING
POWER RATING
POWER RATING
DL
1388 mW
11.1 mW/°C
720 mW
555 mW
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): bq77PL900


Similar Part No. - BQ77PL900DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ77PL900DLR TI-BQ77PL900DLR Datasheet
862Kb / 60P
[Old version datasheet]   Five to Ten Series Cell Lithium-Ion or Lifthium-Polymer Battery Protector and Analog Front End
BQ77PL900DLRG4 TI-BQ77PL900DLRG4 Datasheet
862Kb / 60P
[Old version datasheet]   Five to Ten Series Cell Lithium-Ion or Lifthium-Polymer Battery Protector and Analog Front End
More results

Similar Description - BQ77PL900DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ77PL900 TI-BQ77PL900_1 Datasheet
866Kb / 57P
[Old version datasheet]   Five to Ten Series Cell Lithium-Ion or Lithium-Polymer Battery Protector and Analog Front End
BQ77PL900 TI-BQ77PL900_2 Datasheet
862Kb / 60P
[Old version datasheet]   Five to Ten Series Cell Lithium-Ion or Lifthium-Polymer Battery Protector and Analog Front End
BQ76925 TI1-BQ76925 Datasheet
743Kb / 29P
[Old version datasheet]   Host Controlled Analog Front End for 3 to 6 Series Cell Lithium-Ion/ Polymer Battery
BQ29311 TI-BQ29311 Datasheet
242Kb / 19P
[Old version datasheet]   THREE AND FOUR CELL LITHIUM ION OR LITHIUM POLYMER BATTERY PROTECTION IC
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
logo
Unisonic Technologies
UB2421 UTC-UB2421_15 Datasheet
232Kb / 11P
   ONE CELL LITHIUM-ION POLYMER BATTERY
logo
Texas Instruments
BQ29330 TI-BQ29330 Datasheet
1Mb / 26P
[Old version datasheet]   2-,3-,AND 4-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
BQ77910ADBT TI1-BQ77910ADBT Datasheet
856Kb / 52P
[Old version datasheet]   Multi-Cell Lithium-Ion/Polymer Precision Protector
BQ77908A TI-BQ77908A Datasheet
943Kb / 52P
[Old version datasheet]   Multi-Cell Lithium-Ion/Polymer Precision Protector
BQ77910A TI1-BQ77910A Datasheet
941Kb / 52P
[Old version datasheet]   Multi-Cell Lithium-Ion/Polymer Precision Protector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com