Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD16NE06L-1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD16NE06L-1
Description  N - CHANNEL 60V - 0.07 ohm - 16A - TO-251 STripFET POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD16NE06L-1 Datasheet(HTML) 3 Page - STMicroelectronics

  STD16NE06L-1 Datasheet HTML 1Page - STMicroelectronics STD16NE06L-1 Datasheet HTML 2Page - STMicroelectronics STD16NE06L-1 Datasheet HTML 3Page - STMicroelectronics STD16NE06L-1 Datasheet HTML 4Page - STMicroelectronics STD16NE06L-1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SWITCHING ON
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Time
Rise Time
VDD = 30 V
ID = 10 A
RG =4.7
VGS = 5 V
20
45
30
60
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD = 48 V
ID = 20 A
VGS = 5 V
14
8
4
20
nC
nC
nC
SWITCHING OFF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tr(Voff)
tf
tc
Off-voltage Rise Time
Fall Time
Cross-over Time
VDD = 48 V
ID = 20 A
RG =4.7
Ω VGS = 5 V
10
25
42
14
34
60
ns
ns
ns
SOURCE DRAIN DIODE
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM(
•)
Source-drain Current
Source-drain Current
(pulsed)
20
80
A
A
VSD (
∗)
Forward On Voltage
ISD = 16 A
VGS = 0
1.5
V
trr
Qrr
IRRM
Reverse Recovery
Time
Reverse Recovery
Charge
Reverse Recovery
Current
ISD = 20 A
di/dt = 100 A/
µs
VDD = 30 V
Tj = 150
oC
65
130
4
ns
µC
A
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(
•) Pulse width limited by safe operating area
ST16NE06L1
3/5


Similar Part No. - STD16NE06L-1

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD16NE06L-1 VBSEMI-STD16NE06L-1 Datasheet
963Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - STD16NE06L-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB16NF06L STMICROELECTRONICS-STB16NF06L Datasheet
312Kb / 9P
   N-CHANNEL 60V - 0.07 ohm - 16A D2PAK STripFET??POWER MOSFET
STD16NE06L STMICROELECTRONICS-STD16NE06L Datasheet
55Kb / 5P
   N - CHANNEL 60V - 0.07 ohm - 16A - DPAK STripFET POWER MOSFET
STP16NF06L STMICROELECTRONICS-STP16NF06L Datasheet
337Kb / 9P
   N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFET??II POWER MOSFET
STB16NF06LT4 STMICROELECTRONICS-STB16NF06LT4 Datasheet
405Kb / 13P
   N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
STB16NF06L STMICROELECTRONICS-STB16NF06L_06 Datasheet
406Kb / 13P
   N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
STD16NE10L STMICROELECTRONICS-STD16NE10L Datasheet
444Kb / 6P
   N - CHANNEL 100V - 0.07 ohm - 16A DPAK STripFET POWER MOSFET
May 2000
STD19NE06L STMICROELECTRONICS-STD19NE06L Datasheet
90Kb / 9P
   N - CHANNEL 60V - 0.038 ohm - 19A - TO-251/TO-252 STripFET POWER MOSFET
STP16NE06 STMICROELECTRONICS-STP16NE06 Datasheet
337Kb / 9P
   N - CHANNEL 60V - 0.08 ohm - 16A - TO-220/TO-220FP STripFET POWER MOSFET
STP22NE10L STMICROELECTRONICS-STP22NE10L Datasheet
83Kb / 8P
   N - CHANNEL 100V - 0.07 ohm - 22A TO-220 STripFET POWER MOSFET
STP16NF06 STMICROELECTRONICS-STP16NF06 Datasheet
367Kb / 9P
   N-CHANNEL 60V - 0.08 ohm - 16A TO-220/TO-220FP STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com