Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

361R681M075FF2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 361R681M075FF2
Description  105 ?C, Miniature, Industrial Grade, Radial Leaded
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

361R681M075FF2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  361R681M075FF2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 361R681M075FF2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 361R681M075FF2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 361R681M075FF2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 361R681M075FF2 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Type 361R 105 °C, Miniature, Industrial Grade, Radial Leaded
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
4,000 h @ +105 °C
∆ Capacitance ±15%
ESR 175% of limit
DCL 100% of limit
1,000 h @ 105 °C
∆ Capacitance ±15%
ESR 150% of limit
DCL 200% of limit
10 to 55 Hz, 0.06” and 10 g, 2 h ea of 3 planes
Type 361R capacitors are for industrial applications
from –40 °C to +105 °C. They deliver excellent ripple
capability and low ESR and ESL. Also available with three
mounting leads. For three leads, change Type designation
from 361R to 366R.
Highlights
• Excellent Ripple Capability
• Low ESR and ESL
• High Value
Specifications
Operating Temperature:
Rated Voltage:
Capacitance:
Leakage Current:
Ripple Current Multipliers:
Load Life:
Shelf Life:
Vibration:
High-value, High Ripple, Low ESR & ESL
–40 °C to +105 °C
6.3 to 450 Vdc
7 to 18,000 µF ± 20%
≤0.002 CV µF +25 °C, 6.3 to 160 Vdc
≤0.02 CV µF +25 °C, 200 to 450 Vdc
Ambient Temperature
45 °C
55 °C
65 °C
75 °C
85 °C
95 °C
105 °C
2.00
1.60
1.40
1.25
1.00
0.79
0.5
50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz 10 kHz & up
6.3 & 10 V
0.91
0.93
1.00
1.06
1.08 1.09
1.09
16 to 25 V
0.85
0.88
1.00
1.12
1.18 1.21
1.22
35 V & up
0.77
0.82
1.00
1.21
1.32 1.37
1.38
Outline Drawings
Complies with the EU
Directive 2002/95/EC
requirement restricting
the use of Lead (Pb),
Mercury (Hg), Cadmium
(Cd), Hexavalent chromium
(Cr(VI)), PolyBrominated
Biphenyls (PBB) and
PolyBrominated Diphenyl
Ethers (PBDE).


Similar Part No. - 361R681M075FF2

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
361 PENTAIR-361 Datasheet
254Kb / 2P
   COMPACT, LOW-PROFILE SOLUTION FOR A BROAD RANGE OF FILTRATION APPLICATIONS
logo
Aries Electronics, Inc.
361 ARIES-361 Datasheet
653Kb / 2P
   PGA ZIF Test & Burn-in Socket for Any Footprint on Std 8x8 to 21x21 Grid
Rev. 1.10
logo
WECO ELECTRICAL CONNECT...
361 WECO-361 Datasheet
159Kb / 1P
   Flat screw terminals Heavy-duty version with grooved flat terminals, 3-pole
01.20
logo
Winchester Electronics ...
361-060-0040H WINCHESTER-361-060-0040H Datasheet
134Kb / 1P
   BMA STRAIGHT PCB MOUNT PLUG
361-595-0850H WINCHESTER-361-595-0850H Datasheet
58Kb / 1P
   BMA STRAIGHT BULKEHEAD JACK
More results

Similar Description - 361R681M075FF2

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
NLW200-6 CDE-NLW200-6 Datasheet
156Kb / 2P
   105 ?C, Miniature Computer Grade, Axial Leaded
SEK101M6R3ST CDE-SEK101M6R3ST Datasheet
446Kb / 6P
   105 ?C Radial Leaded Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
672D VISHAY-672D_V01 Datasheet
121Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
678D VISHAY-678D_V01 Datasheet
109Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
517D VISHAY-517D_V01 Datasheet
117Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
01-Jan-2022
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
517D VISHAY-517D Datasheet
103Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 07-Nov-06
logo
List of Unclassifed Man...
WBR100-16A ETC2-WBR100-16A Datasheet
163Kb / 2P
   Industrial Grade, Axial Leaded, Aluminum
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com