Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7863IRGER Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7863IRGER
Description  Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7863IRGER Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS7863IRGER Datasheet HTML 6Page - Texas Instruments ADS7863IRGER Datasheet HTML 7Page - Texas Instruments ADS7863IRGER Datasheet HTML 8Page - Texas Instruments ADS7863IRGER Datasheet HTML 9Page - Texas Instruments ADS7863IRGER Datasheet HTML 10Page - Texas Instruments ADS7863IRGER Datasheet HTML 11Page - Texas Instruments ADS7863IRGER Datasheet HTML 12Page - Texas Instruments ADS7863IRGER Datasheet HTML 13Page - Texas Instruments ADS7863IRGER Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
www.ti.com
-40 -25 -10
125
110
95
80
65
50
35
20
5
Temperature( C)
°
2.0
1.5
1.0
0.5
0
0.5
1.0
1.5
2.0
-
-
-
-
Offset
OffsetMatch
AV
(V)
DD
1.0
0.8
0.6
-1.0
2.7
3.0
3.3
5.5
0.4
0
-0.4
-0.8
-0.6
3.6
3.9
4.2
4.5
4.8
Offset Match
Offset
0.2
-0.2
5.1
-40 -25 -10
125
110
95
80
65
50
35
20
5
Temperature( C)
°
0.20
0.15
0.10
0.05
0
0.05
0.10
0.15
0.20
-
-
-
-
Gain
GainMatch
AV
(V)
DD
0.10
0.05
-0.10
2.7
3.0
3.3
5.5
0
3.6
3.9
4.2
4.5
4.8
Gain
GainMatch
-0.05
5.1
-40 -25 -10
125
110
95
80
65
50
35
20
5
Temperature( C)
°
74.0
73.5
73.0
72.5
72.0
5
0.0
71.5
71.0
70.
7
AV
(V)
DD
74.0
73.5
73.0
70.0
2.7
3.0
3.3
5.5
72.5
71.5
70.5
3.6
3.9
4.2
4.5
4.8
72.0
71.0
5.1
ADS7863
SBAS383B – JUNE 2007 – REVISED MARCH 2008
TYPICAL CHARACTERISTICS (continued)
Over entire supply voltage range, VREF = 2.5V (internal), fCLK = 32MHz, and tDATA = 2MSPS, unless otherwise noted.
OFFSET ERROR AND OFFSET MATCH vs
OFFSET ERROR AND OFFSET MATCH vs
ANALOG SUPPLY VOLTAGE
TEMPERATURE
Figure 9.
Figure 10.
GAIN ERROR AND GAIN MATCH vs
GAIN ERROR AND GAIN MATCH vs
ANALOG SUPPLY VOLTAGE
TEMPERATURE
Figure 11.
Figure 12.
COMMON-MODE REJECTION RATIO vs
COMMON-MODE REJECTION RATIO vs
ANALOG SUPPLY VOLTAGE
TEMPERATURE
Figure 13.
Figure 14.
10
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS7863


Similar Part No. - ADS7863IRGER

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7863IRGER BURR-BROWN-ADS7863IRGER Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7863IRGER TI1-ADS7863IRGER Datasheet
1Mb / 43P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
ADS7863IRGER TI1-ADS7863IRGER Datasheet
1Mb / 44P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863IRGERG4 TI1-ADS7863IRGERG4 Datasheet
1Mb / 43P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
ADS7863IRGERG4 TI1-ADS7863IRGERG4 Datasheet
1Mb / 44P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7863IRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7863 TI1-ADS7863_14 Datasheet
1Mb / 44P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 TI1-ADS7863 Datasheet
1Mb / 43P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
ADS7865 TI-ADS7865 Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865 TI1-ADS7865_14 Datasheet
779Kb / 33P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7863A TI1-ADS7863A Datasheet
1Mb / 42P
[Old version datasheet]   Dual, 2-MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous-Sampling, Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_16 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7863 BURR-BROWN-ADS7863 Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com