Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ20Z75DBT-V160 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z75DBT-V160
Description  SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z75DBT-V160 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ20Z75DBT-V160 Datasheet HTML 3Page - Texas Instruments BQ20Z75DBT-V160 Datasheet HTML 4Page - Texas Instruments BQ20Z75DBT-V160 Datasheet HTML 5Page - Texas Instruments BQ20Z75DBT-V160 Datasheet HTML 6Page - Texas Instruments BQ20Z75DBT-V160 Datasheet HTML 7Page - Texas Instruments BQ20Z75DBT-V160 Datasheet HTML 8Page - Texas Instruments BQ20Z75DBT-V160 Datasheet HTML 9Page - Texas Instruments BQ20Z75DBT-V160 Datasheet HTML 10Page - Texas Instruments BQ20Z75DBT-V160 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
bq20z75
www.ti.com............................................................................................................................................................... SLUS723C – JULY 2007 – REVISED JULY 2008
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted), TA = –40°C to 85°C, VREG25 = 2.41 V to 2.59 V, VBAT =
14V, CREG25 = 1µF, CREG33 = 2.2µF; typical values at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IVCELL+OU
VC(n) – VC(n+1) = 0V; VCELL+ =
Drive Current to VCELL+ capacitor
12
18
µA
T
0V; TA = –40°C to 100°C
CELL output (VC2 = VC1 = 18V) –
VVCELL+O CELL offset error
–18
–1
18
mV
CELL output (VC2 = VC1 = 0V)
IVCnL
VC(n) pin leakage current
VC1, VC2, VC3, VC4, VC5 = 3V
–1
0.01
1
µA
CELL BALANCING
RDS(on) for internal FET switch at VDS
RBAL
internal cell balancing FET resistance
200
400
600
= 2V; TA = 25°C
HARDWARE SHORT CIRCUIT AND OVERLOAD PROTECTION; TA = 25°C (unless otherwise noted)
VOL = 25mV (min)
15
25
35
V(OL)
OL detection threshold voltage accuracy
VOL = 100mV; RSNS = 0, 1
90
100
110
mV
VOL = 205mV (max)
185
205
225
VSCC = 50mV (min)
30
50
70
SCC detection threshold voltage
V(SCC)
VSCC = 200mV; RSNS = 0, 1
180
200
220
mV
accuracy
VSCC = 475mV (max)
428
475
523
VSCD = –50mV (min)
–30
–50
–70
SCD detection threshold voltage
V(SCD)
VSCD = –200mV; RSNS = 0, 1
–180
–200
–220
mV
accuracy
VSCD = –475mV (max)
–428
–475
–523
tda
Delay time accuracy
±15.25
µs
tpd
Protection circuit propagation delay
50
µs
FET DRIVE CIRCUIT; TA = 25°C (unless otherwise noted)
VDSGON = VDSG – VPACK; VGS =
VDSGON
DSG pin output on voltage
10M
Ω;DSG and CHG on; TA =
8
12
16
V
–40°C to 100°C
VCHGON = VCHG – VBAT; VGS =
VCHGON
CHG pin output on voltage
10M
Ω;DSG and CHG on; TA =
8
12
16
V
–40°C to 100°C
VDSGOFF
DSG pin output off voltage
VDSGOFF = VDSG – VPACK
0.2
V
VCHGOFF
CHG pin output off voltage
VCHGOFF = VCHG – VBAT
0.2
V
CL=4700pF; VPACK ≤ DSG ≤VPACK +
400
1000
4V
tR
Rise time
µs
CL=4700pF; VBAT ≤ CHG ≤VBAT + 4V
400
1000
CL=4700pF; VPACK + VDSGON ≤ DSG
40
200
≤VPACK + 1V
tF
Fall time
µs
CL=4700pF; VBAT + VCHGON ≤ CHG
40
200
≤VBAT + 1V
VZVCHG
ZVCHG clamp voltage
BAT = 4.5V
3.3
3.5
3.7
V
LOGIC; TA = –40°C to 100°C (unless otherwise noted)
ALERT
60
100
200
RPULLUP
Internal pullup resistance
k
RESET
1
3
6
ALERT
0.2
RESET; VBAT = 7V; VREG25 = 1.5V;
VOL
Logic low output voltage level
0.4
V
IRESET = 200µA
GPOD; IGPOD = 50µA
0.6
LOGIC SMBC, SMBD, PFIN, PRES, SAFE, ALERT
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): bq20z75


Similar Part No. - BQ20Z75DBT-V160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z75DBT-V160 TI-BQ20Z75DBT-V160 Datasheet
378Kb / 18P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
BQ20Z75DBT-V160 TI1-BQ20Z75DBT-V160 Datasheet
721Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC
More results

Similar Description - BQ20Z75DBT-V160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z75 TI-BQ20Z75 Datasheet
584Kb / 21P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK?
BQ20Z75DBTR-V180 TI-BQ20Z75DBTR-V180 Datasheet
896Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
BQ20Z75_0809 TI-BQ20Z75_0809 Datasheet
378Kb / 18P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
BQ20Z45-R1 TI-BQ20Z45-R1 Datasheet
248Kb / 18P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655 TI1-BQ20Z655 Datasheet
323Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK
BQ20Z45 TI-BQ20Z45 Datasheet
488Kb / 20P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655-R1 TI-BQ20Z655-R1_13 Datasheet
863Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z45-R1 TI1-BQ20Z45-R1_17 Datasheet
1Mb / 23P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track
BQ20Z95 TI-BQ20Z95 Datasheet
530Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z65-R1 TI-BQ20Z65-R1 Datasheet
355Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com