Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24304 Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ24304
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24304 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ24304 Datasheet HTML 4Page - Texas Instruments BQ24304 Datasheet HTML 5Page - Texas Instruments BQ24304 Datasheet HTML 6Page - Texas Instruments BQ24304 Datasheet HTML 7Page - Texas Instruments BQ24304 Datasheet HTML 8Page - Texas Instruments BQ24304 Datasheet HTML 9Page - Texas Instruments BQ24304 Datasheet HTML 10Page - Texas Instruments BQ24304 Datasheet HTML 11Page - Texas Instruments BQ24304 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
VOUT
VVBAT
tDGL(BOVP)
2.4
2.45
2.5
2.55
2.6
2.65
2.7
2.75
-50
-30
-10
10
30
50
70
90
110
130
V
Increasing
IN
V
Decreasing
IN
Temperature- C
°
20
30
40
50
60
70
80
0
50
100
150
bq24304,V
=4V
IN
Temperature- C
°
bq24300,V
=5V
IN
5.49
5.5
5.51
5.52
5.53
0
20
40
60
80
bq24304
bq24300
Temperature- C
°
4.4
4.5
4.51
4.52
4.53
100
120
10.3
10.35
10.4
10.45
10.5
10.6
0
20
40
60
80
100
120
V
Increasing
IN
V
Decreasing
IN
Temperature- C
°
10.55
bq24300
bq24304
bq24305
SLUS764B – AUGUST 2007 – REVISED JUNE 2008 ........................................................................................................................................................ www.ti.com
TYPICAL OPERATING PERFORMANCE (continued)
Figure 12. Battery OVP. VVBAT Steps from 4.3 V to 4.5 V.
Shows tDGL(BOVP) and Soft-Stop
UNDERVOLTAGE LOCKOUT
DROPOUT VOLTAGE (IN to OUT)
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 13.
Figure 14.
REGULATION VOLTAGE (OUT pin)
OVP THRESHOLD
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 15.
Figure 16.
8
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): bq24300 bq24304 bq24305


Similar Part No. - BQ24304

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24304DSGR TI-BQ24304DSGR Datasheet
836Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24304DSGRG4 TI-BQ24304DSGRG4 Datasheet
836Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24304DSGT TI-BQ24304DSGT Datasheet
836Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24304DSGTG4 TI-BQ24304DSGTG4 Datasheet
836Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results

Similar Description - BQ24304

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24314 TI-BQ24314_1 Datasheet
1Mb / 25P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314 TI-BQ24314 Datasheet
380Kb / 13P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24308 TI-BQ24308 Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC
BQ24312 TI-BQ24312 Datasheet
868Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGT TI1-BQ24314ADSGT Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300 Datasheet
836Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315 TI-BQ24315 Datasheet
1Mb / 20P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24313 TI-BQ24313 Datasheet
1Mb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314A TI-BQ24314A Datasheet
856Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGR TI1-BQ24314ADSGR Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com