Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NXSG426C Datasheet(PDF) 6 Page - NICHIA CORPORATION

Part # NXSG426C
Description  SPECIFICATIONS FOR NICHIA CHIP TYPE GREEN LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NXSG426C Datasheet(HTML) 6 Page - NICHIA CORPORATION

Back Button NXSG426C Datasheet HTML 2Page - NICHIA CORPORATION NXSG426C Datasheet HTML 3Page - NICHIA CORPORATION NXSG426C Datasheet HTML 4Page - NICHIA CORPORATION NXSG426C Datasheet HTML 5Page - NICHIA CORPORATION NXSG426C Datasheet HTML 6Page - NICHIA CORPORATION NXSG426C Datasheet HTML 7Page - NICHIA CORPORATION NXSG426C Datasheet HTML 8Page - NICHIA CORPORATION NXSG426C Datasheet HTML 9Page - NICHIA CORPORATION NXSG426C Datasheet HTML 10Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
-5-
1.0
1.8
1.8
4.6
Nichia STSE-CC5153A-2
<Cat.No. 061114>
(4) Soldering Conditions
· The LEDs can be soldered in place using the reflow soldering method.
Nichia cannot make a
guarantee on the LEDs after they have been assembled using the dip soldering method.
· Recommended soldering conditions
Reflow Soldering
Hand Soldering
Lead Solder
Lead-free Solder
Pre-heat
Pre-heat time
Peak
temperature
Soldering time
Condition
120
~ 150°C
120 sec. Max.
240°C Max.
10 sec. Max.
refer to
Temperature - profile
1.
180
~ 200°C
120 sec. Max.
260°C Max.
10 sec. Max.
refer to
Temperature - profile
2.
(N2 reflow is recommended.)
Temperature
Soldering time
350°C Max.
3 sec. Max.
(one time only)
Although the recommended soldering conditions are specified in the above table, reflow or hand
soldering at the lowest possible temperature is desirable for the LEDs.
A rapid-rate process is not recommended for cooling the LEDs down from the peak temperature.
[Temperature-profile (Surface of circuit board)]
Use the following conditions shown
to the under figure.
[Recommended soldering pad design]
Use the following conditions shown in the figure.
· Occasionally there is a brightness decrease caused by the influence of heat or ambient atmosphere
during air reflow.
It is recommended that the User use the nitrogen reflow method.
· Repairing should not be done after the LEDs have been soldered.
When repairing is unavoidable,
a double-head soldering iron should be used.
It should be confirmed beforehand whether the
characteristics of the LEDs will or will not be damaged by repairing.
· Reflow soldering should not be done more than two times.
· When soldering, do not put stress on the LEDs during heating.
· After soldering, do not warp the circuit board.
(5) Cleaning
· It is recommended that isopropyl alcohol be used as a solvent for cleaning the LEDs.
When using
other solvents, it should be confirmed beforehand whether the solvents will dissolve the package and the
resin or not.
Freon solvents should not be used to clean the LEDs because of worldwide regulations.
· Do not clean the LEDs by the ultrasonic.
When it is absolutely necessary, the influence of ultrasonic
cleaning on the LEDs depends on factors such as ultrasonic power and the assembled condition.
Before cleaning, a pre-test should be done to confirm whether any damage to the LEDs will occur.
(Unit : mm)
60sec.Max.
Above 220
°C
120sec.Max.
Pre-heating
260°C Max.
10sec. Max.
1~ 5°C / sec.
1~ 5°C / sec.
180 ~ 200°C
60sec.Max.
Above 200
°C
120sec.Max.
Pre-heating
240°C Max.
10sec. Max.
2.5 ~ 5°C / sec.
2.5 ~ 5°C / sec.
120 ~ 150°C
<
1 : Lead Solder>
<
2 : Lead-free Solder>


Similar Part No. - NXSG426C

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NXS0101 NEXPERIA-NXS0101 Datasheet
293Kb / 21P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4 - 9 February 2022
NXS0101-Q100 NEXPERIA-NXS0101-Q100 Datasheet
273Kb / 19P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 1 - 3 October 2022
NXS0101GM NEXPERIA-NXS0101GM Datasheet
293Kb / 21P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4 - 9 February 2022
NXS0101GS NEXPERIA-NXS0101GS Datasheet
293Kb / 21P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4 - 9 February 2022
NXS0101GW NEXPERIA-NXS0101GW Datasheet
293Kb / 21P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4 - 9 February 2022
More results

Similar Description - NXSG426C

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSG100BT NICHIA-NSSG100BT Datasheet
372Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE GREEN LED
NSSU100D NICHIA-NSSU100D Datasheet
665Kb / 14P
   SPECIFICATIONS FOR NICHIA CHIP TYPE UV LED
NSSB100BT NICHIA-NSSB100BT Datasheet
369Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE BLUE LED
NSSB426CT NICHIA-NSSB426CT Datasheet
440Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE BLUE LED
NSSW109T NICHIA-NSSW109T Datasheet
309Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
NSCW100 NICHIA-NSCW100 Datasheet
367Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
logo
List of Unclassifed Man...
NSSW440TVR ETC2-NSSW440TVR Datasheet
348Kb / 11P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
NSCB100AT ETC2-NSCB100AT Datasheet
485Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE BLUE LED
NFSW036BT ETC1-NFSW036BT Datasheet
709Kb / 14P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
logo
NICHIA CORPORATION
NSSB064T NICHIA-NSSB064T Datasheet
584Kb / 14P
   SPECIFICATIONS FOR NICHIA CHIP TYPE BLUE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com