Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

350GP291U100C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 350GP291U100C
Description  105 ?C, Low Inductance, Radial, Aluminum Electrolytic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

350GP291U100C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  350GP291U100C Datasheet HTML 1Page - List of Unclassifed Manufacturers 350GP291U100C Datasheet HTML 2Page - List of Unclassifed Manufacturers 350GP291U100C Datasheet HTML 3Page - List of Unclassifed Manufacturers 350GP291U100C Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 350 105 ºC, Low Inductance, Radial, Aluminum Electrolytic
High Frequency, Solid Aluminum Top
Type 350’s solid aluminum top assures extremely low
impedance. With a typical 4 to 6 nH ESL, the self reso-
nant frequency is well above 100 kHz. The very low
ESR assures the low impedance rating. The capacitors
are fitted with three rugged welded mounting leads to
provide maximum resistance
Highlights
Operates to beyond 200 kHz
Less than 10 nH ESL
Solid aluminum top
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
Shelf Life:
Leakage Current:
Cold Impedance:
Ripple Current Multipliers:
Load Life:
Shelf Life:
Vibration:
90 to 11,000 F
6.3 to 100 Vdc
–10 +75%
–55 ºC to +105 ºC
500 hours @ +105 ºC
≤0.5 √CV µA at +25 ºC
–55 º multiple of +25 ºC Z ≤
6 for 6.3 V, 3 for 10 to 50 V, 2 for 75 & 100 V
45 ºC
55 ºC
65 ºC
75 ºC
85 ºC
95 ºC
105 ºC
1.66
1.52
1.37
1.20
1.00
0.75
0.36
Ambient Temperature
Frequency
60 Hz
120 Hz 360 Hz
1 kHz
5 kHz 10 kHz & up
6.3 to 20 V
0.53
0.65
0.73
0.90
0.95
1.00
25 to 35 V
0.45
0.55
0.65
0.85
0.92
1.00
50 to 75 V
0.36
0.50
0.60
0.80
0.90
1.00
100 V
0.29
0.40
0.52
0.75
0.87
1.00
4,000 h @ +105 ºC at full load
∆ Capacitance ±10%
ESR 150% of limit
DCL 100% of limit
500 h @ 105 ºC, capacitance, ESR and DCL,
initial requirement
10 to 55 Hz, 0.06” and 10 g max, 2 h in each
plane
Outline Drawing
L
.025
±.015
S1 S2
D
T
±.015
Complies with the EU Directive
2002/95/EC requirement
restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls
(PBB) and PolyBrominated
Diphenyl Ethers (PBDE).


Similar Part No. - 350GP291U100C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
350GP291U100C CDE-350GP291U100C Datasheet
182Kb / 4P
   Low Inductance, Radial, Aluminum Electrolytic High Frequency, Solid Aluminum Top
350GP291U100C CDE-350GP291U100C Datasheet
207Kb / 5P
   High Frequency, Solid Aluminum Top
More results

Similar Description - 350GP291U100C

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474KXM100M ILLINOISCAPACITOR-474KXM100M_13 Datasheet
477Kb / 3P
   105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
SEK101M6R3ST CDE-SEK101M6R3ST Datasheet
446Kb / 6P
   105 ?C Radial Leaded Aluminum Electrolytic Capacitors
logo
RFE international
RA220M1CBK050110 RFE-RA220M1CBK050110_V01 Datasheet
987Kb / 4P
   Aluminum Electrolytic Capacitors RA Series: Radial, Very Low Leakage, 105°C
31-AUG-2023
RGA RFE-RGA Datasheet
1Mb / 6P
   Aluminum Electrolytic Capacitors RGA Series: Radial High Temperature, 105°C
06-OCT-2023
RNG RFE-RNG Datasheet
814Kb / 1P
   Aluminum Electrolytic Capactiors RNG Series: Radial Bi-Polar, 105°C
01.06.2022
RGL RFE-RGL Datasheet
991Kb / 5P
   Aluminum Electrolytic Capacitors RGL Series: Radial, Slim Type, 105°C
06-OCT-2023
logo
Cornell Dubilier Electr...
AFC226M06B12T CDE-AFC226M06B12T Datasheet
476Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 ?C
350 CDE-350 Datasheet
182Kb / 4P
   Low Inductance, Radial, Aluminum Electrolytic High Frequency, Solid Aluminum Top
logo
Vishay Siliconix
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com