Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8164IAPWG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC8164IAPWG4
Description  14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8164IAPWG4 Datasheet(HTML) 1 Page - Texas Instruments

  DAC8164IAPWG4 Datasheet HTML 1Page - Texas Instruments DAC8164IAPWG4 Datasheet HTML 2Page - Texas Instruments DAC8164IAPWG4 Datasheet HTML 3Page - Texas Instruments DAC8164IAPWG4 Datasheet HTML 4Page - Texas Instruments DAC8164IAPWG4 Datasheet HTML 5Page - Texas Instruments DAC8164IAPWG4 Datasheet HTML 6Page - Texas Instruments DAC8164IAPWG4 Datasheet HTML 7Page - Texas Instruments DAC8164IAPWG4 Datasheet HTML 8Page - Texas Instruments DAC8164IAPWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
DAC8164
1
FEATURES
DESCRIPTION
APPLICATIONS
24-BitShiftRegister
SYNC
SCLK
D
IN
DataBufferA
DACRegisterA
DataBufferB
DACRegisterB
DataBufferC
DACRegisterC
DataBufferD
DACRegisterD
AV
DD
V
REF
REF
H/V
OUT
Buffer
Control
Register
Control
ControlLogic
2.5V
Reference
Power-Down
ControlLogic
14-BitDAC
14-BitDAC
14-BitDAC
14-BitDAC
V
A
OUT
V
B
OUT
V
C
OUT
V
D
OUT
GND
LDAC
ENABLE
A1
A0
DAC8164
IOV
DD
V
REFL
DAC8164
www.ti.com ......................................................................................................................................... SBAS410A – FEBRUARY 2008 – REVISED FEBRUARY 2008
14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/
°C Internal Reference
234
• Relative Accuracy: 1LSB
The
DAC8164
is
a
low-power,
voltage-output,
four-channel, 14-bit digital-to-analog converter (DAC).
• Glitch Energy: 0.15nV-s
The
device
includes
a
2.5V,
2ppm/
°C internal
• Internal Reference:
reference (enabled by default), giving a full-scale
2.5V Reference Voltage (enabled by default)
output voltage range of 2.5V. The internal reference
0.004% Initial Accuracy (typ)
has an initial accuracy of 0.004% and can source up
to 20mA at the VREFH/VREFOUT pin. The device is
2ppm/
°C Temperature Drift (typ)
monotonic,
provides
very
good
linearity,
and
5ppm/
°C Temperature Drift (max)
minimizes undesired code-to-code transient voltages
20mA Sink/Source Capability
(glitch). The DAC8164 uses a versatile 3-wire serial
interface that operates at clock rates up to 50MHz.
• Power-On Reset to Zero-Scale
The interface is compatible with standard SPI™,
• Ultra-Low Power Operation: 1mA at 5V
QSPI™, Microwire™, and digital signal processor
• Wide Power Supply Range: +2.7V to +5.5V
(DSP) interfaces.
• 14-Bit Monotonic Over Temperature Range
The DAC8164 incorporates a power-on-reset circuit
• Settling Time: 10µs to ±0.006% Full-Scale
that ensures the DAC output powers up at zero-scale
and remains there until a valid code is written to the
Range (FSR)
device. The device contains a power-down feature,
• Low-Power Serial Interface with
accessed over the serial interface, that reduces the
Schmitt-Triggered Inputs: Up to 50MHz
current consumption of the device to 1.3
µA at 5V.
• On-Chip Output Buffer Amplifier with
Power consumption is 2.6mW at 3V, reducing to
Rail-to-Rail Operation
1.4
µW in power-down mode. The low power
consumption, internal reference, and small footprint
• 1.8V to 5.5V Logic Compatibility
make this device ideal for portable, battery-operated
• Temperature Range: –40°C to +105°C
equipment.
The DAC8164 is drop-in and functionally compatible
with the DAC7564 and DAC8564, and functionally
• Portable Instrumentation
compatible
with
the
DAC7565,
DAC8165
and
• Closed-Loop Servo-Control
DAC8565. All these devices are available in a
• Process Control, PLCs
TSSOP-16 package.
• Data Acquisition Systems
• Programmable Attenuation
• PC Peripherals
RELATED
DEVICES
16-BIT
14-BIT
12-BIT
Pin and
Functionally
DAC8564
DAC8164
DAC7564
Compatible
Functionally
DAC8565
DAC8165
DAC7565
Compatible
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI, QSPI are trademarks of Motorola, Inc.
3
Microwire is a trademark of National Semiconductor.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC8164IAPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8164 TI-DAC8164 Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8164 TI1-DAC8164 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
DAC8164 TI1-DAC8164 Datasheet
750Kb / 47P
[Old version datasheet]   14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppmC Internal Reference
More results

Similar Description - DAC8164IAPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7564 TI-DAC7564 Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8565 TI-DAC8565 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8564 TI-DAC8564 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7565 TI-DAC7565 Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8564 TI-DAC8564_15 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8560 TI-DAC8560_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/째C Internal Reference
logo
Burr-Brown (TI)
DAC8560 BURR-BROWN-DAC8560 Datasheet
995Kb / 29P
   16-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
logo
Texas Instruments
DAC7568 TI-DAC7568 Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568 TI-DAC7568_10 Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568_101 TI-DAC7568_101 Datasheet
2Mb / 60P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com