Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28230_0806 Datasheet(PDF) 9 Page - Texas Instruments

Part # UCC28230_0806
Description  Advanced PWM Controller for Bus Converters
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28230_0806 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC28230_0806 Datasheet HTML 5Page - Texas Instruments UCC28230_0806 Datasheet HTML 6Page - Texas Instruments UCC28230_0806 Datasheet HTML 7Page - Texas Instruments UCC28230_0806 Datasheet HTML 8Page - Texas Instruments UCC28230_0806 Datasheet HTML 9Page - Texas Instruments UCC28230_0806 Datasheet HTML 10Page - Texas Instruments UCC28230_0806 Datasheet HTML 11Page - Texas Instruments UCC28230_0806 Datasheet HTML 12Page - Texas Instruments UCC28230_0806 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
TYPICAL CHARACTERISTICS
Operating Supply Current IDD
over Temperature at FSW=100kHz
1.40
1.45
1.50
1.55
1.60
-55
-35
-15
5
25
45
65
85
105
125
TJ-temperature, °C
Start-up Current IDDoff
over Temperature at VDD=5.2V
135
140
145
150
155
160
165
-55
-35
-15
5
25
45
65
85
105
125
TJ-temperature, °C
Under Voltage Lockout Thresholds
over Temperature
5.3
5.5
5.7
5.9
6.1
6.3
6.5
6.7
-55
-35
-15
5
25
45
65
85
105
125
TJ-temperature, °C
Rising threshold
Falling threshold
Under Voltage Lockout Hysteresis
over Temperature
0.62
0.64
0.66
0.68
0.70
-55
-35
-15
5
25
45
65
85
105
125
TJ-temperature, °C
Soft Start Shutdown VSS_STD and First Pulse VSS_FP
Thresholds over Temperature
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
-55
-35
-15
5
25
45
65
85
105
125
TJ-temperature, °C
Soft Start Shutdown
First Pulse Threshold
Soft Start Pull-up VSS_PU and Clamp Voltage VSS_CL
Thresholds over Temperature
3.00
3.50
4.00
4.50
5.00
-55
-35
-15
5
25
45
65
85
105
125
TJ-temperature, °C
Pull-up Threshold
Clamp Voltage
UCC28230
UCC28231
www.ti.com ................................................................................................................................................... SLUS814A – FEBRUARY 2008 – REVISED JUNE 2008
Figure 5.
Figure 6.
Figure 7.
Figure 8.
Figure 9.
Figure 10.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): UCC28230 UCC28231


Similar Part No. - UCC28230_0806

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28230DRNR TI-UCC28230DRNR Datasheet
264Kb / 7P
[Old version datasheet]   Advanced PWM Controller For Bus Converters
UCC28230DRNT TI-UCC28230DRNT Datasheet
264Kb / 7P
[Old version datasheet]   Advanced PWM Controller For Bus Converters
UCC28230PWR TI-UCC28230PWR Datasheet
264Kb / 7P
[Old version datasheet]   Advanced PWM Controller For Bus Converters
UCC28230PWT TI-UCC28230PWT Datasheet
264Kb / 7P
[Old version datasheet]   Advanced PWM Controller For Bus Converters
UCC28230 TI-UCC28230_15 Datasheet
2Mb / 50P
[Old version datasheet]   Advanced PWM Controller for Bus Converters
More results

Similar Description - UCC28230_0806

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28230 TI-UCC28230_15 Datasheet
2Mb / 50P
[Old version datasheet]   Advanced PWM Controller for Bus Converters
UCC28230 TI-UCC28230 Datasheet
264Kb / 7P
[Old version datasheet]   Advanced PWM Controller For Bus Converters
logo
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
   Advanced PWM Power Controller
logo
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
UC1638 TI-UC1638 Datasheet
304Kb / 9P
[Old version datasheet]   Advanced PWM Motor Controller
logo
Intersil Corporation
ISL6744 INTERSIL-ISL6744 Datasheet
403Kb / 18P
   Intermediate Bus PWM Controller
ISL6744A INTERSIL-ISL6744A Datasheet
344Kb / 18P
   Intermediate Bus PWM Controller
ISL6744AAUZ INTERSIL-ISL6744AAUZ Datasheet
345Kb / 18P
   Intermediate Bus PWM Controller
October 8, 2007
ISL6744AU INTERSIL-ISL6744AU Datasheet
323Kb / 18P
   Intermediate Bus PWM Controller
September 22, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com