Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28070PWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28070PWR
Description  Interleaving Continuous Conduction Mode PFC Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28070PWR Datasheet(HTML) 4 Page - Texas Instruments

  UCC28070PWR Datasheet HTML 1Page - Texas Instruments UCC28070PWR Datasheet HTML 2Page - Texas Instruments UCC28070PWR Datasheet HTML 3Page - Texas Instruments UCC28070PWR Datasheet HTML 4Page - Texas Instruments UCC28070PWR Datasheet HTML 5Page - Texas Instruments UCC28070PWR Datasheet HTML 6Page - Texas Instruments UCC28070PWR Datasheet HTML 7Page - Texas Instruments UCC28070PWR Datasheet HTML 8Page - Texas Instruments UCC28070PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
www.ti.com
UCC28070
SLUS794A – NOVEMBER 2007 – REVISED MARCH 2008
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range
−40
°C < T
A < 125°C, TJ = TA, VCC = 12 V, GND = 0 V, RRT = 75 kΩ, RDMX = 68.1
k
Ω, RRDM = RSYN = 100 kΩ, CCDR = 2.2 nF, CSS = CVREF = 0.1 µF, CVCC = 1 µF, (unless otherwise noted)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Clock Synchronization
VCDR
SYNC enable threshold
Measured at CDR (rising)
5
5.25
V
VCDR = 6 V, Measured from RDM (rising) to
SYNC propagation delay
50
100
ns
GDx (rising)
SYNC threshold (Rising)
VCDR = 6 V, Measured at RDM
1.2
1.5
V
SYNC threshold (Falling)
VCDR = 6 V, Measured at RDM
0.4
0.7
Positive pulse width
0.2
µs
SYNC pulses
Maximum duty cycle (2)
50
%
Voltage Amplifier
VSENSE voltage
In regulation, TA = 25°C
2.97
3
3.03
V
VSENSE voltage
In regulation
2.94
3
3.06
VSENSE input bias current
In regulation
250
500
nA
VAO high voltage
VSENSE = 2.9 V
4.8
5
5.2
V
VAO low voltage
VSENSE = 3.1 V
0.05
0.50
gMV
VAO transconductance
2.8 V < VSENSE < 3.2 V, VAO = 3 V
70
µS
VAO sink current, overdriven limit
VSENSE = 3.5 V, VAO = 3 V
30
VAO source current, overdriven
VSENSE = 2.5 V, VAO = 3 V, SS = 3 V
−30
µA
VAO source current,
VSENSE = 2.5 V, VAO = 3 V
−130
overdriven limit + ISRC
Measured as VSENSE (falling) / VSENSE
Slew-rate correction threshold
92
93
95
%
(regulation)
Slew-rate correction hysteresis
Measured at VSENSE (rising)
3
9
mV
Measured at VAO, in addition to VAO
ISRC
Slew-rate correction current
−100
µA
source current.
Slew-rate correction enable threshold
Measured at SS (rising)
4
V
VAO discharge current
VSENSE = 0.5 V, VAO = 1 V
10
µA
Soft Start
ISS
SS source current
VSENSE = 0.9 V, SS = 1 V
−10
µA
Adaptive source current
VSENSE = 2.0 V, SS = 1 V
−1.5
-2.5
mA
Adaptive SS disable
Measured as VSENSE – SS
-30
0
30
mV
SS sink current
VSENSE = 0.5 V, SS = 0.2 V
0.5
0.9
mA
(2)
Due to the influence of the synchronization pulse width on the programmability of the maximum PWM switching duty cycle (DMAX) it is
recommended to minimize the synchronization signal's duty cycle.
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): UCC28070


Similar Part No. - UCC28070PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28070PWR TI-UCC28070PWR Datasheet
403Kb / 27P
[Old version datasheet]   Two-Phase Interleaved CCM PFC Controller
UCC28070PWR TI-UCC28070PWR Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070PWRG4 TI-UCC28070PWRG4 Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
More results

Similar Description - UCC28070PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28070 TI-UCC28070_15 Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070-Q1 TI1-UCC28070-Q1 Datasheet
883Kb / 43P
[Old version datasheet]   INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER
UCC28070DWR TI-UCC28070DWR Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
logo
Renesas Technology Corp
R2A20114AFP RENESAS-R2A20114AFP Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFPASP RENESAS-R2A20114AFPASP_15 Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104-114 RENESAS-R2A20104-114 Datasheet
354Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114BFP RENESAS-R2A20114BFP Datasheet
1,002Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFP RENESAS-R2A20114AFP_16 Datasheet
406Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114 RENESAS-R2A20114 Datasheet
146Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104 RENESAS-R2A20104 Datasheet
353Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
Jan 08, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com