Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28070PWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28070PWR
Description  Interleaving Continuous Conduction Mode PFC Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28070PWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC28070PWR Datasheet HTML 2Page - Texas Instruments UCC28070PWR Datasheet HTML 3Page - Texas Instruments UCC28070PWR Datasheet HTML 4Page - Texas Instruments UCC28070PWR Datasheet HTML 5Page - Texas Instruments UCC28070PWR Datasheet HTML 6Page - Texas Instruments UCC28070PWR Datasheet HTML 7Page - Texas Instruments UCC28070PWR Datasheet HTML 8Page - Texas Instruments UCC28070PWR Datasheet HTML 9Page - Texas Instruments UCC28070PWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
www.ti.com
DEVICE INFORMATION
GDB
SS
RT
CAOB
GND
VCC
GDA
DMAX
1
2
3
4
5
6
7
8
9
20
19
18
17
16
15
14
13
12
VAO
RDM
PKLMT
RSYNTH
CSA
VSENSE
VINAC
IMO
CDR
10
CSB
VREF
CAOA
11
UCC28070
SLUS794A – NOVEMBER 2007 – REVISED MARCH 2008
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range
−40
°C < T
A < 125°C, TJ = TA, VCC = 12 V, GND = 0 V, RRT = 75 kΩ, RDMX = 68.1
k
Ω, RRDM = RSYN = 100 kΩ, CCDR = 2.2 nF, CSS = CVREF = 0.1 µF, CVCC = 1 µF, (unless otherwise noted)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Current Synthesizer
VSENSE = 3 V, VINAC = 0 V
2.91
3
3.09
VRSYNTH
Regulation voltage
VSENSE = 3 V, VINAC = 2.85 V
0.10
0.15
0.20
V
Synthesizer disable threshold
Measured at RSYNTH (rising)
5
5.25
VINAC input bias current
0.250
0.500
µA
Peak Current Limit
Peak current limit threshold
PKLMT = 3.30 V, measured at CSx (rising)
3.27
3.3
3.33
V
Measured between CSx (rising) and GDx
Peak current limit propagation delay
60
100
ns
(falling) edges
PWM Ramp
VRMP
PWM ramp amplitude
3.8
4.0
4.2
V
PWM ramp offset voltage
TA = 25°C, RRT = 75 kΩ
0.65
0.7
PWM ramp offset temperature
−2
mV/
°C
coefficient
Gate Drive
GDA, GDB output voltage, high,
VCC = 20 V, CLOAD = 1 nF
11.5
13
15
clamped
V
GDA, GDB output voltage, High
CLOAD = 1 nF
10
10.5
GDA, GDB output voltage, Low
CLOAD = 1 nF
0.2
0.3
Rise time GDx
1 V to 9 V, CLOAD = 1 nF
18
30
ns
Fall time GDx
9 V to 1 V, CLOAD = 1 nF
12
25
GDA, GDB output voltage, UVLO
VCC = 0 V, IGDA, IGDB = 2.5 mA
0.7
2
V
Thermal Shutdown
Thermal shutdown threshold
160
°C
Thermal shutdown recovery
140
TSSOP-20 Top View, PW Package
6
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): UCC28070


Similar Part No. - UCC28070PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28070PWR TI-UCC28070PWR Datasheet
403Kb / 27P
[Old version datasheet]   Two-Phase Interleaved CCM PFC Controller
UCC28070PWR TI-UCC28070PWR Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070PWRG4 TI-UCC28070PWRG4 Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
More results

Similar Description - UCC28070PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28070 TI-UCC28070_15 Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070-Q1 TI1-UCC28070-Q1 Datasheet
883Kb / 43P
[Old version datasheet]   INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER
UCC28070DWR TI-UCC28070DWR Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
logo
Renesas Technology Corp
R2A20114AFP RENESAS-R2A20114AFP Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFPASP RENESAS-R2A20114AFPASP_15 Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104-114 RENESAS-R2A20104-114 Datasheet
354Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114BFP RENESAS-R2A20114BFP Datasheet
1,002Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFP RENESAS-R2A20114AFP_16 Datasheet
406Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114 RENESAS-R2A20114 Datasheet
146Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104 RENESAS-R2A20104 Datasheet
353Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
Jan 08, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com