Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCA8500_0803 Datasheet(PDF) 5 Page - Texas Instruments

Part # VCA8500_0803
Description  8-Channel, Ultralow-Power, Variable Gain Amplifier with Low-Noise Pre-Amp
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VCA8500_0803 Datasheet(HTML) 5 Page - Texas Instruments

  VCA8500_0803 Datasheet HTML 1Page - Texas Instruments VCA8500_0803 Datasheet HTML 2Page - Texas Instruments VCA8500_0803 Datasheet HTML 3Page - Texas Instruments VCA8500_0803 Datasheet HTML 4Page - Texas Instruments VCA8500_0803 Datasheet HTML 5Page - Texas Instruments VCA8500_0803 Datasheet HTML 6Page - Texas Instruments VCA8500_0803 Datasheet HTML 7Page - Texas Instruments VCA8500_0803 Datasheet HTML 8Page - Texas Instruments VCA8500_0803 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
www.ti.com
VCA8500
SBOS390A – JANUARY 2008 – REVISED MARCH 2008
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, AVDD2 = 5.0V, AVDD1 = DVDD = 3.3V; single-ended, ac-coupled (1µF) input configuration to the preamp
(LNA), fIN = 5MHz, VCNTL = 1.0V, PG = 30dB, clamp disabled (CL = 1), LPF = 15MHz, and RLOAD = 1kΩ on each output to ground, unless
otherwise noted.
VCA8500
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
DIGITAL INPUTS (SDI)
(PD, DIN, DOUT, CLK, RST)
VIH, high-level input voltage
2.0
VD
V
B
VIL, low-level input voltage
0
0.8
V
B
Input current
±10
µA
A
Clock frequency (fCLK)
10k
20M
Hz
B
Input resistance
1
M
C
Input capacitance
5
pF
C
POWER SUPPLY
Supply Voltages
AVDD1, DVDD
Operating
3.15
3.3
3.6
V
B
AVDD2
Operating
4.75
5
5.25
V
B
Supply Currents(4)
IAVDD1
TGC mode (D5 = 1)
145
156
mA
A
CW mode (D5 = 0)
78
84
mA
A
IDVDD
TGC, CW mode
1.5
3
mA
A
IAVDD2
TGC mode
8
10
mA
A
CW mode
54
59
mA
A
Power dissipation, total
All channels, TGC mode, no signal
522
570
mW
A
All channels, CW mode, no signal
533
575
mW
A
POWER-DOWN MODES
Standby Mode
PD (pin 49) = high
IAVDD1
18
mA
A
IDVDD
1.5
mA
A
IAVDD2
8
mA
A
Power dissipation
104
130
mW
A
Power-down response time
0.2
µs
C
Power-up response time(5)
PD to valid output (90% level)
50
µs
C
Shut-Down Mode
D2 (PWR) = high
IAVDD1
1.5
mA
A
IDVDD
1.5
mA
A
IAVDD2
2
mA
A
Power dissipation
19
35
mW
A
THERMAL CHARACTERISTICS
Temperature range
Ambient, operating
–40
+85
°C
Thermal resistance,
θ
JA
22.5
°C/W
Soldered pad; four-layer PCB
with thermal vias
Thermal resistance,
θ
JC
17.0
°C/W
(4)
Clamp enabled (D4 = 0).
(5)
See Figure 59 of the Typical Characteristics.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): VCA8500


Similar Part No. - VCA8500_0803

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA8500IRGCR TI-VCA8500IRGCR Datasheet
297Kb / 15P
[Old version datasheet]   8-Channel, Ultra-Low Power Variable Gain Amplifier with Low-Noise Pre-Amp
VCA8500IRGCT TI-VCA8500IRGCT Datasheet
297Kb / 15P
[Old version datasheet]   8-Channel, Ultra-Low Power Variable Gain Amplifier with Low-Noise Pre-Amp
More results

Similar Description - VCA8500_0803

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA8500 TI-VCA8500 Datasheet
297Kb / 15P
[Old version datasheet]   8-Channel, Ultra-Low Power Variable Gain Amplifier with Low-Noise Pre-Amp
logo
Analog Devices
AD604 AD-AD604 Datasheet
497Kb / 20P
   Dual, Ultralow Noise Variable Gain Amplifier
REV. 0
AD604 AD-AD604_15 Datasheet
930Kb / 33P
   Dual, Ultralow Noise Variable Gain Amplifier
Rev. G
AD604 AD-AD604_08 Datasheet
892Kb / 32P
   Dual, Ultralow Noise Variable Gain Amplifier
Rev. D
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
   Variable Gain Low Noise Amplifier
logo
Burr-Brown (TI)
VCA8617 BURR-BROWN-VCA8617 Datasheet
400Kb / 26P
   8-Channel VARIABLE GAIN AMPLIFIER
logo
Texas Instruments
VCA8617 TI1-VCA8617_14 Datasheet
723Kb / 35P
[Old version datasheet]   8-Channel VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com