Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28070 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28070
Description  Interleaving Continuous Conduction Mode PFC Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28070 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC28070 Datasheet HTML 5Page - Texas Instruments UCC28070 Datasheet HTML 6Page - Texas Instruments UCC28070 Datasheet HTML 7Page - Texas Instruments UCC28070 Datasheet HTML 8Page - Texas Instruments UCC28070 Datasheet HTML 9Page - Texas Instruments UCC28070 Datasheet HTML 10Page - Texas Instruments UCC28070 Datasheet HTML 11Page - Texas Instruments UCC28070 Datasheet HTML 12Page - Texas Instruments UCC28070 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
VREF vs Tem perature
5.82
5.88
5.94
6
6.06
6.12
6.18
-50
0
50
100
150
Tem perature (C)
VREF (IREF = 0mA)
Supply Current over Tem perature
0
2
4
6
8
10
12
-60
-40
-20
0
20
40
60
80
100
120
140
Tem perature (C)
IVCC, VCC=12V, disabled
IVCC, VCC=12V, enabled
IVSENSE vs Temperature
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-50
0
50
100
150
Tem perature (C)
VSENSE Regulation vs Tem perature
2.94
2.96
2.98
3
3.02
3.04
3.06
-60
-40
-20
0
20
40
60
80
100
120
140
Tem perature (C)
MultiplierCurrentvs.Voltage AmplifierOutput
0.00
20.00
40.00
60.00
80.00
100.00
120.00
140.00
160.00
180.00
0.0
1.0
2.0
3.0
4.0
5.0
6.0
VAOVoltage AmplifierOutput(V)
Level1
Level2
Level3
Level4
Level5
Level6
Level7
Level8
QVFFLevel
Multiplier Constant vs. Tem perature
14
15
16
17
18
19
20
-60
-40
-20
0
20
40
60
80
100
120
140
Tem perature (C)
VAO = 1.2V
VAO = 1.5V
VAO = 3.0V
VAO = 5.0V
UCC28070
SLUS794A – NOVEMBER 2007 – REVISED MARCH 2008
Figure 1.
Figure 2.
Figure 3.
Figure 4.
Figure 5.
Figure 6.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): UCC28070


Similar Part No. - UCC28070

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28070 TI-UCC28070 Datasheet
403Kb / 27P
[Old version datasheet]   Two-Phase Interleaved CCM PFC Controller
UCC28070 TI-UCC28070 Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070-Q1 TI1-UCC28070-Q1 Datasheet
883Kb / 43P
[Old version datasheet]   INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER
UCC28070A TI1-UCC28070A Datasheet
1Mb / 43P
[Old version datasheet]   Extended Frequency Range (10 kHz to 300 kHz)
UCC28070APW TI1-UCC28070APW Datasheet
1Mb / 43P
[Old version datasheet]   Extended Frequency Range (10 kHz to 300 kHz)
More results

Similar Description - UCC28070

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28070 TI-UCC28070_15 Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070-Q1 TI1-UCC28070-Q1 Datasheet
883Kb / 43P
[Old version datasheet]   INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER
UCC28070DWR TI-UCC28070DWR Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
logo
Renesas Technology Corp
R2A20114AFP RENESAS-R2A20114AFP Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFPASP RENESAS-R2A20114AFPASP_15 Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104-114 RENESAS-R2A20104-114 Datasheet
354Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114BFP RENESAS-R2A20114BFP Datasheet
1,002Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFP RENESAS-R2A20114AFP_16 Datasheet
406Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114 RENESAS-R2A20114 Datasheet
146Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104 RENESAS-R2A20104 Datasheet
353Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
Jan 08, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com