Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28070 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28070
Description  Interleaving Continuous Conduction Mode PFC Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28070 Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC28070 Datasheet HTML 7Page - Texas Instruments UCC28070 Datasheet HTML 8Page - Texas Instruments UCC28070 Datasheet HTML 9Page - Texas Instruments UCC28070 Datasheet HTML 10Page - Texas Instruments UCC28070 Datasheet HTML 11Page - Texas Instruments UCC28070 Datasheet HTML 12Page - Texas Instruments UCC28070 Datasheet HTML 13Page - Texas Instruments UCC28070 Datasheet HTML 14Page - Texas Instruments UCC28070 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
www.ti.com
CAx Offsets vs Temperature
at 0.8V Common Mode
-20
-15
-10
-5
0
5
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature (C)
CAx AVG
CAx +3sig
CAx -3sig
Current Am plifier Transconductance over Tem perature
80
85
90
95
100
105
110
-60
-40
-20
0
20
40
60
80
100
120
140
Tem perature (C)
CA1 - CA2 Offsets vs Temperature
at 0.8V Common Mode
-15
-10
-5
0
5
10
15
-60
-40
-20
0
20
40
60
80
100
120
140
Tem perature (C)
A-B AVG
A-B +3sig
A-B -3sig
CAx Offsets vs Temperature
at 2.0V Common Mode
-20
-15
-10
-5
0
5
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature (C)
CAx AVG
CAx +3sig
CAx -3sig
UCC28070
SLUS794A – NOVEMBER 2007 – REVISED MARCH 2008
TYPICAL CHARACTERISTICS (continued)
Figure 11.
Figure 12.
Figure 13.
Figure 14.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): UCC28070


Similar Part No. - UCC28070

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28070 TI-UCC28070 Datasheet
403Kb / 27P
[Old version datasheet]   Two-Phase Interleaved CCM PFC Controller
UCC28070 TI-UCC28070 Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070-Q1 TI1-UCC28070-Q1 Datasheet
883Kb / 43P
[Old version datasheet]   INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER
UCC28070A TI1-UCC28070A Datasheet
1Mb / 43P
[Old version datasheet]   Extended Frequency Range (10 kHz to 300 kHz)
UCC28070APW TI1-UCC28070APW Datasheet
1Mb / 43P
[Old version datasheet]   Extended Frequency Range (10 kHz to 300 kHz)
More results

Similar Description - UCC28070

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28070 TI-UCC28070_15 Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070-Q1 TI1-UCC28070-Q1 Datasheet
883Kb / 43P
[Old version datasheet]   INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER
UCC28070DWR TI-UCC28070DWR Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
logo
Renesas Technology Corp
R2A20114AFP RENESAS-R2A20114AFP Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFPASP RENESAS-R2A20114AFPASP_15 Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104-114 RENESAS-R2A20104-114 Datasheet
354Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114BFP RENESAS-R2A20114BFP Datasheet
1,002Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFP RENESAS-R2A20114AFP_16 Datasheet
406Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114 RENESAS-R2A20114 Datasheet
146Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104 RENESAS-R2A20104 Datasheet
353Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
Jan 08, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com