Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28230DRNR Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC28230DRNR
Description  Advanced PWM Controller for Bus Converters
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28230DRNR Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC28230DRNR Datasheet HTML 2Page - Texas Instruments UCC28230DRNR Datasheet HTML 3Page - Texas Instruments UCC28230DRNR Datasheet HTML 4Page - Texas Instruments UCC28230DRNR Datasheet HTML 5Page - Texas Instruments UCC28230DRNR Datasheet HTML 6Page - Texas Instruments UCC28230DRNR Datasheet HTML 7Page - Texas Instruments UCC28230DRNR Datasheet HTML 8Page - Texas Instruments UCC28230DRNR Datasheet HTML 9Page - Texas Instruments UCC28230DRNR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
UCC28230
UCC28231
SLUS814A – FEBRUARY 2008 – REVISED JUNE 2008 ................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VDD = 12V, 1-µF capacitor from VDD and VREF to GND, TA = TJ = –55°C to 125°C, RT = 49.9 kΩ connected to 4.4V supply to
set Fsw = 100 kHz (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Current Sense, Cycle-by-Cycle Current Limit With Hiccup, Short Circuit Protection With Latch Off
VCS_LIM
CS pin cycle-by-cycle threshold
0.48
0.5
0.515
V
Input pulse at CS from 0.3 V to 0.6 V with
TCS
CS to O1_D and O2_D propagation delay
100
0.03 V/ns slew rate
ns
Input pulse at CS from 0.3 V to 0.6 V with
TBL
Leading edge blanking time by internal filter
50
0.03 V/ns slew rate
Discharge current to set cycle-by-cycle current limit duration
IDS
CS = 0.6 V, VSS = 4 V
15
20
25
µA
(Figure 41)
Hiccup OFF time threshold
3.1
3.4
3.7
V
Discharge current to set Hiccup Mode OFF Time
IHCC
1.9
2.5
3.1
µA
(Figure 41, Figure 44)
VCS_SC
CS pin short circuit protection threshold (Figure 44)
0.65
0.7
0.75
V
Outputs O1_D, O2_D, O1_DIN, O2_DIN
Sink/Source peak current(2)
0.2
A
Rise time
CLOAD = 100 pF
12
25
ns
Fall time
CLOAD = 100 pF
10
25
RSRC
Output source resistance
IOUT = 20 mA
10
20
35
RSINK
Output sink resistance
IOUT = 20 mA
5
15
30
Pins 7 and 9 pulses matching at FSW = 100
Duty cycle matching
35
ns
kHz
Thermal Shutdown
Rising threshold(3)
150
160
170
Falling threshold(3)
130
140
150
°C
Hysteresis
20
(2)
Output sink/source peak current value, defined by equation IP = 100 pF × dV/dt where dV/dt is taken from the output rise and fall
switching waveforms. It is not tested in production. Characterization is available upon request.
(3)
Thermal shutdown is not tested in production. Characterization is available upon request
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): UCC28230 UCC28231


Similar Part No. - UCC28230DRNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28230DRNR TI-UCC28230DRNR Datasheet
264Kb / 7P
[Old version datasheet]   Advanced PWM Controller For Bus Converters
More results

Similar Description - UCC28230DRNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28230 TI-UCC28230_15 Datasheet
2Mb / 50P
[Old version datasheet]   Advanced PWM Controller for Bus Converters
UCC28230 TI-UCC28230 Datasheet
264Kb / 7P
[Old version datasheet]   Advanced PWM Controller For Bus Converters
logo
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
   Advanced PWM Power Controller
logo
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
UC1638 TI-UC1638 Datasheet
304Kb / 9P
[Old version datasheet]   Advanced PWM Motor Controller
logo
Intersil Corporation
ISL6744 INTERSIL-ISL6744 Datasheet
403Kb / 18P
   Intermediate Bus PWM Controller
ISL6744A INTERSIL-ISL6744A Datasheet
344Kb / 18P
   Intermediate Bus PWM Controller
ISL6744AAUZ INTERSIL-ISL6744AAUZ Datasheet
345Kb / 18P
   Intermediate Bus PWM Controller
October 8, 2007
ISL6744AU INTERSIL-ISL6744AU Datasheet
323Kb / 18P
   Intermediate Bus PWM Controller
September 22, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com