Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28230DRNR Datasheet(PDF) 8 Page - Texas Instruments

Part # UCC28230DRNR
Description  Advanced PWM Controller for Bus Converters
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28230DRNR Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC28230DRNR Datasheet HTML 4Page - Texas Instruments UCC28230DRNR Datasheet HTML 5Page - Texas Instruments UCC28230DRNR Datasheet HTML 6Page - Texas Instruments UCC28230DRNR Datasheet HTML 7Page - Texas Instruments UCC28230DRNR Datasheet HTML 8Page - Texas Instruments UCC28230DRNR Datasheet HTML 9Page - Texas Instruments UCC28230DRNR Datasheet HTML 10Page - Texas Instruments UCC28230DRNR Datasheet HTML 11Page - Texas Instruments UCC28230DRNR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
UCC28230
UCC28231
SLUS814A – FEBRUARY 2008 – REVISED JUNE 2008 ................................................................................................................................................... www.ti.com
TERMINAL FUNCTIONS
TERMINAL
I/O
FUNCTION
DFN-12 TSSOP-14
NAME
PIN#
PIN#
±1.5% accurate 5 V for UCC28230 and 3.3 V for UCC28231, 10-mA output reference voltage with
short circuit protection that can be used for fixed switching frequency setting and/or for
1
1
VREF
O
housekeeping microcontroller. Place decoupling capacitor in 1
µF to 2.2 µF range from this pin to
GND.
Off time control threshold pin uses a resistor divider to set current level as percentage of current
2
2
OST
I
limit threshold.
Nominal off time TOFF and dead time TDT set pin. An external resistor connected between this pin
3
3
OS
I
and GND sets the dead time and nominal off time.
4
NC
Not connected pin, TSSOP-14 only.
Oscillator timing input pin. The external resistor which is connected between this pin and VIN sets
4
5
RT
I
the oscillator frequency which varies with VIN. Tying the external resistor to VREF sets fixed
frequency operation independent of VIN.
Input to adjustable soft-start,and hiccup mode circuit. Place soft-start capacitor from this pin to
5
6
SS
I/O
GND. The internal charge/discharge current ISS and an external capacitor value set the soft-start
timing, duration of cycle-by-cycle current limit and controller turn-off time for hiccup mode operation.
6
7
CS
I
Current sensing pin used for cycle-by-cycle current limit, short circuit protection and off time control.
8
AGND
Analog ground, TSSOP-14 only.
7
9
GND
Ground pin connected to thermal pad. All signals are referenced to this node.
8
10
O2_DIN
O
0.2-A sink/source switching output pin to an external driver providing 1-D pulse.
9
11
O2_D
O
0.2-A sink/source switching output pin to an external driver providing D pulse.
10
12
O1_DIN
O
0.2-A sink/source switching output pin to an external driver providing 1-D pulse.
11
13
O1_D
O
0.2-A sink/source switching output pin to an external driver providing D pulse.
Connect this pin to a 7-V to 17-V bias supply. Place a high quality at least 1-
µF ceramic bypass
12
14
VDD
I
capacitor from this pin to GND.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): UCC28230 UCC28231


Similar Part No. - UCC28230DRNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28230DRNR TI-UCC28230DRNR Datasheet
264Kb / 7P
[Old version datasheet]   Advanced PWM Controller For Bus Converters
More results

Similar Description - UCC28230DRNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28230 TI-UCC28230_15 Datasheet
2Mb / 50P
[Old version datasheet]   Advanced PWM Controller for Bus Converters
UCC28230 TI-UCC28230 Datasheet
264Kb / 7P
[Old version datasheet]   Advanced PWM Controller For Bus Converters
logo
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
   Advanced PWM Power Controller
logo
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
UC1638 TI-UC1638 Datasheet
304Kb / 9P
[Old version datasheet]   Advanced PWM Motor Controller
logo
Intersil Corporation
ISL6744 INTERSIL-ISL6744 Datasheet
403Kb / 18P
   Intermediate Bus PWM Controller
ISL6744A INTERSIL-ISL6744A Datasheet
344Kb / 18P
   Intermediate Bus PWM Controller
ISL6744AAUZ INTERSIL-ISL6744AAUZ Datasheet
345Kb / 18P
   Intermediate Bus PWM Controller
October 8, 2007
ISL6744AU INTERSIL-ISL6744AU Datasheet
323Kb / 18P
   Intermediate Bus PWM Controller
September 22, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com