Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSSW108T Datasheet(PDF) 6 Page - NICHIA CORPORATION

Part # NSSW108T
Description  SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSW108T Datasheet(HTML) 6 Page - NICHIA CORPORATION

Back Button NSSW108T Datasheet HTML 2Page - NICHIA CORPORATION NSSW108T Datasheet HTML 3Page - NICHIA CORPORATION NSSW108T Datasheet HTML 4Page - NICHIA CORPORATION NSSW108T Datasheet HTML 5Page - NICHIA CORPORATION NSSW108T Datasheet HTML 6Page - NICHIA CORPORATION NSSW108T Datasheet HTML 7Page - NICHIA CORPORATION NSSW108T Datasheet HTML 8Page - NICHIA CORPORATION NSSW108T Datasheet HTML 9Page - NICHIA CORPORATION NSSW108T Datasheet HTML 10Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
-5-
Nichia
STSE-CC7044B
<Cat.No.070606>
(4) Soldering Conditions
· The LEDs can be soldered in place using the reflow soldering method.
Nichia cannot make a
guarantee on the LEDs after they have been assembled using the dip soldering method.
· Recommended soldering conditions
Reflow Soldering
Hand Soldering
Lead Solder
Lead-free Solder
Pre-heat
Pre-heat time
Peak
temperature
Soldering time
Condition
120
~ 150°C
120 sec. Max.
240°C Max.
10 sec. Max.
refer to
Temperature - profile
1.
180
~ 200°C
120 sec. Max.
260°C Max.
10 sec. Max.
refer to
Temperature - profile
2.
(N2 reflow is recommended.)
Temperature
Soldering time
350°C Max.
3 sec. Max.
(one time only)
Although the recommended soldering conditions are specified in the above table, reflow or hand
soldering at the lowest possible temperature is desirable for the LEDs.
A rapid-rate process is not recommended for cooling the LEDs down from the peak temperature.
[Temperature-profile (Surface of circuit board)]
Use the conditions shown to the under figure.
[Recommended soldering pad design]
Use the following conditions shown in the figure.
· Occasionally there is a brightness decrease caused by the influence of heat or ambient atmosphere
during air reflow.
It is recommended that the User use the nitrogen reflow method.
· Repairing should not be done after the LEDs have been soldered.
When repairing is unavoidable,
a double-head soldering iron should be used.
It should be confirmed beforehand whether the
characteristics of the LEDs will or will not be damaged by repairing.
· Reflow soldering should not be done more than two times.
· When soldering, do not put stress on the LEDs during heating.
· After soldering, do not warp the circuit board.
(5) Cleaning
· It is recommended that isopropyl alcohol be used as a solvent for cleaning the LEDs.
When using
other solvents, it should be confirmed beforehand whether the solvents will dissolve the package and the
resin or not.
Freon solvents should not be used to clean the LEDs because of worldwide regulations.
· Do not clean the LEDs by the ultrasonic.
When it is absolutely necessary, the influence of ultrasonic
cleaning on the LEDs depends on factors such as ultrasonic power and the assembled condition.
Before cleaning, a pre-test should be done to confirm whether any damage to the LEDs will occur.
60sec.Max.
Above 220
°C
120sec.Max.
Pre-heating
260°C Max.
10sec. Max.
1~ 5°C / sec.
1~ 5°C / sec.
180 ~ 200°C
<
1 : Lead Solder>
<
2 : Lead-free Solder>
(Unit : mm)
60sec.Max.
Above 200
°C
120sec.Max.
Pre-heating
240°C Max.
10sec. Max.
2.5 ~ 5°C / sec.
2.5 ~ 5°C / sec.
120 ~ 150°C
1.5
1.5
0.9


Similar Part No. - NSSW108T

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSW100CT NICHIA-NSSW100CT Datasheet
417Kb / 13P
   TYPE WHITE LED
logo
Marl International Limi...
NSSW100D MARL-NSSW100D Datasheet
246Kb / 13P
   WHITE LED
logo
NICHIA CORPORATION
NSSW100DT NICHIA-NSSW100DT Datasheet
245Kb / 13P
   TYPE WHITE LED
NSSW105T NICHIA-NSSW105T Datasheet
310Kb / 13P
   TYPE WHITE LED
NSSW109 NICHIA-NSSW109 Datasheet
309Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
More results

Similar Description - NSSW108T

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSW109T NICHIA-NSSW109T Datasheet
309Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
NSCW100 NICHIA-NSCW100 Datasheet
367Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
logo
List of Unclassifed Man...
NSSW440TVR ETC2-NSSW440TVR Datasheet
348Kb / 11P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
NFSW036BT ETC1-NFSW036BT Datasheet
709Kb / 14P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
logo
NICHIA CORPORATION
NCSL119T-H1 NICHIA-NCSL119T-H1 Datasheet
1Mb / 17P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WARM WHITE LED
NSSL100CT NICHIA-NSSL100CT Datasheet
346Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WARM WHITE LED
NSSL100DT NICHIA-NSSL100DT Datasheet
259Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WARM WHITE LED
NCSL119AT-H1 NICHIA-NCSL119AT-H1 Datasheet
1Mb / 17P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WARM WHITE LED
logo
List of Unclassifed Man...
NSPWF50BS ETC-NSPWF50BS Datasheet
371Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
logo
NICHIA CORPORATION
NSPWR70CSS-K1 NICHIA-NSPWR70CSS-K1 Datasheet
587Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com