Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

361R471M100FV2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 361R471M100FV2
Description  105 ?C, Miniature, Industrial Grade, Radial Leaded
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

361R471M100FV2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  361R471M100FV2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 361R471M100FV2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 361R471M100FV2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 361R471M100FV2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 361R471M100FV2 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Type 361R 105 °C, Miniature, Industrial Grade, Radial Leaded
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Ratings
ESR Max.
120 Hz
25ºC (Ω)
Ripple A
120 Hz
85ºC (A)
Nom Size
D X L
(mm)
ESR Max.
120 Hz
25ºC (Ω)
Ripple A
120 Hz
85ºC (A)
Nom Size
D X L
(mm)
Cap.
(µF)
Catalog
Part Number
Cap.
(µF)
Catalog
Part Number
6.3 Vdc (8 Vdc Surge)
20 Vdc (25 Vdc Surge)
2200 361R222M6R3EG2
0.205
1.130
12.5 x 20
1000
361R102M020EG2
0.200
0.970
12.5 x 20
3300 361R332M6R3EK2
0.140
1.440
12.5 x 25
1500
361R152M020EK2
0.133
1.300
12.5 x 25
3900 361R392M6R3EM2
0.131
1.380
12.5 x 26.5
2200
361R222M020EM2
0.103
1.510
12.5 x 26.5
4700 361R472M6R3EN2
0.098
1.840
12.5 x 33.5
2700
361R272M020EN2
0.084
1.840
12.5 x 33.5
6800 361R682M6R3ER2
0.075
2.160
12.5 x 42.5
3300
361R332M020FK2
0.076
2.000
16 x 25
6800 361R682M6R3FK2
0.084
2.000
16 x 25
3300
361R332M020HH2
0.076
2.320
22 x 22
6800 361R682M6R3HH2
0.091
2.200
22 x 22
3900
361R392M020ER2
0.065
2.320
12.5 x 42.5
8200 361R822M6R3HK2
0.075
2.330
22 x 25
3900
361R392M020HK2
0.065
2.500
22 x 25
10000 361R103M6R3FF2
0.068
2.330
16 x 32
4700
361R472M020FF2
0.060
2.480
16 x 32
10000 361R103M6R3HG2
0.046
3.290
22 x 30
5600
361R562M020FQ2
0.055
2.720
16 x 36
12000 361R123M6R3FQ2
0.062
2.550
16 x 36
6800
361R682M020FV2
0.053
2.900
16 x 40
12000 361R123M6R3FV2
0.058
2.750
16 x 40
6800
361R682M020HG2
0.047
3.330
22 x 30
15000 361R153M6R3HV2
0.044
3.420
22 x 40
8200
361R822M020LQ2
0.047
3.180
18 x 36
15000 361R153M6R3LQ2
0.053
2.990
18 x 36
10000
361R103M020HV2
0.044
3.750
22 x 40
18000 361R183M6R3LV2
0.049
3.240
18 x 40
10000
361R103M020LV2
0.044
3.280
18 x 40
10 Vdc (12.5 Vdc Surge)
25 Vdc (32 Vdc Surge)
1500 361R152M010EG2
0.210
0.947
12.5 x 20
820
361R821M025EG2
0.280
0.860
12.5 x 20
2200 361R222M010EK2
0.158
1.330
12.5 x 25
1000
361R102M025EK2
0.230
1.080
12.5 x 25
2700 361R272M010EM2
0.144
1.420
12.5 x 26.5
1200
361R122M025EM2
0.190
1.150
12.5 x 26.5
3300 361R332M010EN2
0.115
1.760
12.5 x 33.5
1800
361R182M025EN2
0.128
1.550
12.5 x 33.5
4700 361R472M010ER2
0.083
2.250
12.5 x 42.5
2200
361R222M025FK2
0.121
1.660
16 x 25
4700
361R472M010FK2
0.093
2.000
16 x 25
2200
361R222M025HH2
0.121
1.840
22 x 22
4700 361R472M010HH2
0.094
2.170
22 x 22
2700
361R272M025ER2
0.096
2.000
12.5 x 42.5
5600 361R562M010HK2
0.074
2.540
22 x 25
3300
361R332M025FF2
0.091
2.080
16 x 32
6800
361R682M010FF2
0.073
2.440
16 x 32
3300
361R332M025HK2
0.091
2.230
22 x 25
8200 361R822M010FQ2
0.063
2.950
16 x 36
3900
361R392M025FK2
0.081
2.360
16 x 36
8200 361R822M010HG2
0.052
3.170
22 x 30
4700
361R472M025FV2
0.071
2.560
16 x 40
10000 361R103M010FV2
0.059
3.000
16 x 40
4700
361R472M025HG2
0.071
2.750
22 x 30
12000 361R123M010HV2
0.046
3.390
22 x 40
4700
361R472M025LQ2
0.071
2.710
18 x 36
12000 361R123M010LQ2
0.056
3.050
18 x 36
5600
361R562M025LV2
0.065
2.830
18 x 40
15000 361R153M010LV2
0.051
3.400
18 x 40
6800
361R682M025HV2
0.053
3.610
22 x 40
16 Vdc (20 Vdc Surge)
35 Vdc (44 Vdc Surge)
1000 361R102M016EG2
0.265
0.942
12.5 x 20
680
361R681M035EG2
0.287
0.850
12.5 x 20
1800 361R182M016EK2
0.156
1.350
12.5 x 25
1000
361R102M035EK2
0.199
1.200
12.5 x 25
2200 361R222M016EM2
0.147
1.410
12.5 x 26.5
1200
361R122M035EM2
0.190
1.250
12.5 x 26.5
3300 361R332M016EN2
0.108
1.790
12.5 x 33.5
1500
361R152M035EN2
0.133
1.570
12.5 x 33.5
3300
361R332M016FK2
0.100
1.880
16 x 25
1800
361R182M035FK2
0.133
1.620
16 x 25
3300 361R332M016HH2
0.100
2.080
22 x 22
1800
361R182M035HH2
0.110
1.840
22 x 22
4700 361R472M016ER2
0.084
2.200
12.5 x 42.5
2200
361R222M035ER2
0.106
1.900
12.5 x 42.5
4700
361R472M016FF2
0.077
2.280
16 x 32
2200
361R222M035FF2
0.106
2.000
16 x 32
4700 361R472M016HK2
0.082
2.430
22 x 25
2700
361R272M035FQ2
0.086
2.330
16 x 36
6800 361R682M016FQ2
0.066
2.670
16 x 36
2700
361R272M035HK2
0.086
2.180
22 x 25
6800
361R682M016FV2
0.064
2.700
16 x 40
3300
361R332M035FV2
0.080
2.380
16 x 40
6800 361R682M016HG2
0.014
3.110
22 x 30
3300
361R332M035HG2
0.081
2.570
22 x 30
7800 361R782M016LQ2
0.060
2.800
18 x 36
3300
361R332M035LQ2
0.080
2.400
18 x 36
9000 361R902M016HV2
0.011
3.590
22 x 40
4700
361R472M035HV2
0.064
3.270
22 x 40
10000 361R103M016LV2
0.053
3.000
18 x 40
4700
361R472M035LV2
0.064
2.700
18 x 40


Similar Part No. - 361R471M100FV2

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
361 PENTAIR-361 Datasheet
254Kb / 2P
   COMPACT, LOW-PROFILE SOLUTION FOR A BROAD RANGE OF FILTRATION APPLICATIONS
logo
Aries Electronics, Inc.
361 ARIES-361 Datasheet
653Kb / 2P
   PGA ZIF Test & Burn-in Socket for Any Footprint on Std 8x8 to 21x21 Grid
Rev. 1.10
logo
WECO ELECTRICAL CONNECT...
361 WECO-361 Datasheet
159Kb / 1P
   Flat screw terminals Heavy-duty version with grooved flat terminals, 3-pole
01.20
logo
Winchester Electronics ...
361-060-0040H WINCHESTER-361-060-0040H Datasheet
134Kb / 1P
   BMA STRAIGHT PCB MOUNT PLUG
361-595-0850H WINCHESTER-361-595-0850H Datasheet
58Kb / 1P
   BMA STRAIGHT BULKEHEAD JACK
More results

Similar Description - 361R471M100FV2

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
NLW200-6 CDE-NLW200-6 Datasheet
156Kb / 2P
   105 ?C, Miniature Computer Grade, Axial Leaded
SEK101M6R3ST CDE-SEK101M6R3ST Datasheet
446Kb / 6P
   105 ?C Radial Leaded Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
672D VISHAY-672D_V01 Datasheet
121Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
678D VISHAY-678D_V01 Datasheet
109Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
517D VISHAY-517D_V01 Datasheet
117Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
01-Jan-2022
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
517D VISHAY-517D Datasheet
103Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 07-Nov-06
logo
List of Unclassifed Man...
WBR100-16A ETC2-WBR100-16A Datasheet
163Kb / 2P
   Industrial Grade, Axial Leaded, Aluminum
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com