Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

400C312M350EE8 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 400C312M350EE8
Description  95 ?C, Long-Life, C Radial Leaded, Aluminum Electrolytic
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

400C312M350EE8 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  400C312M350EE8 Datasheet HTML 1Page - List of Unclassifed Manufacturers 400C312M350EE8 Datasheet HTML 2Page - List of Unclassifed Manufacturers 400C312M350EE8 Datasheet HTML 3Page - List of Unclassifed Manufacturers 400C312M350EE8 Datasheet HTML 4Page - List of Unclassifed Manufacturers 400C312M350EE8 Datasheet HTML 5Page - List of Unclassifed Manufacturers 400C312M350EE8 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Type 400C 95 °C, Long-Life, C Radial Leaded, Aluminum Electrolytic
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
ESR Max.
25 ºC
Ripple Amps.
85 ºC
Nom Size
ESR Max.
25 ºC
Ripple Amps.
85 ºC
Nom Size
Cap.
Catalog Part
120 Hz 20 kHz 120 Hz 20 kHz
D X L
Cap.
Catalog Part
120 Hz 20 kHz 120 Hz 20 kHz
D X L
µF
Number
(µΩ)
(µΩ)
(A)
(A)
(in)
µF
Number
(µΩ)
(µΩ)
(A)
(A)
(in)
780
400C781M450BA8 132.00 54.80
4.20
6.50
2 X 2 1/4
380
400C381M500AH8 187.00 68.90
2.90
4.80
1 3/8 X 2 3/4
850
400C851M450AJ8 107.00 36.80
4.40
7.50
1 3/8 X 3 3/4
400
400C401M500EA8 241.00 137.00
3.30
5.30
1 3/4 X 2 1/4
850
400C851M450EH8 111.00 41.70
4.50
7.30
1 3/4 X 2 3/4
490
400C491M500AB8 144.00 53.20
3.60
5.90
1 3/8 X 3 1/4
1000 400C102M450AC8 89.90 31.40
5.00
8.50
1 3/8 X 4 1/4
510
400C511M500BA8 192.00 116.00
3.90
6.10
2 X 2 1/4
1000 400C102M450BH8 95.40 38.90
5.30
8.30
2 X 2 3/4
580
400C581M500EH8 167.00 95.80
4.20
6.80
1 3/4 X 2 3/4
1100 400C112M450EB8 85.30 32.20
5.50
9.00
1 3/4 X 3 1/4
610
400C611M500AJ8 117.00 43.60
4.20
6.90
1 3/8 X 3 3/4
1200 400C122M450AD8 78.00 27.60
5.60
9.50
1 3/8 X 4 3/4
710
400C711M500BH8 133.00 80.80
5.10
7.80
2 X 2 3/4
1400 400C142M450AE8 69.10 24.70
6.30
10.50
1 3/8 X 5 1/4
720
400C721M500AC8 133.00 77.50
4.80
7.80
1 3/8 X 4 1/4
1400 400C142M450EJ8 69.40 26.50
6.30
10.20
1 3/4 X 3 3/4
760
400C761M500EB8 129.00 74.00
5.20
8.30
1 3/4 X 3 1/4
1400 400C142M450BB8 73.30 30.20
6.40
9.90
2 X 3 1/4
800
400C801M500AD8 85.80 32.60
5.40
8.70
1 3/8 X 4 3/4
1500 400C152M450AF8 62.10 22.50
7.00
11.60
1 3/8 X 5 3/4
940
400C941M500EJ8 105.00 60.60
6.00
9.50
1 3/4 X 3 3/4
1600 400C162M450EC8 61.10 23.50
7.10
11.50
1 3/4 X 4 1/4
950
400C951M500AE8 75.90 29.10
6.00
9.70
1 3/8 X 5 1/4
1700 400C172M450BJ8 59.70 24.80
7.90
12.30
2 X 3 3/4
960
400C961M500BB8 103.00 62.50
6.10
9.40
2 X 3 1/4
1900 400C192M450ED8 53.00 20.70
8.10
12.90
1 3/4 X 4 3/4
1100 400C112M500AF8 68.30 26.40
6.60
10.70
1 3/8 X 5 3/4
2000 400C202M450BC8 51.40 21.20
8.60
13.40
2 X 4 1/4
1100 400C112M500EC8 88.40 51.70
6.80
10.70
1 3/4 X 4 1/4
2100 400C212M450EE8 46.90 18.50
9.10
14.50
1 3/4 X 5 1/4
1200 400C122M500BJ8 83.50 51.30
7.50
11.60
2 X 3 3/4
2400 400C242M450EF8 42.20 16.90
10.20
16.20
1 3/4 X 5 3/4
1300 400C132M500ED8 76.70 45.20
7.60
12.00
1 3/4 X 4 3/4
2400 400C242M450BD8 44.40 18.80
9.50
14.70
2 X 4 3/4
1400 400C142M500BC8 70.70 43.80
8.20
12.60
2 X 4 1/4
2800 400C282M450BE8 37.90 16.40
10.70
16.30
2 X 5 1/4
1500 400C152M500EE8 68.00 40.50
8.60
13.50
1 3/4 X 5 1/4
3100 400C312M450BF8 34.30 15.00
11.60
17.60
2 X 5 3/4
1600 400C162M500BD8 61.50 38.40
9.10
13.90
2 X 4 3/4
500 Volts (550 Volts Surge)
1700 400C172M500EF8 61.20 36.80
9.70
15.10
1 3/4 X 5 3/4
170
400C171M500AK8 403.00 147.00
1.70
2.80
1 3/8 X 1 3/4
1900 400C192M500BE8 53.10 33.60
10.20
15.40
2 X 5 1/4
260
400C261M500AA8 269.00 98.60
2.40
3.90
1 3/8 X 2 1/4
2100 400C212M500BF8 48.00 30.70
11.10
16.70
2 X 5 3/4


Similar Part No. - 400C312M350EE8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
400C312M350EE8 CDE-400C312M350EE8 Datasheet
343Kb / 6P
   Long-Life, C Radial Leaded, Aluminum Electrolytic
400C312M350EE8 CDE-400C312M350EE8 Datasheet
143Kb / 6P
   Very Long Life Board-Mount Type
More results

Similar Description - 400C312M350EE8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
400C CDE-400C Datasheet
343Kb / 6P
   Long-Life, C Radial Leaded, Aluminum Electrolytic
logo
RFE international
RUK RFE-RUK Datasheet
989Kb / 5P
   Aluminum Electrolytic Capacitors RUK Series: Radial, Long Life, 125°C
07-OCT-2023
logo
Cornell Dubilier Electr...
SEK101M6R3ST CDE-SEK101M6R3ST Datasheet
446Kb / 6P
   105 ?C Radial Leaded Aluminum Electrolytic Capacitors
AHD107M10E16T CDE-AHD107M10E16T Datasheet
233Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Long Life, 105 ?C
AHA226M06B12T CDE-AHA226M06B12T Datasheet
458Kb / 5P
   SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life
logo
Vishay Siliconix
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
048RML VISHAY-048RML_17 Datasheet
120Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature Long Life
Revision: 28-Feb-17
048RML VISHAY-048RML_V01 Datasheet
100Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature Long Life
01-Jan-2023
logo
Cornell Dubilier Electr...
MLP193M7R5EK0A CDE-MLP193M7R5EK0A Datasheet
454Kb / 5P
   85 ?C Flatpack, Ultra-Long Life, Aluminum
SEK CDE-SEK_18 Datasheet
588Kb / 8P
   Long Life, Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com