Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSPE500S Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NSPE500S
Description  BLUISH-GREEN LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPE500S Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NSPE500S Datasheet HTML 1Page - NICHIA CORPORATION NSPE500S Datasheet HTML 2Page - NICHIA CORPORATION NSPE500S Datasheet HTML 3Page - NICHIA CORPORATION NSPE500S Datasheet HTML 4Page - NICHIA CORPORATION NSPE500S Datasheet HTML 5Page - NICHIA CORPORATION NSPE500S Datasheet HTML 6Page - NICHIA CORPORATION NSPE500S Datasheet HTML 7Page - NICHIA CORPORATION NSPE500S Datasheet HTML 8Page - NICHIA CORPORATION NSPE500S Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
-1-
Nichia
STSE-CE2171B
<Cat.No.031128>
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ta=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
30
mA
Pulse Forward Current
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
120
mW
Operating Temperature
Topr
-30 ~ + 85
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Soldering Temperature
Tsld
265°C
for 10sec.
IFP Conditions
:
Pulse Width
10msec.
and
Duty
1/10
(2) Initial Electrical/Optical Characteristics
(Ta=25°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF=10[mA]
-
3.5
4.0
V
Reverse Current
IR
VR= 5[V]
-
-
50
µA
Luminous Intensity
Rank IE3
Iv
IF=10[mA]
3200
9200
-
mcd
! Luminous Intensity Measurement allowance is ± 10%.
Color Rank
(IF=10mA,Ta=25°C)
Rank IE3
x
0.03
0.03
0.17
0.17
y
0.44
0.70
0.70
0.44
! Color Coordinates Measurement allowance is ± 0.012.
Average Value by Shipment Lot
(IF=10mA,Ta=25°C)
Item
Symbol
Average Control
x
Color Coordinates
(Average)
y
( x, y ) conforms to
the ITE green color requirement.
Luminous Intensity
(Average)
Iv
Iv > 7800mcd.
2.TYPICAL
INITIAL
OPTICAL/ELECTRICAL
CHARACTERISTICS
Please refer to figure’s page.
3.OUTLINE
DIMENSIONS
AND
MATERIALS
Please refer to figure’s page.
Material as follows ;
Resin(Mold) :
Epoxy Resin
Leadframe
:
Ag plating
Copper Alloy
<
=
<
=


Similar Part No. - NSPE500S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSPE500S ETC1-NSPE500S Datasheet
958Kb / 15P
   NSPE500S
More results

Similar Description - NSPE500S

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPE800S NICHIA-NSPE800S Datasheet
259Kb / 15P
   BLUISH-GREEN LED
logo
Lucky Light Electronic
LL-304BGC4B-G3-3BD LUCKY-LIGHT-LL-304BGC4B-G3-3BD Datasheet
133Kb / 7P
   Bluish Green LED
LL-484BGC1C-G3-3B LUCKY-LIGHT-LL-484BGC1C-G3-3B_15 Datasheet
135Kb / 7P
   Bluish Green LED
LL-304BGC2L-G3-3B LUCKY-LIGHT-LL-304BGC2L-G3-3B_15 Datasheet
135Kb / 7P
   Bluish Green LED
LL-484BGC1C-G3-3F LUCKY-LIGHT-LL-484BGC1C-G3-3F Datasheet
135Kb / 7P
   Bluish Green LED
logo
NICHIA CORPORATION
NCSE219BT-V1 NICHIA-NCSE219BT-V1 Datasheet
282Kb / 19P
   BLUISH-GREEN LED
logo
Lucky Light Electronic
LL-304BGC2L-G3-1B LUCKY-LIGHT-LL-304BGC2L-G3-1B Datasheet
140Kb / 7P
   Bluish Green LED
LL-304BGC2L-G3-3F LUCKY-LIGHT-LL-304BGC2L-G3-3F Datasheet
135Kb / 7P
   Bluish Green LED
logo
NICHIA CORPORATION
NJSE036AT NICHIA-NJSE036AT Datasheet
612Kb / 15P
   BLUISH-GREEN LED
NSPE590S NICHIA-NSPE590S Datasheet
305Kb / 15P
   BLUISH-GREEN LED
NEPE510AS NICHIA-NEPE510AS Datasheet
285Kb / 15P
   BLUISH-GREEN LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com