Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSPL500DS Datasheet(PDF) 10 Page - NICHIA CORPORATION

Part # NSPL500DS
Description  WARM WHITE LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPL500DS Datasheet(HTML) 10 Page - NICHIA CORPORATION

Back Button NSPL500DS Datasheet HTML 5Page - NICHIA CORPORATION NSPL500DS Datasheet HTML 6Page - NICHIA CORPORATION NSPL500DS Datasheet HTML 7Page - NICHIA CORPORATION NSPL500DS Datasheet HTML 8Page - NICHIA CORPORATION NSPL500DS Datasheet HTML 9Page - NICHIA CORPORATION NSPL500DS Datasheet HTML 10Page - NICHIA CORPORATION NSPL500DS Datasheet HTML 11Page - NICHIA CORPORATION NSPL500DS Datasheet HTML 12Page - NICHIA CORPORATION NSPL500DS Datasheet HTML 13Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
1mA
20mA
100mA
50mA
5mA
-30°C
0°C
25°C
50°C
85°C
400
500
600
800
700
0.43
0.44
0.45
0.46
0.47
0.43
0.42
0.39
0.41
0.40
0.43
0.44
0.45
0.46
0.47
0.43
0.42
0.40
0.39
0.41
1.2
1.0
0.8
0.4
0.2
0
0.6
1.0
0.5
0
Ambient Temperature vs.
Chromaticity Coordinate
Directivity
Spectrum
Forward Current vs.
Chromaticity Coordinate
Radiation Angle
x
Wavelength
λ (nm)
Ta=25°C
IFP=20mA
Ta=25°C
IF=20mA
x
10° 20°
30°
40°
50°
60°
70°
80°
90°
IFP=20mA
Ta=25°C
30°
0.5
90°
60°
1.0
Model
NSPL500D(S)
NICHIA CORPORATION Title
No.
080326813081
CHARACTERISTICS


Similar Part No. - NSPL500DS

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
NSPL500DS MARL-NSPL500DS Datasheet
494Kb / 14P
   WARM WHITE LED
logo
AAEON Technology
NSPL500DS AAEON-NSPL500DS Datasheet
494Kb / 14P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
logo
NICHIA CORPORATION
NSPL500DS NICHIA-NSPL500DS_14 Datasheet
229Kb / 16P
   SPECIFICATIONS FOR WARM WHITE LED
logo
AAEON Technology
NSPL500DS AAEON-NSPL500DS_15 Datasheet
494Kb / 14P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
More results

Similar Description - NSPL500DS

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
NSPL515DS MARL-NSPL515DS Datasheet
500Kb / 15P
   WARM WHITE LED
logo
NICHIA CORPORATION
NSPL515S NICHIA-NSPL515S Datasheet
333Kb / 15P
   WARM WHITE LED
NESL064AT NICHIA-NESL064AT Datasheet
521Kb / 15P
   WARM WHITE LED
NFSL036LT NICHIA-NFSL036LT Datasheet
304Kb / 14P
   WARM WHITE LED
NSPL510S NICHIA-NSPL510S Datasheet
417Kb / 15P
   WARM WHITE LED
NFSL036CT-H1 NICHIA-NFSL036CT-H1 Datasheet
522Kb / 15P
   WARM WHITE LED
NGPLR70ASS NICHIA-NGPLR70ASS Datasheet
270Kb / 13P
   WARM WHITE LED
NSPL510DS NICHIA-NSPL510DS Datasheet
475Kb / 13P
   WARM WHITE LED
NSPLR70ASS NICHIA-NSPLR70ASS Datasheet
409Kb / 13P
   WARM WHITE LED
logo
Marl International Limi...
NSPL500DS MARL-NSPL500DS Datasheet
494Kb / 14P
   WARM WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com